Part Number Hot Search : 
FST2045 M54566WP 2V473J0L 1040C R1002 SDB110Q 202157B SEL2610C
Product Description
Full Text Search
 

To Download SI8900EDB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI8900EDB
New Product
Vishay Siliconix
Bi-Directional N-Channel 20-V (D-S) MOSFET
FEATURES PRODUCT SUMMARY
VS1S2 (V) rS1S2(on) (W)
0.024 @ VGS = 4.5 V 20 0.026 @ VGS = 3.7 V 0.034 @ VGS = 2.5 V 0.040 @ VGS = 1.8 V Bump Side View
IS1S2 (A)
7 6.8 5.0 5.5
D D D D
TrenchFETr Power MOSFET Ultra-Low rSS(on) ESD Protected: 4000 V New MICRO FOOTt Chipscale Packaging Reduces Footprint Area Profile (0.62 mm) and On-Resistance Per Footprint Area
APPLICATIONS
D Battery Protection Circuit - 1-2 Cell Li+/LiP Battery Pack for Portable Devices
S1
MICRO FOOTt
Backside View
S2
76
S2 Pin 1 Identifier
S2
85
S2
G1 4 kW Device Marking: 8900E = P/N Code xxx = Date/Lot Traceability Code 4 kW G2
8900E xxx
G2
9
4
G1
S1
10 3
S1
N-Channel S1 12 S1
S2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Source1--Source2 Voltage Gate-Source Voltage Continuous Source1--Source2 Current (TJ = 150_C)a _ Pulsed Source1--Source2 Current Maximum Power Dissipationa Operating Junction and Storage Temperature Range Package Reflow Conditionsc VPR IR/Convection TA = 25_C TA = 85_C TA = 25_C TA = 85_C
Symbol
VS1S2 VGS IS1S2 ISM
5 secs
20
Steady State
"12
Unit
V
7 5.1 10 1.8
5.4 3.9 1 0.5 -55 to 150 215 220 _C C W A
PD TJ, Tstg
0.9
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambienta Maximum Junction-to-Footb t v 5 sec Steady State Steady State RthJA RthJF
Symbol
Typical
55 95 12
Maximum
70 120 15
Unit
_C/W C/W
Notes a. Surface Mounted on 1" x 1" FR4 Board. b. The Foot is defined as the top surface of the package. c. Refer to IPC/JEDEC (J-STD-020A), no manual or hand soldering. Document Number: 71830 S-21474--Rev. D, 26-Aug-02 www.vishay.com
1
SI8900EDB
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage VGS(th) IGSS VSS = VGS, ID = 1.1 mA VSS = 0 V, VGS = "4.5 V Gate-Body Leakage VSS = 0 V, VGS = "12 V VSS = 16 V, VGS = 0 V Zero Gate Voltage Source Current On-State Source Currenta IS1S2 IS(on) VSS = 16 V, VGS = 0 V, TJ = 85_C VSS = 5 V, VGS = 4.5 V VGS = 4.5 V, ISS = 1 A VGS = 3.7 V, ISS = 1 A Source1--Source2 On-State Resistancea rS1S2(on) VGS = 2.5 V, ISS = 1 A VGS = 1.8 V, ISS = 1 A Forward Transconductancea gfs VSS = 10 V, ISS = 1 A 5 0.020 0.022 0.026 0.032 31 0.024 0.026 0.034 0.040 S W 0.45 1.0 "4 "10 1 5 V mA mA mA m A
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time td(on) tr td(off) tf VSS = 10 V, RL = 10 W ISS ^ 1 A, VGEN = 4.5 V, RG = 6 W 3 4.5 55 15 5 7 85 25 ms m
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Gate-Current vs. Gate-Source Voltage
20 IGSS @ 25_C (mA) I GSS - Gate Current (mA) 16 I GSS - Gate Current (mA) 10,000
Gate Current vs. Gate-Source Voltage
1,000 100 TJ = 150_C 10
12
8
1 TJ = 25_C 0.1
4
0 0 3 6 9 12 15
0.01 0 3 6 9 12 15
VGS - Gate-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2
Document Number: 71830 S-21474--Rev. D, 26-Aug-02
SI8900EDB
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
10 VGS = 5 thru 1.5 V 8 I D - Drain Current (A) I D - Drain Current (A) 8 10
Vishay Siliconix
Transfer Characteristics
6
6
4
1V
4 TC = 125_C 2 25_C -55 _C
2
0 0 1 2 3 4
0 0.0
0.2
0.4
0.6
0.8
1.0
1.2
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
On-Resistance vs. Drain Current
0.05 1.6
On-Resistance vs. Junction Temperature
VGS = 4.5 V IS1S2 = 1 A
r DS(on) - On-Resistance ( W )
VGS = 1.8 V 0.03 VGS = 2.5 V VGS = 3.7 V 0.02 VGS = 4.5 V
r DS(on) - On-Resistance (W) (Normalized) 10
0.04
1.4
1.2
1.0
0.01
0.8
0.00 0 2 4 6 8
0.6 -50
-25
0
25
50
75
100
125
150
ID - Drain Current (A)
TJ - Junction Temperature (_C)
On-Resistance vs. Gate-to-Source Voltage
0.10 0.2
Threshold Voltage
r DS(on) - On-Resistance ( W )
0.08 V GS(th) Variance (V) IS1S2 = 5 A 0.06 IS1S2 = 1 A 0.04
0.1 IS1S2 = 1.1 mA -0.0
-0.1
-0.2
0.02
-0.3
0.00 0 1 2 3 4 5
-0.4 -50
-25
0
25
50
75
100
125
150
VGS - Gate-to-Source Voltage (V) Document Number: 71830 S-21474--Rev. D, 26-Aug-02
TJ - Temperature (_C)
www.vishay.com
3
SI8900EDB
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Single Pulse Power, Junction-to-Ambient
30 25
20 Power (W)
15
10
5
0 0.01
0.1
1 Time (sec)
10
100
1000
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02 Single Pulse 0.01 10- 4 10- 3 10- 2 10- 1 1 Square Wave Pulse Duration (sec) 10 100 600
PDM t1 t2 1. Duty Cycle, D = t1 t2 2. Per Unit Base = RthJA = 95_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10- 4 10- 3 10- 2 Square Wave Pulse Duration (sec) 10- 1 1
www.vishay.com
4
Document Number: 71830 S-21474--Rev. D, 26-Aug-02
SI8900EDB
New Product
PACKAGE OUTLINE MICRO FOOT: 10-BUMP (2 X 5, 0.8-mm PITCH)
10 O 0.30 X 0.31 Note 3 Solder Mask O X 0.40
Vishay Siliconix
A e
A2 A1
Silicon Bump Note 2
e Recommended Land
b Diamerter S2
8900E xxx
Mark on Backside of Die
E
e
S1
e D
NOTES (Unless Otherwise Specified): 1. 2. 3. Laser mark on the silicon die back, coated with a thin metal. Bumps are Eutectic solder 63/57 Sn/Pb. Non-solder mask defined copper landing pad.
MILLIMETERS* Dim A A1 A2 b D E e S1 S2 Min
0.600 0.260 0.340 0.370 4.050 1.980 0.750 0.430 0.580
INCHES Min
0.0236 0.102 0.0134 0.0146 0.1594 0.0780 0.0295 0.0169 0.0228
Max
0.650 0.290 0.360 0.410 4.060 2.000 0.850 0.450 0.600
Max
0.0256 0.0114 0.0142 0.0161 0.1598 0.0787 0.0335 0.0177 0.0236
* Use millimeters as the primary measurement.
Document Number: 71830 S-21474--Rev. D, 26-Aug-02
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI8900EDB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X