Part Number Hot Search : 
K2231 BZX84C3 BZ5227B MIC2586 04506 SLR343 74LS13 DD110F
Product Description
Full Text Search
 

To Download SDB151L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SDB151L THRU SDB158L
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
SDB-1
B
Features
Surface Mount Package Low Profile Package Moisture Resistant Epoxy Case High Surge Current Capability
* *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C MCC Part Number SDB151L SDB152L SDB153L SDB154L SDB155L SDB156L SDB157L SDB158L Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 500V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 350V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 500V 600V 800V 1000V
+
D
C
Device Marking SDB151 SDB152 SDB153 SDB154 SDB155 SDB156 SDB157 SDB158
K
Notch in Case
A
G E
H DIMENSIONS INCHES MIN .316 .245 .040 .360 .086 .004 .195 .038 MM MIN 8.05 6.20 1.02 9.40 2.20 0.10 5.00 1.00
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.5 A TA = 40C Current Peak Forward Surge IFSM 50A 8.3ms, half sine Current Maximum 1.1V IFM = 1.5A ; Instantaneous VF Forward Voltage TA = 25C Maximum DC IR Reverse Current At 10A TA = 25C Rated DC Blocking 1.0mA TA = 100 C Voltage Typical Junction CJ 25pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
DIM A B C D E G H K
MAX .335 .255 .060 .410 .098 .011 .205 .042
MAX 8.51 6.50 1.52 10.40 2.50 0.28 5.20 1.10
NOTE
TYP
Suggested Solder Pad Layout
.047"
.344" .060"
.205"
Version: 3
www.mccsemi.com
2003/01/08
SDB151L thru SDB158L
MCC
Figure 2 Typical Reverse Characteristics 100 60 40 20 10
Figure 1 Typical Forward Characteristics 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 1.0 1.2 1.4
6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=25C
Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts
Figure 3 Forward Derating Curve 1.2 60 1.0 50 40 30 Amps .6 .4 .2 Amps 20 10 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 4 Peak Forward Surge Current
.8
1
2
4
6 8 10 20 Cycles
40
60 80 100
0
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
Version: 3
www.mccsemi.com
2003/01/08


▲Up To Search▲   

 
Price & Availability of SDB151L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X