|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SD1020YT Thru SD10100YT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * For thorough hole applications * Low profile package * Built-in strain relief AAEAAC AAEEA EA C AAEA EAAE C AAAAAAC AAA A AA C TO-251AB AAAEAAAEC * Metal to silicon rectifier majority carrier conduction * Low power loss, High efficiency * High current capability, low VF * High surge capacity * For use in low voltage high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed:260C/10 seconds at terminals C A E A E A A A C A E A A A AAAAAAC 4 C A A AE A A A A A C A AE A E E A A AAEAAAEC C E A A A C A A A A A 1 3 AAAEAAAAC AAAAAAAEC AAAAC AAAAAEC 2 AAA AAA AAAAAAC MECHANICAL DATA Case: TO-251AB molded plastic Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 Polarity: Color band denotes cathode Weight: 0.015 ounce, 0.4 gram. AAAAEC AAAAEC 1 3 2 4 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Resistive or inductive load. SYMBOLS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC=75oC Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Instantaneous Forward Voltage at 10.0A (Note 1) Maximum DC Reverse Current (Note 1)TA=25oC at Rated DC Blocking Voltage TA=100oC Maximum Thermal Resistance (Note 2) Operating Junction Temperature Range Storage Temperature Range V V V RRM SD1020YT 20 14 20 10.0 SD1030YT 30 21 30 10.0 SD1040YT 40 28 40 10.0 SD1050YT 50 35 50 10.0 SD1060YT 60 42 60 10.0 SD1080YT 80 56 80 10.0 SD10100YT 100 70 100 10.0 UNITS Volts Volts Volts Amps RMS DC I (AV) I FSM 200 200 200 200 200 200 200 Amps V F 0.55 0.2 20 6 80 0.55 0.2 20 6 80 0.55 0.2 20 6 80 0.75 0.2 20 6 80 -55 to +125 -65 to +150 0.75 0.2 20 6 80 0.85 0.2 20 6 80 0.85 0.2 20 6 80 o Volts IR RJC RJA TJ T STG mA C/W o C C o NOTES: 1. Pulse Test with PW=300sec, 2% Duty Cycle. 2. Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas. Part Number: SD1020YT - SD10100YT PAGE 1 RATING AND CHARACTERISTIC CURVES INSTANTANEOUS FORWARD CURRENT, AMPERES 50 O 20 - 40 V TJ = 25 C f = 1.0mHz Vsig = 50mVp-p 50 - 60 V 80 - 100 V 10.0 AVERAGE FORWARD RECITIFIED CURRENT AMPERES 10 8.0 6.0 4.0 RESISTIVE OR INDUCTIVE LOAD 1.0 2.0 0 0 20 40 60 80 100 O 120 140 160 0.1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 1.1 CASE TEMPERATURE, C INSTANTANEOUS FORWARD VOLTAGE, VOLTS Fig.1- FORWARD CURRENT DERATING CURVE Fig.2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC 10000 INSTANTANEOUS REVERSE CURRENT, MILAMPERES 10 1.0 T J = 100 OC 1000 T J = 75 C O CAPACITANCE, pF 0.10 100 TJ = 25 C f = 1.0mHz Vsig = 50mVp-p O T J = 25 OC 0.01 .001 10 0.1 20 40 60 80 100 120 140 1.0 10 100 REVERSE VOLTAGE, VOLTS Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4- TYPICAL JUNCTION CAPACITANCE PEAK FORWARD SURGE CURRENT, AMPERES 240 200 160 120 80 40 0 1 10 NUMBER OF CYCLE AT 60HZ 100 Fig.5- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT Part Number: SD1020YT - SD10100YT PAGE 2 |
Price & Availability of SD1060YT |