Part Number Hot Search : 
T1510 KS8995M FX909AD5 CXA1268P RLZ13B 1N4999 EA1532A 2SA133
Product Description
Full Text Search
 

To Download S78DL05L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
S78DL05L
Low Drop output Voltage Regulator
Descriptions
* Three Terminal Positive Low Dropout Voltage Regulator
Features
* Low Standby Current Consumption (500 Typ.) * Maximum Output Current (150 Max.) * Less I/O voltage Difference (0.7V Max.)
Ordering Information
Type NO. S78DL05L Marking S78DL05L Package Code TO-92L
Outline Dimensions
unit :
mm
PIN Connections 1. Output 2. GND 3. Input
Functional Block Diagram
KSI-9012-000
1
S78DL05L
Maximum ratings
Characteristic
Operating Input voltage Power Dissipation Operating Temperature Range Junction Temperature Storage Temperature Range Lead Temperature Time
Ta=25C
Symbol
VIN PD TOPR Tj Tstg Tsol
Ratings
20 1 -40~+85 150 -55~150 260 (10 Sec)
Unit
V W C C C C
Electrical Characteristics
( VIN=10V,
Output voltage Voltage Regulation Load Regulation Quiescent Current Dropout Voltage Maximum Operating Input Voltage
IOUT=10 ,
Tj =25C)
Characteristic
Symbol
VOUT VOUT(1) VOUT(2) ICC VDROP VIN
Test Condition
VIN=5.35V~20V , Ta=-40~85C VIN=6V~16V IOUT=10~100mA IOUT 10mA , VIN=6V~20V IOUT=50mA IOUT=100mA
Min. Typ. Max.
4.8 20 5 10 12 0.5 0.3 0.5 29 5.2 30 50 1 0.5 0.7 -
Unit
V mV mV mA V V
Test circuit
KSI-9012-000
2
S78DL05L
Electrical Characteristic Curves
Fig. 1. Vin - Vout Fig. 2 |Vout - Vin| -IC
Fig. 3. Pd - Ta
Fig. 4. Icc - Vout
KSI-9012-000
3


▲Up To Search▲   

 
Price & Availability of S78DL05L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X