Part Number Hot Search : 
K1225 SI4940DY MAX13 BAV70W PL3843B PE4149 45F2R0 E1300
Product Description
Full Text Search
 

To Download RN4962FE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN4962FE
TOSHIBA Transistor Silicon NPN*PNP Epitaxial Type (PCT process) (Bias Resistor built-in Transistor)
RN4962FE
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
* * Two devices are incorporated into an Extreme-Super-Mini (6 pin) package. Incorporating a bias resistor into a transistor reduces parts count. Reducing the parts count enable the manufacture of ever more compact equipment and save assembly cost. Unit: mm
Equivalent Circuit and Bias Resistor Values
Q1
C
Q2
C
B
R1 R2
B
R1 R2
JEDEC
E E
g (typ.)
JEITA TOSHIBA Weight:
R1: 10 kW R2: 10 kW (Q1, Q2 common)
Marking
Equivalent Circuit (top view)
6 5 4
17B
Q1
Q2
1
2
3
1
2002-01-31
RN4962FE
Maximum Ratings (Ta = 25C) (Q1)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC Rating 50 50 10 100 Unit V V V mA
Maximum Ratings (Ta = 25C) (Q2)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Symbol VCBO VCEO VEBO IC Rating -50 -50 -10 -100 Unit V V V mA
Maximum Ratings (Ta = 25C) (Q1, Q2 common)
Characteristics Collector power dissipation Junction temperature Storage temperature range Symbol PC (Note) Tj Tstg Rating 100 150 -55~150 Unit mW C C
Note: Total rating
2
2002-01-31
RN4962FE
Electrical Characteristics (Ta = 25C) (Q1)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Input voltage (ON) Input voltage (OFF) Transition frequency Collector output capacitance Symbol ICBO ICEO IEBO hFE VCE (sat) VI (ON) VI (OFF) fT Cob Test Condition VCB = 50 V, IE = 0 VCE = 50 V, IB = 0 VEB = 10 V, IC = 0 VCE = 5 V, IC = 10 mA IC = 5 mA, IB = 0.25 mA VCE = 0.2 V, IC = 5 mA VCE = 5 V, IC = 0.1 mA VCE = 50 V, IC = 0 VCB = 50 V, IE = 0, f = 1 MHz Min 3/4 3/4 0.38 50 3/4 1.2 1.0 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 0.1 3/4 3/4 250 3 Max 100 500 0.71 3/4 0.3 2.4 1.5 3/4 6 V V V MHz pF Unit nA mA
Electrical Characteristics (Ta = 25C) (Q2)
Characteristics Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Input voltage (ON) Input voltage (OFF) Transition frequency Collector output capacitance Symbol ICBO ICEO IEBO hFE VCE (sat) VI (ON) VI (OFF) fT Cob Test Condition VCB = -50 V, IE = 0 VCE = -50 V, IB = 0 VEB = -10 V, IC = 0 VCE = -5 V, IC = -10 mA IC = -5 mA, IB = -0.25 mA VCE = -0.2 V, IC = -5 mA VCE = -5 V, IC = -0.1 mA VCE = -50 V, IC = 0 VCB = -50 V, IE = 0, f = 1 MHz Min 3/4 3/4 -0.38 50 3/4 -1.2 -1.0 3/4 3/4 Typ. 3/4 3/4 3/4 3/4 -0.1 3/4 3/4 200 3 Max -100 -500 -0.71 3/4 -0.3 -2.4 -1.5 3/4 6 V V V MHz pF Unit nA mA
Electrical Characteristics (Ta = 25C) (Q1, Q2 common)
Characteristics Input resistor Resistor ratio Symbol R1 R1/R2 Test Condition 3/4 3/4 Min 7 0.9 Typ. 10 1.0 Max 13 1.1 Unit kW
3
2002-01-31
RN4962FE
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
4
2002-01-31


▲Up To Search▲   

 
Price & Availability of RN4962FE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X