Part Number Hot Search : 
080HN C720006 1200A DS1626 HN2S04FU 100353PC 2SB1261 80N60
Product Description
Full Text Search
 

To Download RC15S06G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. RC15S01G THRU RC15S10G
SILICON GPP CELL RECTIFIER
VOLTAGE: 100 TO 1000V CURRENT: 15A
FEATURES
* Glass passivated junction chip * High surge capability * Solderable electrode surfaces * Ideal for hybrids
TECHNICAL SPECIFICATION
MECHANICAL DATA
* Polarity: Bottom or upper electrode denotes cathode according to the notice in in package
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Ta=55oC) (Note 2) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at rated forward current) Maximum DC Reverse Current Ta=25oC (at rated DC blocking voltage) Ta=150 C
o
SYMBOL
VRRM VRMS VDC IF(AV) IFSM VF IR
RC15S RC15S RC15S RC15S RC15S RC15S UNITS 01G 02G 04G 06G 08G 10G 100 200 400 600 800 1000 V 70 140 280 420 560 700 V 100 200 400 600 800 1000 V
15 400 1.0 10 300 300 1 -50 to +150
o
A A V A A pF C/W o C
CJ Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 3) R(ja) Storage and Operation Junction Temperature TSTG,TJ Note: 1. Measured at 1 MHz and applied voltage of 4.0Vdc 2. When mounted to heat sink from body. 3. Thermal resistance from junction to ambient.
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of RC15S06G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X