Part Number Hot Search : 
H8S2112 SDD800 TL1021 BQ25710 SNC552 AN5026K E3B0365 SEMIC
Product Description
Full Text Search
 

To Download PXF4222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT BRIEF
Interworking Controller Next Generation
The IWORX-P, a further member of Infineon's interworking family, is a flexible communication network controller. It functions as an interworking element enabling the transport of the ATM traffic over PDH based networks. It is found in 3 G mobile infrastructure as well as in WAN Routers or multiservice applications. The IWORX-P supports all features of Infineon's established IWE-8 but integrates IMA, Microcontroller (e.g. for OAM functionality) and RAM additionally. It is supporting the adaptation of voice and video traffic via AAL 1 in line card applications with speeds of up to 16 Mbit/s. Shared location of 2 G and 3 G mobile networks for easy network migration path is enabled via AAL1 and CES. Being a system on a chip with integrated memory and controlled via high-level command interface (API), the IWORX-P is the optimized solution in terms of ease of use, space & power economy. Applications 3 G base transceiver stations (Node B) and radio network controller (RNC) Multiservice Linecards Multimedia Gateways DSLAM/DLC Uplink Cards WAN Routers Features ATM Adaptation Layer Functions AAL1 mode (ITU-T I.363-1) - Channelized and unchannelized Circuit Emulation Service (CES) (ATMF AF-VTOA 0078.000) - Support of Channel Associated Signaling (CAS) - Support of up to 256 AAL1 ATM connections - Built in SRTS and ACM clock recovery methods ATM Layer Functions ATM OAM Fault Management according to ITU-T I.610 (99) - Alarm Indication Signal (AIS) - Remote Defect Indication (RDI) - Continuity Check (CC) Address Reduction & Header Translation
Transmission Convergence Sublayer Functions ATM TC sublayer (ITU-T G.804) ATM cell mapping on fractional E1/T1/J1 (AF-PHY-0130.00) IMA (ATMF AF-PHY 0086.000/ AF-PHY 0086.001) 4 IMA groups for up to 8 links 25 ms differential link delay com-pensation for IMA on chip
General Features Up to 16 Mbit/s datarate throughput Easy device configuration via Message Based Interface On chip memory and CPU for device configuration and operation System recovery support via read-back of configuration and connection data Power consumtion less than 2 W Power supply 3.3 V I/Os, 1.8 V core Temperature range -40C to +85C Package P-BGA-388
www.infineon.com/iworx
IWORX-P
ATM Interworking Controller PXF 4222
Never
stop
thinking.
PRODUCT BRIEF
IWORX-P PXF 4222 Block Diagram
Interfaces 8 E1/T1/J1 interfaces with direct connection to external framers, e.g. QuadFALC(R) Utopia interface (ATMF AFPHY 0017.000, 0039.000), level 1 and 2 (Multi PHY Mode) 16/32-bit Microprocessor Interface (Intel or Motorola type) Documentation and Support User's Manuals - Functional Description - Programmers Reference EASY 4222-R1 customer evaluation board Interworking Application wizard: - Configuration tool - Message Sequence Generator Low Level Driver
T1/E1 T1/E1 T1/E1 PDH IF T1/E1 T1/E1 T1/E1 T1/E1 T1/E1 RAM Host IF G.804 IMA8 P UTOPIA IF AAL1
Product IWORX-P
Sales Code PXF 4222 E
Package P-BGA-388
8 x E1/T1/J1 ATM-Linecard Application Example
PCM To Backplane
Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in lifesupport devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered. Ordering No. B115-H8077-X-X-7600 Printed in Germany PS 05031. NB
Quad FALC To Network Utopia IWORX-P Quad FALC Backplane Device
Board-Controller
How to reach us: http://www.infineon.com Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81669 Munchen (c) Infineon Technologies AG 2003. All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office.
Template: pb_tmplt.fm/2/2003-05-01
Published by Infineon Technologies AG


▲Up To Search▲   

 
Price & Availability of PXF4222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X