Part Number Hot Search : 
332I520 CE3A1065 2A001 TQTRX SB250 RU3582R SMS51 SMS51
Product Description
Full Text Search
 

To Download PF1016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PF1016
MOS FET Power Amplifier Module for Land Mobile Radio
ADE-208-107A (Z) 2nd. Edition July 1996 Features
* * * *
Frequency range: 806 to 824 MHz Surface mounted small package: 1 cc, 3 g with shielded cover Wide power control range: 70 dB Typ Low power control current: 300 A Typ
Pin Arrangement
* RF-E 4 1: Pin 2: VAPC 3: VDD 4: Pout 5: GND
5 5 1
3 25
PF1016
Internal Diagram and External Circuit
Pin1 Pin
Pin2 VAPC
Pin3 VDD
Pin4 Pout
Z1
C1
FB1
C3
C4
FB2
C2
Z2
Pin
VAPC
VDD
Pout
C1 = C2 = 0.01 F (Ceramic chip capacitor) C3 = C4 = 4.7 F (Tantalum) FB = Ferrite bead BL01RN1-A62-001 (Manufacture: MURATA) or equivalent Z1 = Z2 = 50 (Microstrip line)
Absolute Maximum Ratings (Tc = 25C)
Item Supply voltage Supply current APC voltage Input power Operating case temperature Storage temperature Symbol VDD IDD VAPC Pin Tc (op) Tstg Rating 12 2 3 20 Unit V A V mW C C
-30 to +100 -30 to +100
PF1016
Electrical Characteristics (Tc = 25C)
Item Drain cutoff current Total efficiency 2nd harmonic distortion 3rd harmonic distortion Input VSWR Output power Isolation Stability Symbol IDS T 2nd H.D. 3rd H.D. Min Max 100 Unit A % dBc dBc Test Condition VDD = 12 V, VAPC = 0 V, Rg = RL = 50 f = 806, 825 MHz, Pin = 1 mW, VDD = 7 V, Rg = RL = 50 , Pout = 1.0 W (at APC controlled)
--
35
-- -30 -30
3
-- --
VSWR (in) -- Pout (1) 1.4
--
W dBm f = 806, 825 MHz, Pin = 1 mW, VDD = 7 V, VAPC = 3 V, Rg = RL = 50 f = 806, 825 MHz, Pin = 1 mW, VDD = 7 V, VAPC = 0.5 V, Rg = RL = 50 f = 806 to 825 MHz, Pin = 1 mW, VDD = 5 to 7 V, Pout 1.4 W, Rg = 50 , Load VSWR = 3:1 All phase angles
-- -35
-- --
--
No parasitic oscillation
--
PF1016
Characteristics Curve
VAPC, T, VSWR (in) vs. Frequency 5 3.5 Pin = 1 mW VDD = 7 V Pout = 1 W 50 T 40 Efficiency T (%)
3 Apc Voltage VAPC (V) 4 V.S.W.R. (in)
2.5
30
3
2 VAPC 1.5 VSWRin
20
2
10
1
1 805
810
815 Frequency f (MHz)
820
0 825
Pout, T vs. Frequency 2.5 T 50
2 Output Power Pout (W)
40 Efficiency T (%)
1.5 Pout 1
30
20
0.5 Pin = 1 mW VDD = 7 V VAPC = 2 V 0 805 810 815 820 Frequency f (MHz)
10
0 825
PF1016
VAPC, T vs. Pin (1) 3.5 T 3 Apc Voltage VAPC (W) 40 Efficiency T (%) Efficiency T (%) 50
2.5
30
2 VAPC 1.5 f = 806 MHz VDD = 7 V Pout = 1 W 1 0 0.5 1.0 1.5 Input Power Pin (mW)
20
10
0 2.0
VAPC, T vs. Pin (2) 3.5 T 3 Apc Voltage VAPC (W) 40 50
2.5
30
2 VAPC 1.5 f = 825 MHz VDD = 7 V Pout = 1 W 1 0 0.5 1.0 1.5 Input Power Pin (mW)
20
10
0 2.0
PF1016
Pout, T vs. Pin (1) 2.5 f = 806 MHz VDD = 7 V VAPC = 2 V T 50
2 Output Power Pout (W)
40 Efficiency T (%) Efficiency T (%)
1.5 Pout 1
30
20
0.5
10
0 0 0.5 1.0 1.5 Input Power Pin (mW)
0 2.0
Pout, T vs. Pin (2) 2.5 T 2 Output Power Pout (W) 40 50
1.5 Pout 1
30
20
0.5 f = 825 MHz VDD = 7 V VAPC = 2 V 0 0 0.5 1.0 1.5 Input Power Pin (mW)
10
0 2.0
PF1016
Pout, T vs. VAPC (1) 2.5 f = 806 MHz Pin = 1 mW VDD = 7 V 2 Output Power Pout (W) Pout 1.5 30 T 40 Efficiency T (%) Efficiency T (%) 50
1
20
0.5
10
0 0 1 2 Apc Voltage VAPC (V) 3
0
Pout, T vs. VAPC (2) 2.5 f = 825 MHz Pin = 1 mW VDD = 7 V 2 Output Power Pout (W) T 40 50
1.5 Pout 1
30
20
0.5
10
0 0 1 2 Apc Voltage VAPC (V) 3
0
PF1016
VAPC, T vs. VDD (1) 3.5 Pout 3 Apc Voltage VAPC (V) 40 Efficiency T (%) Efficiency T (%) 50
2.5
30
2 VAPC 1.5 f = 806 MHz Pin = 1 mW Pout = 1 W 1 5 6 7 Supply Voltage VDD (V) 8
20
10
0
VAPC, T vs. VDD (2) 3.5 Pout 3 Apc Voltage VAPC (V) 40 50
2.5
30
2 VAPC 1.5 f = 825 MHz Pin = 1 mW Pout = 1 W 1 5 6 7 Supply Voltage VDD (V) 8
20
10
0
PF1016
Pout, T vs. VDD (1) 2.5 f = 806 MHz Pin = 1 mW VAPC=2 V T 50
2 Output Power Pout (W)
40 Efficiency T (%) Efficiency T (%)
1.5
30
1 Pout 0.5
20
10
0 3 4 6 5 Supply Voltage VDD (V) 7 8
0
Pout, T vs. VDD (2) 2.5 f = 825 MHz Pin = 1 mW VAPC=2 V 50 T
2 Output Power Pout (W)
40
1.5
30
1 Pout 0.5
20
10
0 3 4 6 5 Supply Voltage VDD (V) 7 8
0
PF1016
2nd H.D, 3rd H.D vs. Frequency -30 Pin=1 mW VDD=7 V Pout=1 W -30
-40
-40
2nd H.D (dB)
-50
-50
-60 3rd H.D -70
-60
-70
-80 805
810
815 820 Frequency f (MHz)
-80 825
3rd H.D (dB)
2nd H.D
PF1016
Package Dimensions
Unit: mm
25 0.5 (1.5) 22 0.5 (1.5)
(5 - 3.0)
5 1 2 3 (0.3) (5.1) (7.6) (5.1) 4
5
(1.5)
(5.8) (8.8) 3.7 0.5
5
5
2.35 0.5
12 0.5 (0.25)
(1.8)
(2.4)
0.5
(0.3)
+0.3 -0.2
Hitachi code EIAJ code JEDEC code
RF-E -- --


▲Up To Search▲   

 
Price & Availability of PF1016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X