Part Number Hot Search : 
IR91458N R5110210 3362H501 0001TR NCV8614B MMC4055 HC405 MIP2E3D
Product Description
Full Text Search
 

To Download ON1110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transmissive Photosensors (Photo Interrupters)
Part number notation
The part number noten on the following pages is a conventional part number. The new Matsushita global number is:
CNZ1110
4
Transmissive Photosensors (Photo Interrupters)
ON1110
Photo Interrupter
For contactless SW, object detection Outline
ON1110 is a photocoupler in which a high efficiency GaAs infrared light emitting diode is used as the light emitting element, and a high sensitivity phototransistor is used as the light detecting element. The two elements are arranged so as to face each other, and objects passing between them are detected.
1.6
Unit : mm
Mark for indicating LED side 2.0 o1.2
3.00.3 2.00.2
13.80.3 2.80.2 A
0.40.1
8.80.2 0.5
Features
Highly precise position detection : 0.3 mm Fast response : tr, tf = 6 s (typ.) Small output current variation against change in temperature Small package used for saving mounting space
Device center A' 3.0 *10.00.4 3 2 4 1
0.5
1.80.2
8.0 min.
2
0.8
6.00.2 4.0 1.6
, ,,,
0.7 *2.54 SEC. A-A' 3 4
Absolute Maximum Ratings (Ta = 25C)
Parameter Reverse voltage (DC) Input (Light Forward current (DC) emitting diode) Power dissipation Collector current Symbol Ratings VR IF PD*1 IC 3 50 75 20 30 5 100 Unit V mA mW mA V V mW C C
*1
1
Pin connection (Note) * is dimension at the root of leads
Output (Photo Collector to emitter voltage VCEO transistor) Emitter to collector voltage VECO Collector power dissipation Temperature Operating ambient temperature Storage temperature PC*2
Topr -25 to +85 Tstg -30 to +100
Input power derating ratio is 1.0 mW/C at Ta 25C. *2 Output power derating ratio is 1.33 mW/C at Ta 25C.
Electrical Characteristics (Ta = 25C)
Parameter Forward voltage (DC) Input Reverse current (DC) characteristics Capacitance between terminals Collector cutoff current Output characteristics Collector to emitter capacitance Collector current Symbol VF IR Ct ICEO CC IC*2 VR = 3V VR = 0V, f = 1MHz VCE = 10V VCE = 10V, f = 1MHz VCE = 10V, IF = 20mA 0.3 6 0.3 5 50 200 Conditions IF = 50mA min typ 1.2 max 1.5 10 Unit V A pF nA pF mA s V
Transfer Response time tr , tf*1 VCC = 10V, IC = 1mA, RL = 100 characteristics Collector to emitter saturation voltage VCE(sat) IF = 50mA, IC = 0.1mA
*
Switching time measurement circuit
Sig.IN VCC (Input pulse) Sig.OUT (Output pulse) 90% 10% td tr tf td : Delay time tr : Rise time (Time required for the collector current to increase from 10% to 90% of its final value) tf : Fall time (Time required for the collector current to decrease from 90% to 10% of its initial value)
*2
IC classifications Class IC (mA)
,,
Q
,,
50
RL
R 0.75 to 2.15
S > 1.85
0.3 to 0.85
1
Transmissive Photosensors (Photo Interrupters)
ON1110
IF , IC -- Ta
60 60
IF -- VF
10 2 Ta = 25C
IC -- IF
VCE = 10V Ta = 25C
IF , IC (mA)
50
IF
50
IF (mA)
IC (mA) Collector current
10
Forward current, collector current
40
40
Forward current
30 IC
30
1
20
20
10 -1
10
10
0 - 25
0
20
40
60
80
100
0
0
0.4
0.8
1.2
1.6
2.0
2.4
10 -2
1
10
10 2
10 3
Ambient temperature Ta (C )
Forward voltage VF (V)
Forward current IF (mA)
VF -- Ta
1.6 10 2
IC -- VCE
160 Ta = 25C
IC -- Ta
VCE = 10V IF = 20mA
IC (mA)
VF (V)
1.2
IF = 50mA
10
IC (%)
IF = 30mA 20mA 10mA
120
10mA
0.8
1
Relative output current
Forward voltage
Collector current
80
0.4
10 -1
40
0 - 40 - 20
0
20
40
60
80
100
10 -2 10 -1
1
10
10 2
- 40 - 20
0
20
40
60
80
100
Ambient temperature Ta (C )
Collector to emitter voltage VCE (V)
Ambient temperature Ta (C )
ICEO -- Ta
10 10 3
tr -- IC
VCC = 10V Ta = 25C 100
IC -- d
VCE = 10V Ta = 25C IF = 20mA
1
IC (%)
80 Criterion 0 d 60
ICEO (A)
10 2 VCE = 24V 10 -1 10V
tr (s)
RL = 1k 10 500 100
10 -2
Relative output current
Dark current
Rise time
40
1 10 -3
Sig.IN
VCC Sig. V1 OUT V2 V2 RL 90% 10%
20
10 -4 - 40 - 20
, ,,
10 -1 10 -2 10 -1 1
V1 50
tr
td
tf
10 0 0 1 2 3 4 5 6
0
20
40
60
80
100
Ambient temperature Ta (C )
Collector current IC (mA)
Distance d (mm)
2
Caution for Safety
Gallium arsenide material (GaAs) is used in this product.
DANGER
Therefore, do not burn, destroy, cut, crush, or chemically decompose the product, since gallium arsenide material in powder or vapor form is harmful to human health. Observe the relevant laws and regulations when disposing of the products. Do not mix them with ordinary industrial waste or household refuse when disposing of GaAs-containing products.
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and afterunpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR


▲Up To Search▲   

 
Price & Availability of ON1110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X