Part Number Hot Search : 
ICS1702 00079 XFGIB100 ACE9926B SL6236 SM100 NJM2063 UPD3728
Product Description
Full Text Search
 

To Download NJU7108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NJU7108
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
sGENERAL DESCRIPTION The NJU7108 is a super small-sized package single C-MOS comparator with push pull output. The operating voltage is from 1V to 5.5V, and the interface can be connected with most of TTL and C-MOS type standard logic ICs. Furthermore, The input offset voltage is lower than 4mV and the package is super small-sized SC88A, therefore they can be suitable for battery use items and other portable items. sPACKAGE INFORMATION NJU7108F3
sFEATURES qSingle Low Power Supply qLow Offset Voltage qLow Operating Current qPush Pull Output qPackage Outline qC-MOS Technology
VDD=1.0~5.5V VIO=4mV max IDD=10uA typ SC88A
sPIN CONFIGURATION (Top View) IN1 5 VDD
VSS 2 IN+ 3 4 OUT
sEQUIVALENT CIRCUIT
VDD
IN OUT IN+
VSS
2003/07/16 ( 1 / 3 )
NJU7108
sABSOLUTE MAXIMUM RATINGS (Ta=25C) PARAMETER SYMBOL RATING UNIT Supply Voltage VDD 7.0 V Differential Input Voltage VID V 7.0 (Note1) Common Mode Input Voltage VIC -0.3~7.0 V Power Dissipation PD 250 (Note2) mW Operating Temperature Topr -40~+85 C Storage Temperature Tstg -55~+125 C Note1) If the supply voltage (VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V is limit specified. Note2) The power dissipation is value mounted on aglass epoxy board (FR-4) in size of 50x50x1.6 millimeters square. Note3) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the circuit.
sELECTRICAL CHARACTERISTICS (VDD=3.0V,RL=,Ta=25C) TYP MAX UNIT 5.5 V 4 mV 1 pA 1 pA 10 0.3 20 V V V uA
PARAMETER Operating Voltage Input Offset Voltage Input Offset Current Input Bias Current Input Common Mode Voltage Range High Level Output Voltage Low Level Output Voltage Operating Current
SYMBOL VDD VIO IIO IIB VICM VOH VOL IDD
CONDITIONS VIN=VDD/2
MIN 1.0 0~2.5
IOH=-5mA IOL=+5mA
2.7 -
PARAMETER Propagation Delay Low to High Propagation Delay High to Low Output Signal Rising Time Output Signal Falling Time
SYMBOL tPLH tPHL tTLH tTHL
CONDITIONS Over Drive=100mV Over Drive=100mV Over Drive=100mV Over Drive=100mV
(VDD=3.0V,f=10kHz,CL=15pF,Ta=25C) MIN TYP MAX UNIT 500 190 10 5 ns ns ns ns
2003/07/16 ( 2 / 3 )
NJU7108
sSWITCHING CHARACTERISTICS MEASUREMENT CIRCUIT
VDD PULSE GENERATER 50ohm
1uF
VDD DUT 10 Turn 0V 0.1uF CL
sTYPICAL CHARACTERISTICS
Output Voltage vs. Output Current (Sink) OutputVoltage VOL (V) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 5 10 15 20 25 30 Output Current IOL (mA) Output Voltage VOH (V)
Output Voltage vs. Output Current (Source) 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 5 10 15 20 25 30 Output Current IOH (mA)
[CAUTION] The specifications on this data book are only given for information , without any guarantee as regards either mistakes or omissions. The application circuits in this data book are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.
2003/07/16 ( 3 / 3 )


▲Up To Search▲   

 
Price & Availability of NJU7108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X