Part Number Hot Search : 
60A163C BZX84 MSD318C PSD6407 LT5571 SPED53F RFPT400 24223
Product Description
Full Text Search
 

To Download NC7S14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NC7S14 TinyLogic HS Inverter with Schmitt Trigger Input
January 1996 Revised April 2002
NC7S14 TinyLogic HS Inverter with Schmitt Trigger Input
General Description
The NC7S14 is a single high performance CMOS Inverter with Schmitt Trigger input. The circuit design provides hysteresis between the positive-going and negative going input thresholds thereby improving noise margins. Advanced Silicon Gate CMOS fabrication assures high speed and low power circuit operation over a broad VCC range. ESD protection diodes inherently guard both input and output with respect to the VCC and GND rails.
Features
s Space saving SOT23 or SC70 5-lead package s Ultra small MicroPak leadless package s Schmitt input hysteresis: > 1V typ s High speed: tPD 4.5 ns typ s Low quiescent power: ICC < 1 A s Balanced output drive: 2 mA IOL, -2 mA IOH s Broad VCC operating range: 2V - 6V s Balanced propagation delays s Specified for 3V operation
Ordering Code:
Order Number NC7S14M5X NC7S14P5X NC7S14L6X Package Number MA05B MAA05A MAC06A Package Top Mark 7S14 S14 UU Package Description 5-Lead SOT23, JEDEC MO-178, 1.6mm 5-Lead SC70, EIAJ SC-88a, 1.25mm Wide 6-Lead MicroPak, 1.0mm Wide Supplied As 3k Units on Tape and Reel 3k Units on Tape and Reel 5k Units on Tape and Reel
Logic Symbol
IEEE/IEC
Connection Diagrams
Pin Assignments for SC70 and SOT23
Pin Descriptions
Pin Names A Y NC Description Input Output No Connect (Top View) Pad Assignments for MicroPak
Function Table
Y=A Input A L H
H = HIGH Logic Level L = LOW Logic Level
Output Y H L (Top Thru View)
TinyLogic and MicroPak are trademarks of Fairchild Semiconductor Corporation.
(c) 2002 Fairchild Semiconductor Corporation
DS012135
www.fairchildsemi.com
NC7S14
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Diode Current (IIK) @VIN -0.5V @VIN VCC +0.5V DC Input Voltage (VIN) DC Output Diode Current (IOK) @VOUT < -0.5V @VOUT > VCC +0.5V DC Output Voltage (VOUT) DC Output Source or Sink Current (IOUT) DC VCC or Ground Current per Output Pin (ICC or IGND ) Storage Temperature (TSTG) Junction Temperature (TJ) Lead Temperature (TL) (Soldering, 10 seconds) Power Dissipation (PD) @ +85C SOT23-5 SC70-5 200 mW 150 mW 260C
-0.5V to +7.0V -20 mA +20 mA -0.5V to VCC +0.5V -20 mA +20 mA -0.5V to VCC +0.5V 12.5 mA 25 mA -65C to +150C
150C
Recommended Operating Conditions (Note 2)
Supply Voltage (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TA) Thermal Resistance (JA) SOT23-5 SC70-5 300C/W 425C/W 2.0V to 6.0V 0V to VCC 0V to VCC
-40C to +85C
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation of circuits outside the databook specifications. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VP Parameter Positive Threshold Voltage VCC (V) 2.0 3.0 4.5 6.0 VN Negative Threshold Voltage 2.0 3.0 4.5 6.0 VH Hysteresis Voltage 2.0 3.0 4.5 6.0 VOH HIGH Level Output Voltage 2.0 3.0 4.5 6.0 3.0 4.5 6.0 VOL LOW Level Output Voltage 2.0 3.0 4.5 6.0 3.0 4.5 6.0 Min 1.0 1.5 2.3 3.0 0.3 0.6 1.13 1.5 0.3 0.4 0.6 0.8 1.90 2.90 4.40 5.90 2.68 4.18 5.68 TA = +25C Typ 1.29 1.90 2.73 3.56 0.70 1.05 1.66 2.24 0.59 0.85 1.08 1.31 2.0 3.0 4.5 6.0 2.87 4.37 5.86 0.0 0.0 0.0 0.0 0.1 0.1 0.1 0.10 0.10 0.10 0.10 0.26 0.26 0.26 Max 1.5 2.2 3.15 4.2 0.9 1.35 2.0 2.6 1.0 1.3 1.4 1.7 TA = -40C to +85C Min 1.0 1.5 2.3 3.0 0.3 0.6 1.13 1.5 0.3 0.4 0.6 0.8 1.90 2.90 4.40 5.90 VIN = VIL 2.63 4.13 5.63 0.10 0.10 0.10 0.10 VIN = VIH 0.33 0.33 0.33 V IOL = 1.3 mA IOL = 2 mA IOL = 2.6 mA V IOH = 20 A VIN = VIH V IOH = -1.3 mA IOH = -2 mA IOH = -2.6 mA V IOH = -20 A VIN = VIL Max 1.6 2.2 3.15 4.2 0.9 1.35 2.0 2.6 1.0 1.3 1.4 1.7 V V V Units Conditions
www.fairchildsemi.com
2
NC7S14
DC Electrical Characteristics
Symbol IIN ICC Parameter Input Leakage Current Quiescent Supply Current VCC (V) 6.0 6.0
(Continued)
TA = +25C TA = -40C to +85C Max 0.1 1.0 Min Max 1.0 10.0 A A VIN = VCC, GND VIN = VCC, GND
Units
Conditions
Min
Typ
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay VCC (V) 5.0 2.0 3.0 4.5 6.0 tTLH tTHL Output Transition Time 5.0 2.0 3.0 4.5 6.0 CIN CPD Input Capacitance Power Dissipation Capacitance Open 5.0 Min TA = +25C Typ 4.5 20 12 8.5 7.5 3 25 16 11 9 2 7 Max 21 100 27 20 17 8 125 35 25 21 10 145 45 30 24 10 pF pF (Note 3) Figure 2 ns 125 35 25 21 ns CL = 15 pF CL = 50 pF Figures 1, 3 ns TA = -40C to +85C Min Max Units ns Conditions CL = 15 pF CL = 50 pF Figures 1, 3 Figure Number
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression: ICCD = (C PD) (VCC) (fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance Input PRR = 1.0 MHz, tw = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input = AC Waveforms; PRR = variable; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
3
www.fairchildsemi.com
NC7S14
Tape and Reel Specification
TAPE FORMAT for SC70 and SOT23 Package Tape Designator M5X, P5X Section Leader (Start End) Carrier Trailer (Hub End) TAPE DIMENSIONS inches (millimeters) Number Cavities 125 (typ) 3000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
Package SC70-5 SOT23-5
Tape Size 8 mm 8 mm
DIM A 0.093 (2.35) 0.130 (3.3)
DIM B 0.096 (2.45) 0.130 (3.3)
DIM F 0.138 0.004 (3.5 0.10) 0.138 0.002 (3.5 0.05)
DIM Ko 0.053 0.004 (1.35 0.10) 0.055 0.004 (1.4 0.11)
DIM P1 0.157 (4) 0.157 (4)
DIM W 0.315 0.004 (8 0.1) 0.315 0.012 (8 0.3)
www.fairchildsemi.com
4
NC7S14
Tape and Reel Specification
TAPE FORMAT for MircoPak Package Designator L6X Tape Section Leader (Start End) Carrier Trailer (Hub End)
(Continued) Number Cavities 125 (typ) 5000 75 (typ) Cavity Status Empty Filled Empty Cover Tape Status Sealed Sealed Sealed
REEL DIMENSIONS inches (millimeters)
Tape Size 8 mm
A 7.0 (177.8)
B 0.059 (1.50)
C 0.512 (13.00)
D 0.795 (20.20)
N 2.165 (55.00)
W1 0.331 +0.059/-0.000 (8.40 +1.50/-0.00)
W2 0.567 (14.40)
W3 W1 +0.078/-0.039 (W1 +2.00/-1.00)
5
www.fairchildsemi.com
NC7S14
Physical Dimensions inches (millimeters) unless otherwise noted
5-Lead SOT23, JEDEC MO-178, 1.6mm Package Number MA05B
www.fairchildsemi.com
6
NC7S14
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide Package Number MAA05A
7
www.fairchildsemi.com
NC7S14 TinyLogic HS Inverter with Schmitt Trigger Input
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
6-Lead MicroPak, 1.0mm Wide Package Number MAC06A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of NC7S14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X