Part Number Hot Search : 
10H100C 2SC23 MIC49300 SDR809 MV358 BI400 MV358 1N5237B
Product Description
Full Text Search
 

To Download MUR805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
Preferred Devices
SWITCHMODETM Power Rectifiers
. . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features:
http://onsemi.com
* * * * * * * *
Ultrafast 25, 50 and 75 Nanosecond Recovery Time 175C Operating Junction Temperature Popular TO-220 Package Epoxy Meets UL94, VO @ 1/8 Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Reverse Voltage to 600 Volts
ULTRAFAST RECTIFIERS 8.0 AMPERES 50-600 VOLTS
1 4 3
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped 50 units per plastic tube Marking: U805, U810, U815, U820, U840, U860
4
MARKING DIAGRAM
U8xx
MAXIMUM RATINGS
Please See the Table on the Following Page 1 3 CASE 221B TO-220AC PLASTIC U8xx = Device Code xx = 05, 10, 15, = 20, 40 or 60
ORDERING INFORMATION
Device MUR805 MUR810 MUR815 MUR820 MUR840 MUR860 Package TO-220 TO-220 TO-220 TO-220 TO-220 TO-220 Shipping 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail 50 Units/Rail
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2000
1
October, 2000 - Rev. 4
Publication Order Number: MUR820/D
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MAXIMUM RATINGS
MUR Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Total Device, (Rated VR), TC = 150C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz), TC = 150C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature and Storage Temperature Range Symbol VRRM VRWM VR IF(AV) IFM IFSM 805 50 810 100 815 150 820 200 840 400 860 600 Unit Volts
8.0 16 100
Amps Amps Amps
TJ, Tstg
-65 to +175
C
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction to Case RJC 3.0 2.0 C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1.) (iF = 8.0 Amps, TC = 150C) (iF = 8.0 Amps, TC = 25C) Maximum Instantaneous Reverse Current (Note 1.) (Rated dc Voltage, TJ = 150C) (Rated dc Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amps/s) (IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp) 1. Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%. vF 0.895 0.975 iR 250 5.0 trr 35 25 60 50 500 10 ns 1.00 1.30 1.20 1.50 A Volts
http://onsemi.com
2
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MUR805, MUR810, MUR815, MUR820
100 70 50 30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20 1000 IR, REVERSE CURRENT (m A) 100 10 1.0 0.1 0.01 TJ = 175C
100C 25C
10 7.0 5.0 3.0 2.0 TJ = 175C 1.0 0.7 0.5 0.3 0.2 100C 25C IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
0
20
40
60
80
100
120
140
160
180 200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
* The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 SQUARE WAVE dc RATED VR APPLIED
0.1
0.2 0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
140
150
160
170
180
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (C)
Figure 1. Typical Forward Voltage
Figure 3. Current Derating, Case
12 10 8.0 6.0 4.0 2.0 0 0
dc
RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK)
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
14
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 SQUARE WAVE dc TJ = 175C
SQUARE WAVE
dc SQUARE WAVE 20 40 60 80 100 120 140 160 180 200
TA, AMBIENT TEMPERATURE (C)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
http://onsemi.com
3
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MUR840
100 70 50 30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20 1000 IR, REVERSE CURRENT (m A) 100 10 1.0 0.1 0.01 TJ = 175C 150C 100C 25C
10 7.0 5.0 TJ = 175C 3.0 2.0 25C 100C
0
50
100
150
200
250
300
350
400
450 500
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Reverse Current*
* The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 SQUARE WAVE dc RATED VR APPLIED
1.0 0.7 0.5 0.3 0.2
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
140
150
160
170
180
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (C)
Figure 6. Typical Forward Voltage
Figure 8. Current Derating, Case
12 10 8.0 6.0 4.0 2.0 0 0 SQUARE WAVE dc SQUARE WAVE 20 40 60 80 100 120 dc
RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK)
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
14
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 SQUARE WAVE dc TJ = 175C
140
160
180
200
TA, AMBIENT TEMPERATURE (C)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 9. Current Derating, Ambient
Figure 10. Power Dissipation
http://onsemi.com
4
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MUR860
100 IR, REVERSE CURRENT (m A) 70 50 TJ = 150C 30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20 100C 25C 1000 100 10 1.0 0.1 0.01 100 25C TJ = 150C
100C
10 7.0 5.0 3.0 2.0
200
300
400
500
600
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Typical Reverse Current*
* The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 SQUARE WAVE dc RATED VR APPLIED
1.0 0.7 0.5 0.3 0.2
0.1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
150
160
170
180
vF, INSTANTANEOUS VOLTAGE (VOLTS)
TC, CASE TEMPERATURE (C)
Figure 11. Typical Forward Voltage
Figure 13. Current Derating, Case
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 SQUARE WAVE dc SQUARE WAVE dc
RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK)
140
160
180
200
14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
SQUARE WAVE dc
TJ = 175C 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10
TA, AMBIENT TEMPERATURE (C)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 14. Current Derating, Ambient
Figure 15. Power Dissipation
http://onsemi.com
5
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0 0.5 0.2 0.1 0.05 0.02 0.01 0.01 0.02 SINGLE PULSE D = 0.5
0.1 0.05 0.01 ZJC(t) = r(t) RJC RJC = 1.5 C/W MAX D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT T1 TJ(pk) - TC = P(pk) ZJC(t) 50 100 200 500 1000
P(pk) t1 t2
DUTY CYCLE, D = t1/t2 0.05 0.1 0.2 0.5 1.0 2.0 t, TIME (ms) 5.0 10 20
Figure 16. Thermal Response
1000
MUR840, MUR860 MUR820 TJ = 25C
C, CAPACITANCE (pF)
300
100
30
10
1.0
10 VR, REVERSE VOLTAGE (VOLTS)
100
Figure 17. Typical Capacitance
http://onsemi.com
6
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
PACKAGE DIMENSIONS TO-220 TWO-LEAD CASE 221B-04 ISSUE D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
C Q B F T S
4
A
1 3
U
H K
L G
D J
R
http://onsemi.com
7
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (Mon-Fri 2:30pm to 7:00pm CET) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (Mon-Fri 2:00pm to 7:00pm CET) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (Mon-Fri 12:00pm to 5:00pm GMT) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, UK, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com Toll-Free from Mexico: Dial 01-800-288-2872 for Access - then Dial 866-297-9322 ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MUR820/D


▲Up To Search▲   

 
Price & Availability of MUR805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X