Part Number Hot Search : 
1N6392 T7570 P8039AHL HG531 2900A3 OP43RP 00F6TR SMBG18
Product Description
Full Text Search
 

To Download MPSA42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon High-Voltage Transistors
MPSA 42 MPSA 43
q q q
High breakdown voltage Low collector-emitter saturation voltage Complementary types: MPSA 92 MPSA 93 (PNP)
1 32
Type MPSA 42 MPSA 43
Marking MPSA 42 MPSA 43
Ordering Code 1 Q68000-A413 Q68000-A4809 E
Pin Configuration 2 B 3 C
Package 1) TO-92
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Base current Total power dissipation, TC = 66 C 2) Junction temperature Storage temperature range Thermal Resistance Junction - ambient Junction - case 2) Symbol MPSA 42 Values MPSA 43 200 200 6 500 100 625 150 - 65 ... + 150 mW C mA V 300 300 Unit
VCE0 VCB0 VEB0 IC IB Ptot Tj Tstg
Rth JA Rth JC
200 135
K/W
1) 2)
For detailed information see chapter Package Outlines. Mounted on AI-heat sink 15 mm x 25 mm x 0.5 mm.
Semiconductor Group
1
5.91
MPSA 42 MPSA 43
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Collector-emitter breakdown voltage IC = 1 mA, IB = 0 MPSA 42 MPSA 43 Collector-base breakdown voltage IC = 100 A, IB = 0 MPSA 42 MPSA 43 Emitter-base breakdown voltage Limit Values typ. max. Unit
V(BR)CE0
300 200 - - - - - - - - - -
V
V(BR)CB0
300 200
IE = 100 A, IC = 0
Collector-base cutoff current VCB = 200 V VCB = 160 V VCB = 200 V, TA = 150 C VCB = 160 V, TA = 150 C Emitter-base cutoff current MPSA 42 MPSA 43 MPSA 42 MPSA 43
V(BR)EB0 ICB0
6
- - - -
- - - - -
100 100 20 20 100
nA nA A A nA -
IEB0 hFE
-
VBE = 3 V, IC = 0
DC current gain 1) IC =1 mA, VCE = 10 V IC =10 mA, VCE = 10 V IC =30 mA, VCE = 10 V Collector-emitter saturation voltage 1) IC = 20 mA, IC = 2 mA MPSA 42 MPSA 43 Base-emitter saturation voltage IC = 20 mA, IB = 2 mA AC Characteristics Transition frequency IC = 20 mA, VCE = 10 V, f = 100 MHz Collector-base capacitance 25 40 40 - - - - - - - - - V - - 0.5 0.4 0.9
VCEsat
VBEsat
-
fT Cobo
-
70
-
MHz pF
VCB = 20 V, f = 1 MHz
MPSA 42 MPSA 43
- -
- -
3 4
1)
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
MPSA 42 MPSA 43
Total power dissipation Ptot = f (TA; TC)
Permissible pulse load RthJA = f (tp)
TA = 25 C, D = 0
Operating range IC = f(VCE)
Collector cutoff current ICB0 = f (TA) VCB = VCBmax
Semiconductor Group
3
MPSA 42 MPSA 43
DC current gain hFE = f (IC) VCE = 10 V
Transition frequency fT = f (IC) VCE = 20 V, f = 20 MHz, VCE = 10 V
Collector current IC = f (VBE) VCE = 10 V
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of MPSA42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X