Part Number Hot Search : 
S9013 010B90N3 2SC1729 28F00 10BQ40TR TZA3011A 8981702Z LC8901Q
Product Description
Full Text Search
 

To Download MA741N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
DESCRIPTION
The A741 is a high performance operational amplifier with high open-loop gain, internal compensation, high common mode range and exceptional temperature stability. The A741 is short-circuit-protected and allows for nulling of offset voltage.
PIN CONFIGURATION
D, F, N Packages
OFFSET NULL INVERTING INPUT 1 2 3 4 TOP VIEW - 8 7 6 5 NC V+ OUTPUT OFFSET NULL
FEATURES
NON-INVERTING INPUT V-
* Internal frequency compensation * Short circuit protection * Excellent temperature stability * High input voltage range
ORDERING INFORMATION
DESCRIPTION 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Ceramic Dual In-Line Package (CERDIP) 8-Pin Ceramic Dual In-Line Package (CERDIP) 8-Pin Small Outline (SO) Package
+
SL00095
Figure 1. Pin Configuration
TEMPERATURE RANGE -55C to +125C 0 to +70C -40C to +85C -55C to +125C 0 to +70C 0 to +70C
ORDER CODE A741N A741CN SA741CN A741F A741CF A741CD
DWG # SOT97-1 SOT97-1 SOT97-1 0580A 0580A SOT96-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL VS Supply voltage A741C A741 PD Internal power dissipation D package N package F package VIN VIN ISC TA Differential input voltage Input voltage1 Output short-circuit duration Operating temperature range A741C SA741C A741 TSTG TSOLD Storage temperature range Lead soldering temperature (10sec max) 0 to +70 -40 to +85 -55 to +125 -65 to +150 300 C C C C C 780 1170 800 30 15 Continuous mW mW mW V V 18 22 V V PARAMETER RATING UNIT
NOTES: 1. For supply voltages less than 15V, the absolute maximum input voltage is equal to the supply voltage.
1994 Aug 31
1
853-0903 13721
Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
DC ELECTRICAL CHARACTERISTICS
TA = 25C, VS = 15V, unless otherwise specified. SYMBOL VOS VOS/T IOS Offset current Over temp. TA=+125C TA=-55C IOS/T IBIAS Input bias current Over temp. TA=+125C TA=-55C IB/T RL=10k VOUT Output voltage swing RL=2k, over temp. RL=2k, VO=10V AVOL Large-signal voltage gain Offset voltage adjustment range RS10k PSRR Supply voltage rejection ratio RS10k, over temp. CMRR Common-mode rejection ratio Over temp. ICC VIN RIN PD ROUT ISC Supply current Input voltage range Input resistance Power consumption Output resistance Output short-circuit current 10 TA=+125C TA=-55C TA=+125C TA=-55C (A741, over temp.) 12 0.3 70 90 1.4 1.5 2.0 13 2.0 50 45 45 75 25 60 10 85 75 100 75 25 60 2.8 2.5 3.3 12 0.3 13 2.0 50 85 1.4 2.8 dB mA mA mA V M mW mW mW mA 10 150 70 90 V/V dB RL=2k, VO=10V, over temp. 25 30 15 30 10 150 V/mV mV V/V 10 50 13 200 10 20 13 200 V V/mV 12 30 300 1 14 12 500 1500 1 14 7.0 20 200 80 500 200 500 200 80 500 800 PARAMETER Offset voltage TEST CONDITIONS RS=10k RS=10k, over temp. A741 Min Typ 1.0 1.0 10 20 200 Max 5.0 6.0 10 20 200 300 Min A741C Typ 2.0 Max 6.0 7.5 UNIT mV mV V/C nA nA nA nA pA/C nA nA nA nA nA/C V
1994 Aug 31
2
Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
DC ELECTRICAL CHARACTERISTICS
TA = 25C, VS = 15V, unless otherwise specified. SYMBOL VOS Offset voltage VOS/T IOS Offset current IOS/T IBIAS Input bias current IB/T RL=10k VOUT Output voltage swing RL=2k, over temp. RL=2k, VO=10V AVOL Large-signal voltage gain RL=2k, VO=10V, over temp. Offset voltage adjustment range PSRR CMRR VIN RIN Pd ROUT ISC Supply voltage rejection ratio Common mode rejection ration Input voltage range Input resistance Power consumption Output resistance Output short-circuit current Over temp. RS10k 70 12 0.3 15 30 10 90 13 2.0 50 75 25 85 150 V/mV mV V/V dB V M mW mA 10 20 13 200 V V/mV 12 Over temp. 1 14 Over temp. 200 80 500 1500 PARAMETER TEST CONDITIONS RS=10k RS=10k, over temp. 10 20 200 500 SA741C Min Typ 2.0 Max 6.0 7.5 UNIT mV mV V/C nA nA pA/C nA nA nA/C V
AC ELECTRICAL CHARACTERISTICS
TA=25C, VS = 15V, unless otherwise specified. SYMBOL RIN CIN PARAMETER Parallel input resistance Parallel input capacitance Unity gain crossover frequency Transient response unity gain tR SR Rise time Overshoot Slew rate C100pF, RL2k, VIN=10V TEST CONDITIONS Open-loop, f=20Hz Open-loop, f=20Hz Open-loop VIN=20mV, RL=2k, CL100pF 0.3 5.0 0.5 s % V/s A741, A741C Min 0.3 1.4 1.0 Typ Max UNIT M pF MHz
1994 Aug 31
3
Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
EQUIVALENT SCHEMATIC
INVERTING INPUT V+ Q8 Q9
Q12
Q13 Q14
NON-INVERTING INPUT Q1 Q2 30pF Q3 Q4 R5 39K Q16 Q7 Q5 OFFSET NULL Q6 Q10 Q11 Q22 R7 4.5 Q18 Q15 R8 7.5K
R9 25 OUTPUT Q17 R10 50
Q20 R1 1K R3 50K R2 1K R4 5k R12 R11 50k 50 V- OFFSET NULL
SL00096
Figure 2. Equivalent Schematic
1994 Aug 31
4
Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Swing as a Function of Supply Voltage
PEAK TO PEAK OUTPUT SWING -- V 40 36 32 28 24 20 16 12 8 4 0 5 10 15 20 -55oC < TA < +125oC RL > 2k
Input Common-Mode Voltage Range as a Function of Supply Voltage
COMMON MODE VOLTAGE RANGE --+ V 16 POWER CONSUMPTION -- mW 14 12 10 8 6 4 2 0 5 10 15 20 SUPPLY VOLTAGE -- +V -55oC < TA < +125oC 100
Power Consumption as a Function of Supply Voltage
80
TA A 2525oC T= = oC
60
40
20
0 5 10 15 20 SUPPLY VOLTAGE -- +V
SUPPLY VOLTAGE -- +V
Input Bias Current as a Function of Ambient Temperature
500 INPUT BIAS CURRENT -- nA VS = +15V INPUT RESISTANCE -- M 400 10.0 5.0 3.0
Input Resistance as a Function of Ambient Temperature
40 INPUT OFFSET CURRENT - nA VS = 15oC
Input Offset Current as a Function of Supply Voltage
TA = 25oC 30
300
1.0 0.5 0.3
20
200
10
100
0 -60
-20
20
60
100
140
0.1 -60
0 -20 20 60 100 140 5 10 15 20 TEMPERATURE -- oC
TEMPERATURE -- oC
SUPPLY VOLTAGE -- +V
Input Offset Current as a Function of Ambient Temperature
140 INPUT OFFSET CURRENT -- nA POWER CONSUMPTION -- mW 120 100 80 60 40 20 0 -60 VS = 15oC
Power Consumption as a Function of Ambient Temperature
70 PEAK-TO-PEAK OUTPUT SWING -- V 28 26 24 22 20 18 16 14 12 10
Output Voltage Swing as a Function of Load Resistance
VS = +15V TA = 25oC
60
50 40
30 -60 -20 20 60 100 140
-20
20
60
100
140
8 0.1
0.2
0.5 1.0
2.0
5.0
10
TEMPERATURE -- oC
TEMPERATURE -- oC
LOAD RESISTANCE -- k
SL00097
Figure 3. Typical Performance Characteristics
1994 Aug 31
5
Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Output Short-Circuit Current as a Function of Ambient Temperature
35 MEAN SQUARE VOLTAGE -- V 2 Hz SHORT CIRCUIT CURRENT -- mA 10 -13 10 -14 10 -15 VS = + 15V TA = 25oC
Input Noise Voltage as a Function of Frequency
MEAN SQUARE VOLTAGE -- A2 /Hz 10 -21 10 -22 10 -23
Input Noise Current as a Function of Frequency
VS = + 15V TA = 25oC
30
25
20
10 -16 10 -17 10 -18
10 -24 10 -25 10 -26 10
15
10 -60
-20
20
60
100
140
10
100
1K
10K
100K
100
1K
10K
100K
TEMPERATURE -- oC
FREQUENCY -- Hz
FREQUENCY -- Hz
TOTAL NOISE REFERRED TO INPUT -- Vrms
Broadband Noise for Various Bandwidths
100 VS = + 15V TA = 25oC VOLTAGE GAIN 10 10-100kHz 10-1kHz 1 10-1kHz 106 105 104 103 102 10 1 0.1 100 0 1K 10K 100K 1
Open-Looped Voltage Gain as a Function of Frequency
VS = + 15V TA = 25oC PHASE DEGREES
Open-Looped Phase Response as a Function of Frequency
0 VS = + 15V TA = 25oC -45
-90
-135
-180 10 100 1K 10K 100K 1M 10M 1 10 100 1K 10K 100K 1M 10M
SOURCE RESISTANCE --
FREQUENCY -- Hz
FREQUENCY -- Hz
Output Voltage Swing as a Function of Frequency
PEAK-TO-PEAK OUTPUT SWING -- V 40 36 32 28 24 20 16 12 8 4 0 100 1K 10K 100K 1M VS = + 15V TA = 25oC RL = 10k COMMON MODE REJECTION RATE -- dB
Common-Mode Rejection Ratio as a Function of Frequency
100 90 80 70 60 50 40 30 20 10 0 1 10 100 1K 10K 100K 1M 10M 0 VS = + 15V TA = 25oC OUTPUT -- mV 28 24 20 16 12 8 4
Transient Response
VS = + 15V TA = 25oC RL = 2k CL = 100pF 10% RISE TIME
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY -- Hz
FREQUENCY -- Hz
TIME -- s
SL00098
Figure 4. Typical Performance Characteristics (cont.)
1994 Aug 31
6
Philips Semiconductors
Product specification
General purpose operational amplifier
A741/A741C/SA741C
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Power Bandwidth (Large-Signal Swing vs Frequency)
28 VOUT OUTPUT VOLTAGE (Vp-p) 24 20 16 12 8 4 0 10 100 1K 10K 100K FREQUENCY -- Hz -V (VOLTAGE FOLLOWER) + 15 VOLT SUPPLIES THD < 5% -V 10K - + A741
+V
SL00099
Figure 5. Typical Performance Characteristics (cont.)
1994 Aug 31
7


▲Up To Search▲   

 
Price & Availability of MA741N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X