Part Number Hot Search : 
BZX85C20 74LVX138 BTS41 ON0196 MBR866 EG2210A 01544 FN3119
Product Description
Full Text Search
 

To Download M211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M211
1 Form A Solid State Relay DESCRIPTION
The M211 is a bi-directional, single-pole, single-throw, normally open multipurpose solid-state relay in a miniature 4-pin small outline package. It is designed to replace electromechanical relays in general purpose switching applications. The relay consists of an integrated circuit that drives two rugged source-to-source enhancement type DMOS transistors - optically coupled to a light emitting diode. The output MOS transistors are protected with free-wheeling diodes that can handle up to 1.5A of inrush current, making the relay ideal for switching lamps and highly inductive loads.
FEATURES
APPLICATIONS
* * * * * *
Ultra miniature 4-pin small outline package Low input control power consumption (2.5mA TYP) 120mA maximum continuous load current 30 ohms maximum on-resistance High Input-Output Isolation (1.5kV MIN) Long life/high reliability
* * * * * *
Multiplexers Meter reading systems Data Acquisition Medical equipment Battery monitoring Home/Safety security systems
OPTIONS/SUFFIXES*
ABSOLUTE MAXIMUM RATINGS*
PARAMETER Storage Temperature Operating Temperature UNIT C C mA A V mW MIN -55 -40 TYP MAX 125 85 50 1 5 400
*
-TR
Tape and Reel
NOTE: Suffixes listed above are not included in marking on device for part number identification.
SCHEMATIC DIAGRAM
Continuous Forward Current Peak Forward Current (1us) Reverse Input Control Voltage Output Power Dissipation
*The values indicated are absolute stress ratings. Functional operation of the device is not implied at these or any conditions in excess of those defined in electrical characteristics section of this document. Exposure to Absolute Ratings may cause permanent damage to the device and may adversely affect reliability.
APPROVALS
* *
BABT CERTIFICATE #650192: BS EN 60950, BS EN 41003, BS EN 60065 UL / C-UL File #E201932
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 1 of 5
M211 rev 1.40 (10/25/2004)
M211
1 Form A Solid State Relay
ELECTRICAL CHARACTERISTICS - 25C
PARAMETER INPUT SPECIFICATIONS
LED Forward Voltage LED Reverse Voltage Turn-On Current Turn-Off Current V V mA mA 6 1.2 12 2.5 0.5 5 1.5 If = 10mA Ir = 10uA Io = 100mA
UNIT
MIN
TYP
MAX
TEST CONDITIONS
OUTPUT SPECIFICATIONS
Blocking Voltage Continuous Load Current On-Resistance Leakage Current Output Capacitance Offset Voltage V mA A pF mV 18 0.2 25 400 120 30 1 50 0.2 Io = 1uA If = 5mA Io = 100mA Vo = 400V Vo = 25V, f = 1.0MHz If = 5mA
COUPLED SPECIFICATIONS
Isolation Voltage Turn-On Time Turn-Off Time Isolation Resistance Coupled Capacitance Contact Transient Ratio V ms ms G pF V/ s 2000 100 2 7000 dV = 50V 1500 0.7 0.1 1 1.5 T = 1 minute If = 5mA, Io = 100mA If = 5mA, Io = 100mA
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 2 of 5
M211 rev 1.40 (10/25/2004)
M211
1 Form A Solid State Relay
PERFORMANCE DATA
M211 Typical Turn-On Time Distribution N = 100, Ambient Temperature = 25C
M211 Typical Turn-Off Time Distribution N = 100, Ambient Temperature = 25C
40 Device Count 30 20 10 0 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 Turn-On Tim e (m s)
40 Device Count 30 20 10 0 0 0.04 0.08 0.12 0.16 0.2 0.24 0.28 Turn-Off Tim e (m s)
M211 Typical On-Resistance Distribution N = 100, Ambient Temperature = 25C
M211 Typical Leakage Current Distribution N = 100, Ambient Temperature = 25C
40 Device Count 30 20 10 0 15 16 17 18 19 20 21 22 On-Resistance (ohm s) Device Count
60 50 40 30 20 10 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 Leakage Current (uA)
M211 Typical Blocking Voltage Distribution N = 100, Ambient Temperature = 25C
M211 Maximum Load Current vs. Temperature
30 20 10 0 400 410 420 430 440 450 460 470 Blocking Voltage (V)
Load Current (mA)
40 Device Count
150 100 50 0
20 40 60 -4 0 -2 0 80 0
Tem perature (C)
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 3 of 5
M211 rev 1.40 (10/25/2004)
M211
1 Form A Solid State Relay
MECHANICAL DIMENSIONS 4 PIN SMALL OUTLINE PACKAGE
.275" 0.015" (6.985 0.4mm)
END VIEW
.170" 0.010" (4.165 0.3mm)
TOP VIEW
.80" 0.005" (1.96 0.13mm)
BACK VIEW
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 4 of 5
M211 rev 1.40 (10/25/2004)
M211
1 Form A Solid State Relay
DISCLAIMER
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO reserves the right to make changes to product description, specifications at any time without further notice. SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent licenses nor indemnity are expressed or implied. Except as specified in SSO's Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other warranty, expressed or implied, including merchantability and fitness for particular use.
LIFE SUPPORT POLICY
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be reasonably expected to result in significant injury to the user, or (d) a critical component in any component of a life support device or system whose failure can be reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2004 Solid State Optronics * San Jose, CA www.ssousa.com * +1.408.293.4600
Page 5 of 5
M211 rev 1.40 (10/25/2004)


▲Up To Search▲   

 
Price & Availability of M211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X