Part Number Hot Search : 
HYMD2 B7220 B7220 MMSZ5221 MMSZ5221 GBU4011 32C416 MMSZ5221
Product Description
Full Text Search
 

To Download KSC1008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC1008
KSC1008
Low Frequency Amplifier Medium Speed Switching
* * * * * Complement to KSA708 High Collector-Base Voltage : VCBO=80V Collector Current : IC=700mA Collector Power Dissipation : PC=800mW Suffix "-C" means Center Collector (1. Emitter 2. Collector 3. Base)
1
TO-92
1. Emitter 2. Base 3. Collector
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Power Dissipation Junction Temperature Storage Temperature Ratings 80 60 8 700 800 150 -55 ~ 150 Units V V V mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol BVCBO BVCEO BVEBO ICBO IEBO hFE VCE (sat) VBE (sat) fT Cob Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Test Condition IC=100A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=60V, IE=0 VEB=5V, IC=0 VCE=2V, IC=50mA IC=500mA, IB=50mA IC=500mA, IB=50mA VCE=10V, IC=50mA VCB=10V, IE=0, f=1MHz 30 40 0.2 0.86 50 8 Min. 80 60 8 0.1 0.1 400 0.4 1.1 V V MHz pF Typ. Max. Units V V V A A
hFE Classification
Classification hFE R 40 ~ 80 O 70 ~ 140 Y 120 ~ 240 G 200 ~ 400
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, August 2001
KSC1008
Typical Characteristics
200
240
IB = 1.8mA
180
IB = 1.6mA IB = 1.4mA
220 200
VCE = 2V
IC[mA], COLLECTOR CURRENT
160 140
hFE, DC CURRENT GAIN
180 160 140 120 100 80 60 40
IB = 1.2mA
120
IB = 1.0mA
100
IB = 0.8mA
80 60 40 20 0 0 5 10 15 20 25 30 35 40 45 50
IB = 0.6mA IB = 0.4mA IB = 0.2mA
20 0 1 10 100 1000
VCE[V], COLLECTOR-EMITTER VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Figure 2. DC current Gain
VBE(sat), VCE(sat)[V], SATURATION VOLTAGE
10
1000
IC=10IB
VCE=2V
1
IC[mA], COLLECTOR CURRENT
100 1000
100
VBE(sat)
0.1
10
VCE(sat)
0.01 1 10
1 0.0
0.2
0.4
0.6
0.8
1.0
1.2
IC[mA], COLLECTOR CURRENT
VBE[V], BASE-EMITTER VOLTAGE
Figure 3. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
100
f=1MHz IE=0
Cob[pF],CAPACTIANCE
10
1 1 10 100
VCB[V], COLLECTOR-BASE VOLTAGE
Figure 5. Collector Output Capacitance
(c)2001 Fairchild Semiconductor Corporation
Rev. A1, August 2001
KSC1008
Package Demensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2001 Fairchild Semiconductor Corporation Rev. A1, August 2001
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DenseTrenchTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM
OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SLIENT SWITCHER(R)
SMART STARTTM STAR*POWERTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TruTranslationTM TinyLogicTM UHCTM UltraFET(R)
VCXTM
STAR*POWER is used under license
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2001 Fairchild Semiconductor Corporation
Rev. H4


▲Up To Search▲   

 
Price & Availability of KSC1008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X