Part Number Hot Search : 
66LE606 NJM7805 CONTROL R2060 R2060 41HA60 MLL977B DTC014EM
Product Description
Full Text Search
 

To Download KRA521T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
HIGH CURRENT SWITCHING APPLICATION. INTERFACE CIRCUIT AND DRIVER CIRCUIT APPPLICATION. FEATURES
With Built-in Bias Resistors. Simplify Circuit Design. Reduce a Quantity of Parts and Manufacturing Process. High Output Current : -800mA.
A F
KRA521T~KRA526T
EPITAXIAL PLANAR PNP TRANSISTOR
E B 1 5
DIM MILLIMETERS _ A 2.9 + 0.2
B C D E F G H I J K L 1.6+0.2/-0.1 _ 0.70 + 0.05 _ 0.4 + 0.1 2.8+0.2/-0.3 _ 1.9 + 0.2 0.95 _ 0.16 + 0.05 0.00-0.10 0.25+0.25/-0.15 0.60 0.55
G
2
3
4
G
C
L
EQUIVALENT CIRCUIT
OUT R1 R2
J
J
H
TYPE NO. KRA521T KRA522T KRA523T KRA524T
R1 (k ) 1 2.2 4.7 10 1 2.2
R2 (k 1 2.2 4.7 10 10 10
)
IN
1. Q 1 IN (BASE) 2. Q 1, Q 2 COMMON (EMITTER) 3. Q 2 IN (BASE) 4. Q 2 OUT (COLLECTOR) 5. Q 1 OUT (COLLECTOR)
COMMON(+)
KRA525T KRA526T
TSV
EQUIVALENT CIRCUIT (TOP VIEW)
5 4
Q1
D
MAXIMUM RATING (Ta=25
Output Voltage
)
SYMBOL KRA521T~526T KRA521T KRA522T KRA523T KRA524T KRA525T KRA526T VO
1
CHARACTERISTIC
RATING -50 -10, 10 -12, 10 -20, 10 -30, 10 -10, 5 -12, 6
Input Voltage
VI
Output Current Power Dissipation Junction Temperature Storage Temperature Range * Package mounted on a ceramic board (600 0.8 ) KRA521T~526T
IO PD * Tj Tstg
-800 0.9 150 -55 150
Marking
5 4
MARK SPEC
TYPE MARK KRA521T PA KRA522T PB KRA523T PC KRA524T PD KRA525T PE KRA526T PF
1 2 3
Type Name
2002. 7. 9
Revision No : 2
I
Q2
2
3
UNIT V
V
mA W
Lot No.
1/5
KRA521T~KRA526T
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Output Cut-off Current KRA521T~526T KRA521T KRA522T KRA523T DC Current Gain KRA524T KRA525T KRA526T Output Voltage KRA521T~526T KRA521T KRA522T KRA523T Input Voltage (ON) KRA524T KRA525T KRA526T KRA521T~524T Input Voltage (OFF) KRA525T~526T Transition Frequency KRA521T~526T KRA521T KRA522T KRA523T Input Current KRA524T KRA525T KRA526T Note : * Characteristic of Transistor Only. II VI=-5V VI(OFF) fT * VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA, f=100MHz VI(ON) VO=-0.3V, IO=-20mA VO(ON) IO=-50mA, II=-2.5mA GI VO=-5V, IO=-50mA SYMBOL IO(OFF) TEST CONDITION VO=-30V, VI=0 MIN. 33 39 47 56 56 56 -0.5 -0.3 TYP. -0.1 200 MAX. -10 -0.3 -3.0 -3.0 -3.0 V -3.0 -3.0 -2.0 V -7.2 -3.8 -1.8 mA -0.88 -7.2 -3.6 MHz V UNIT A
2002. 7. 9
Revision No : 2
2/5
KRA521T~KRA526T
OUTPUT CURRENT I O (mA)
OUTPUT CURRENT I O (mA)
-500 -300 -100 -50 -30
KRA521T
VO =-0.3V
I O - VI(ON)
-500 -300 -100 -50 -30 -10 -5 -3
KRA522T
VO =-0.3V
I O - VI(ON)
Ta=100 C
-10 -5 -3 -1 -0.5 -0.3 -0.1
Ta=100 C
Ta=25 C Ta=-25 C
-0.3
-1
-3
-10
-30
-100 -300
-1k
-1 -0.5 -0.3 -0.1
Ta=25 C Ta=-25 C
-0.3
-1
-3
-10
-30 -100
-300 -1k
INPUT ON VOLTAGE V I(ON) (V)
INPUT ON VOLTAGE V I(ON) (V)
I O - V I(OFF)
-5k OUTPUT CURRENT I O (A) -3k KRA521T OUTPUT CURRENT I O (A)
VO =-5V
I O - V I(OFF)
-5k -3k -1k
Ta=-2 5C
00 C Ta=1
KRA522T
V O =-5V
-1k
Ta=1 00 C
Ta=-2 5C
Ta=2 5
-100 -50 -30 -0.4
-100 -50 -30 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-0.6
-0.8
-1.0
Ta=2 5C
-500 -300
-500 -300
C
-1.2
-1.4
-1.6
-1.8
-2.0
INPUT OFF VOLTAGE V I(OFF) (V)
INPUT OFF VOLTAGE V I(OFF) (V)
300 DC CURRENT GAIN G I 100 50 30 10 5 3 1
KRA521T
VO =-5V
G I - IO
300 DC CURRENT GAIN G I 100 50 30 10 5 3 1
KRA522T
VO =-5V
G I - IO
= Ta
1
00
C
=1 Ta
00
C
Ta=25 C Ta=-25 C
Ta=25 C Ta=-25 C
-1
-3
-10
-30
-100
-300
-1k
-1
-3
-10
-30
-100
-300
-1k
OUTPUT CURRENT I O (mA)
OUTPUT CURRENT I O (mA)
2002. 7. 9
Revision No : 2
3/5
KRA521T~KRA526T
OUTPUT CURRENT I O (mA)
OUTPUT CURRENT I O (mA)
-500 -300 -100 -50 -30
KRA523T
VO =-0.3V
I O - V I(ON)
-500 -300 -100 -50 -30 -10 -5 -3
KRA524T
VO =-0.3V
I O - V I(ON)
Ta=100 C
-10 -5 -3 -1 -0.5 -0.3 -0.1
Ta=25 C Ta=-25 C
Ta=100 C
Ta=25 C Ta=-25 C
-0.3
-1
-3
-10
-30
-100 -300
-1k
-1 -0.5 -0.3 -0.1
-0.3
-1
-3
-10
-30 -100
-300 -1k
INPUT ON VOLTAGE V I(ON) (V)
INPUT ON VOLTAGE V I(ON) (V)
I O - V I(OFF)
-5k OUTPUT CURRENT IO (A) -3k -1k
Ta=1 00 C
I O - V I(OFF)
-5k OUTPUT CURRENT IO (A) -3k KRA524T
VO =-5V
KRA523T
VO =-5V
Ta=-2 5C
0C
-1k -500 -300 -100 -50 -30 -0.4
-100 -50 -30 -0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-0.6
Ta=1 0
-500 -300
-0.8
-1.0
-1.2
Ta=-2 5C
Ta=2 5C
Ta=2 5C
-1.4
-1.6
-1.8 -2.0
INPUT OFF VOLTAGE V I(OFF) (V)
INPUT OFF VOLTAGE V I(OFF) (V)
300 DC CURRENT GAIN G I 100 50 30 10 5 3 1
KRA523T
VO =-5V
GI - IO
3k DC CURRENT GAIN G I
Ta= C 100
KRA524T
V O =-5V
GI - IO
1k 500 300 100 50 30 10
Ta=25 C Ta=-25 C
Ta=25 C Ta=-25 C
Ta=100 C
-1
-3
-10
-30
-100
-300
-1k
-1
-3
-10
-30
-100
-300
-1k
OUTPUT CURRENT I O (mA)
OUTPUT CURRENT I O (mA)
2002. 7. 9
Revision No : 2
4/5
KRA521T~KRA526T
I O - V I(ON)
OUTPUT CURRENT I O (mA)
VO =-0.3V
OUTPUT CURRENT I O (mA)
-500 -300 -100 -50 -30
KRA525T
-500 -300 -100 -50 -30 -10 -5 -3
KRA526T
VO =-0.3V
I O - V I(ON)
Ta=100 C
-10 -5 -3
Ta=25 C Ta=-25 C
Ta=100 C
Ta=25 C Ta=-25 C
-1 -0.5 -0.3 -0.1 -0.3
-1
-3
-10
-30
-100 -300 -1K
-1 -0.5 -0.3 -0.1
-0.3
-1
-3
-10
-30 -100
-300 -1K
INPUT ON VOLTAGE VI(ON) (V)
INPUT ON VOLTAGE VI(ON) (V)
I O - V I(OFF)
-5k OUTPUT CURRENT I O (A) -3k -1k
Ta=10 0C
I O - V I(OFF)
-5k OUTPUT CURRENT I O (A) -3k KRA526T
VO =-5V
KRA525T
VO =-5V
Ta=1 00 C
-1k -500 -300
-500 -300
-100 -50 -30 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 INPUT OFF VOLTAGE V I(OFF) (V)
Ta=-25 C
Ta=25 C
-100 -50 -30 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 INPUT OFF VOLTAGE V I(OFF) (V)
3k DC CURRENT GAIN G I 1k 500 300 100 50 30 10
KRA525T
VO =-5V
GI - IO
3k DC CURRENT GAIN G I 1k 500 300 100 50 30 10
KRA526T
VO =-5V
Ta=100 C
Ta=100 C
Ta=25 C Ta=-25 C
-1
-3
-10
-30
-100
-300
-1k
-1
-3
-10
Ta=25 C Ta=-25 C
GI - IO
Ta=25 C Ta=-25 C
-30
-100
-300
-1k
OUTPUT CURRENT I O (mA)
OUTPUT CURRENT I O (mA)
2002. 7. 9
Revision No : 2
5/5


▲Up To Search▲   

 
Price & Availability of KRA521T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X