Part Number Hot Search : 
LF45ABP 7660SEOA SSS91850 H0009NL 4ACT2 BGO807C 110BC 2374A
Product Description
Full Text Search
 

To Download IR21091S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data Sheet No. PD60191-A
IR21091(S)
HALF-BRIDGE DRIVER
Features
* * * * * * * * * * *
Floating channel designed for bootstrap operation Fully operational to +600V Tolerant to negative transient voltage dV/dt immune Gate drive supply range from 10 to 20V Undervoltage lockout for both channels 3.3V, 5V and 15V input logic compatible Cross-conduction prevention logic Matched propagation delay for both channels High side output in phase with IN input Logic and power ground +/- 5V offset. Internal 500ns dead-time, and programmable up to 5us with one external RDT resistor Lower di/dt gate driver for better noise immunity The dual function DT/SD pin input turns off both channels.
Product Summary
VOFFSET IO+/VOUT ton/off (typ.) Dead time 600V max. 120 mA / 250 mA 10 - 20V 680 & 170 ns 500 ns
(programmable up to 5uS)
Packages
Description
The IR21091(S) are high voltage, high speed power MOSFET and IGBT drivers with dependant high and low side referenced output channels. Proprietary HVIC 8 Lead SOIC 8 Lead PDIP and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
Typical Connection
up to 600V VCC
VCC
IN SD
VB HO VS LO
IR21091(S)
TO LOAD
IN DT/SD COM
(Refer to Lead Assignments for correct configuration). This/These diagram(s) show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
www.irf.com
1
IR21091(S)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VLO DT/SD VIN dVS/dt PD Rth JA TJ TS TL
Definition
High side floating absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Programmable dead-time and shut-down pin voltage Logic input voltage Allowable offset supply voltage transient Package power dissipation @ TA +25C Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds) (8 Lead PDIP) (8 Lead SOIC) (8 Lead PDIP) (8 Lead SOIC)
Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 VSS - 0.3 VSS - 0.3 -- -- -- -- -- -- -50 --
Max.
625 VB + 0.3 VB + 0.3 25 VCC + 0.3 VCC + 0.3 VCC + 0.3 50 1.0 0.625 125 200 150 150 300
Units
V
V/ns W C/W
C
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating are tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VLO VIN DT/SD TA
Definition
High side floating supply absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage Programmable dead-time and shut-down pin voltage Ambient temperature
Min.
VS + 10 Note 1 VS 10 0 VSS VSS -40
Max.
VS + 20 600 VB 20 VCC VCC VCC 125
Units
V
C
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
2
www.irf.com
IR21091(S)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF, TA = 25C, DT = VSS unless otherwise specified.
Symbol
ton toff MT tr tf DT MDT tsd
Definition
Turn-on propagation delay Turn-off propagation delay Delay matching, HS & LS turn-on/off Turn-on rise time Turn-off fall time Deadtime: LO turn-off to HO turn-on(DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO) Deadtime matching = DTLO - HO - DTHO-LO Shut down propagation delay
Min.
-- -- -- -- -- 400 4 -- -- --
Typ.
750 200 0 150 50 540 5 0 0 --
Max. Units Test Conditions
950 280 70 220 80 680 6 60 600 -- usec nsec nsec VS = 0V VS = 0V RDT= 0 RDT = 200k RDT=0 RDT = 200k VS = 0V VS = 0V or 600V
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, DT= VSS and TA = 25C unless otherwise specified. The VIL , VIH and IIN parameters are referenced to VSS /COM and are applicable to the respective input leads: IN and DT. The VO, IO and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
VIH VIL VSD,TH VOH VOL ILK IQBS IQCC IIN+ IINVCCUV+ VBSUV+ VCCUVVBSUVVCCUVH VBSUVH IO+ IO-
Definition
Logic "1" input voltage for HO & logic "0" for LO Logic "0" input voltage for HO & logic "1" for LO DT/SD pin shutdown input threshold High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current VCC and VBS supply undervoltage positive going threshold VCC and VBS supply undervoltage negative going threshold Hysteresis Output high short circuit pulsed vurrent Output low short circuit pulsed current
Min. Typ. Max. Units Test Conditions
2.9 -- 2.9 -- -- -- 20 0.4 -- -- 8.0 7.4 0.3 120 250 -- -- -- 0.8 0.3 -- 60 1.0 5 1 8.9 8.2 0.7 200 350 -- 0.8 -- 1.4 0.6 50 150 1.6 20 2 9.8 9.0 -- -- -- mA VO = 0V, PW 10 s VO =15V,PW 10 s mA A V IO = 20 mA IO = 20 mA VB = VS = 600V VIN = 0V or 5V VIN = 0V or 5V RDT = 0 A IN = 5V, SD = 0V IN = 0V, SD = 5V VCC = 10V to 20V VCC = 10V to 20V
V
www.irf.com
3
IR21091(S)
Functional Block Diagrams
VB
IR21091(S)
IN
VSS/COM LEVEL SHIFT HV LEVEL SHIFTER PULSE GENERATOR
UV DETECT R PULSE FILTER R S Q
HO
VS
DT/SD
DEADTIME UV DETECT
VCC
LO
VSS/COM LEVEL SHIFT
DELAY
COM
4
www.irf.com
IR21091(S)
Lead Definitions
Symbol Description
IN DT/SD VB HO VS VCC LO COM
Logic input for high and low side gate driver outputs (HO and LO), in phase with HO
Programmable dead-time lead, referenced to VSS. Disables input/output logic when tied to VCC High side floating supply High side gate drive output High side floating supply return Low side and logic fixed supply Low side gate drive output Low side return
Lead Assignments
1 2 3 4 VCC IN DT/SD COM VB HO VS LO
8
7 6 5
1 2 3 4
VCC IN DT/SD COM
VB HO VS LO
8
7 6 5
8 Lead PDIP
8 Lead SOIC
IR21091
IR21091(S)
www.irf.com
5
IR21091(S)
Case Outlines
8 Lead PDIP
D A 5 B
F OOT PRINT 8X 0.72 [.028]
01-6014 01-3003 01 (MS-001AB)
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
DIM A b
A1 .0040 c
6 E
8
7
6
5 H 0.25 [.010] A
6.46 [.255]
D E e e1 H K L
8X 1.78 [.070]
1
2
3
4
.050 BAS IC .025 BAS IC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BAS IC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X e e1 A C
3X 1.27 [.050]
y
K x 45 y 0.10 [.004]
8X b 0.25 [.010]
NOT ES:
A1 CAB
8X L 7
8X c
1. DIMENS IONING & T OLERANCING PE R ASME Y14.5M-1994. 2. CONT ROLLING DIMENSION: MILLIMET ER 3. DIMENS IONS ARE SHOWN IN MILLIME TE RS [INCHES]. 4. OUT LINE CONF ORMS T O JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INCLUDE MOLD PROT RUS IONS. MOLD PROTRUSIONS NOT T O E XCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROT RUS IONS. MOLD PROTRUSIONS NOT T O E XCEED 0.25 [.010]. 7 DIMENSION IS T HE LE NGTH OF LEAD FOR SOLDE RING TO A SUBS TRAT E.
8 Lead SOIC
6
01-6027 01-0021 11 (MS-012AA)
www.irf.com
IR21091(S)
IN(LO)
IN
50%
50%
IN(HO)
ton tr 90% toff 90% tf
HO LO
LO HO
10%
10%
Figure 1. Input/Output Timing Diagram
Figure 2. Switching Time Waveform Definitions
50%
50%
50% DT/SD tsd HO LO 90%
IN
90%
HO LO
DT LO-HO
10% DT HO-LO
Figure 3. Shutdown Waveform Definitions
90%
10% MDT= DT LO-HO - DT HO-LO
Figure 4. Deadtime Waveform Definitions
IN (LO)
50% 50%
IN (HO)
LO
HO
10%
MT 90%
MT
LO
HO
Figure 5. Delay Matching Waveform Definitions
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 5/15/2001
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of IR21091S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X