![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE 1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER FEATURES: DESCRIPTION: IDTCSPU877A * 1 to 10 differential clock distribution * Optimized for clock distribution in DDR2 (Double Data Rate) SDRAM applications * Operating frequency: 125MHz to 270MHz * Very low skew: 40ps * Very low jitter: 40ps * 1.8V AVDD and 1.8V VDDQ * CMOS control signal input * Test mode enables buffers while disabling PLL * Low current power-down mode * Tolerant of Spread Spectrum input clock * Available in 52-Ball VFBGA and 40-pin MLF packages APPLICATIONS: * Meets or exceeds JEDEC standard 82.8 for registered DDR2 clock driver * Along with SSTU32864/65/66, DDR2 register, provides complete solution for DDR2 DIMMs The CSPU877A is a PLL based clock driver that acts as a zero delay buffer to distribute one differential clock input pair(CLK, CLK ) to 10 differential output pairs (Y [0:9], Y [0:9]) and one differential pair of feedback clock output (FBOUT, FBOUT). External feedback pins (FBIN, FBIN) for synchronization of the outputs to the input reference is provided. OE, OS, and AVDD control the power-down and test mode logic. When AVDD is grounded, the PLL is turned off and bypassed for test mode purposes. When the differential clock inputs (CLK, CLK) are both at logic low, this device will enter a low power-down mode. In this mode, the receivers are disabled, the PLL is turned off, and the output clock drivers are disabled, resulting in a current consumption device of less than 500A. The CSPU877A requires no external components and has been optimised for very low phase error, skew, and jitter, while maintaining frequency and duty cycle over the operating voltage and temperature range. The CSPU877A, designed for use in both module assemblies and system motherboard based solutions, provides an optimum high-performance clock source. The CSPU877A is available in Commercial Temperature Range (0C to +70C). See Ordering Information for details. FUNCTIONAL BLOCK DIAGRAM OE OS AVDD LD or OE POWER DOWN AND LD, OS, or OE TEST MODE PLL BYPASS LOGIC LD Y0 Y0 Y1 Y1 Y2 Y2 Y3 Y3 Y4 Y4 CLK CLK 10K - 100K FBIN FBIN PLL Y5 Y5 Y6 Y6 Y7 Y7 Y8 Y8 Y9 NOTE: The Logic Detect (LD) powers down the device when a logic LOW is applied to both CLK and CLK. The IDT logo is a registered trademark of Integrated Device Technology, Inc. Y9 FBOUT FBOUT COMMERCIAL TEMPERATURE RANGE 1 c 2004 Integrated Device Technology, Inc. JANUARY 2004 DSC-6495/4 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE PIN CONFIGURATION 6 Y6 Y5 Y5 Y6 GND GND Y7 GND NB NB GND Y2 C Y7 OS VDDQ FBIN VDDQ NB NB FBIN FBOUT FBOUT OE NB NB GND NB NB GND Y8 Y8 Y9 Y9 5 VDDQ VDDQ GND GND 4 3 Y0 Y0 Y1 A GND GND Y1 B VDDQ VDDQ VDDQ GND GND Y3 J Y4 Y4 Y3 K 2 VDDQ VDDQ VDDQ Y2 D 1 CLK E CLK F AGND AVDD G H VFBGA TOP VIEW 52 BALL VFBGA PACKAGE LAYOUT 0.65mm 6 5 4 3 2 1 A B C D E F G H J K TOP VIEW A 1 2 3 4 5 6 B C D E F G H J K 2 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE PIN CONFIGURATION VDDQ VDDQ Y1 Y0 Y5 Y1 Y0 Y5 Y6 Y6 ABSOLUTE MAXIMUM RATINGS(1,2) Symbol VDDQ, AVDD VI(3) VO(3) 30 29 28 27 26 Y7 Y7 VDDQ FBIN FBIN FBOUT FBOUT VDDQ OE OS Rating Supply Voltage Range Input Voltage Range Voltage range applied to any output in the high or low state Input clamp current Output Clamp Current Max -0.5 to +2.5 -0.5 to VDDQ + 0.5 -0.5 to VDDQ + 0.5 50 50 Unit V V V mA mA 39 32 40 38 37 36 35 34 VDDQ Y2 Y2 CLK CLK VDDQ AGND AVDD VDDQ GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 33 31 IIK (VI <0) IOK (VO <0 or VO > VDDQ) IO GND 25 24 23 22 21 Continuous Output Current 50 100 - 65 to +150 mA mA C (VO =0 to VDDQ) VDDQ or GND Continuous Current TSTG Storage Temperature Range MLF TOP VIEW NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. The maximum package power dissipation is calculated using a junction temperature of 150C and a board trace length of 750 mils. 3. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. This value is limited to 2.5V max. VDDQ VDDQ Y3 Y3 Y4 Y4 Y9 Y9 Y8 Y8 CAPACITANCE(1) Parameter CIN CI CL Description Input Capacitance VI = VDDQ or GND Delta Input Capacitance CLK, CLK, FBIN, FBIN Load Capacitance -- 10 -- pF NOTE: 1. Unused inputs must be held high or low to prevent them from floating. Min. 2 Typ. -- Max. 3 0.25 Unit pF pF RECOMMENDED OPERATING CONDITIONS Symbol AVDD(1) VDDQ TA Supply Voltage I/O Supply Voltage Operating Free-Air Temperature 1.7 0 Parameter Min. Typ. VDDQ 1.8 1.9 +70 Max. Unit V V C NOTE: 1. The PLL is turned off and bypassed for test purposes when AVDD is grounded. During this test mode, VDDQ remains within the recommended operating conditions and no timing parameters are guaranteed. 3 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE PIN DESCRIPTION (VFBGA) Pin Name AGND AVDD CLK, CLK FBIN, FBIN FBOUT, FBOUT GND VDDQ OE OS Y[0:9] Y[0:9] NB Pin Number G1 H1 E1, F1 E6, F6 G6, H6 B2 - B5, C2, C5, H2, H5, J2 - J5 D2 - D4, E2, E5, F2, G2 - G5 F5 D5 A3, A4, B1, B6, C1, C6, K1, K2, K5, K6 A1, A2, A5, A6, D1, D6, J1, J6, K3, K4 1.8V analog supply Differential clock input with a 10K to 100K pulldown resistor Feedback differential clock input Feedback differential clock output Ground 1.8V supply Output Enable Output Select (tied to GND or VDDQ) Buffered output of input clock, CLK Buffered output of input clock, CLK No Ball Description Ground for 1.8V analog supply PIN DESCRIPTION (MLF) Pin Name AGND AVDD CLK, CLK FBIN, FBIN FBOUT, FBOUT GND VDDQ OE OS Y[0:9] Y[0:9] NB Pin Number 7 8 4, 5 26, 27 24, 25 10 1, 6, 9, 15, 20, 23, 28, 31, 36 22 21 3, 11, 14, 16, 19, 29, 33, 34, 38, 39 2, 12, 13, 17, 18, 30, 32, 35, 37, 40 1.8V analog supply Differential clock input with a 10K to 100K pulldown resistor Feedback differential clock input Feedback differential clock output Ground 1.8V supply Output Enable Output Select (tied to GND or VDDQ) Buffered output of input clock, CLK Buffered output of input clock, CLK No Ball Description Ground for 1.8V analog supply 4 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE FUNCTION TABLE(1,2) INPUTS AVDD GND GND GND GND 1.8V (nom) 1.8V (nom) 1.8V (nom) 1.8V (nom) 1.8V (nom) X OE H H L L L L H H X X OS X X H L H L X X X X CLK L H L H L H L H L (3) OUTPUTS CLK H L H L H L H L L (3) Y L H L(z) L(z) Y7 Active L(z) L(z) Y7 Active L H L(z) Y H L L(z) L(z) Y7 Active L(z) L(z) Y7 Active H L L(z) FBOUT L H L H L H L H L(z) FBOUT H L H L H L H L L(z) Reserved PLL OFF OFF OFF OFF ON ON ON ON OFF H H NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care 2. L(z) means the outputs are disabled to a LOW state, meeting the IODL limit in DC Electrical Characteristics table. 3. The device will enter a low power-down mode when CLK and CLK are both at logic LOW. DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Commercial: TA = 0C to +70C Symbol VIK VIL(2) VIH(2) VIN(1) VID(DC)(2) VOD(3) VOH VOL IODL IIN IDDLD IDD Parameter Input Clamp Voltage (All Inputs) Input LOW Voltage (OE, OS, CLK, CLK) Input HIGH Voltage (OE, OS, CLK, CLK) Input Signal Voltage DC Input Differential Voltage Output Differential Voltage Output HIGH Voltage Output LOW Voltage Output Disabled LOW Current Input Current CLK, CLK OE, OS, FBIN, FBIN Static Supply Current (IDDQ and IADD) Dynamic Power Supply Current (IDDQ and IADD)(4,5) NOTES: 1. VIN specifies the allowable DC excursion of each different output. 2. VID is the magnitude of the difference between the input level on CLK and the input level on CLK. The CLK and CLK VIH and VIL limits are used to define the DC LOW and HIGH levels for the power down mode. 3. VOD is the magnitude of the difference between the true output level and the complementary level. 4. All Outputs are left open (unconnected to PCB). 5. Total IDD = IDDQ + IADD = FCK * CPD * VDDQ, for Cpd = (IDDQ + IADD) / (FCK * VDDQ) where FCK is the input frequency, VDDQ is the power supply, and CPD is the Power Dissipation Capacitance. Conditions VDDQ = 1.7V, II = -18mA Min. 0.65VDDQ -0.3 0.3 Typ. Max. - 1.2 0.35VDDQ VDDQ + 0.3 VDDQ + 0.4 0.1 0.6 Unit V V V V V V V A A A mA AVDD/VDDQ = 1.7V IOH = -100A, VDDQ = 1.7V to 1.9V IOH = -9mA, VDDQ = 1.7V IOL = 100A, VDDQ = 1.7V to 1.9V IOL = 9mA, VDDQ = 1.7V OE = L, VODL = 100mV, AVDD/VDDQ = 1.7V AVDD/VDDQ = Max., VI = 0V to VDDQ AVDD/VDDQ = Max., CLK and CLK = GND AVDD/VDDQ = Max., CLK = 270MHz 0.5 VDDQ - 0.2 1.1 100 250 10 500 300 5 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE TIMING REQUIREMENTS Symbol fCLK tDC tL Parameter Operating Clock Frequency(1,2) Application Clock Frequency(1,3) Input Clock Duty Cycle Stabilization Time(4) Min. 125 160 40 Max. 270 270 60 15 Unit MHz MHz % s NOTES: 1. The PLL will track a spread spectrum clock input. 2. Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications. To be used only for low speed system debug. 3. Application clock frequency is the range over which timing specifications apply. 4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up. During normal operation, the stabilization time is also the time required for the PLL circuit to obtain phase lock of its feedback signal to its reference signal when CLK and CLK go to a logic LOW state, enters the power-down mode, and later return to active operation. CLK and CLK may be left floating after they have been driven LOW for one complete clock cycle. AC ELECTRICAL CHARACTERISTICS(1) Symbol tPLH(2) tPHL(2) tJIT(CC+) tJIT(CC-) tJIT(PER)(3) tJIT(HPER)(3) tSLR(O)(1,4) tSLR(I)(1,4) t()(5) t()DYN tSK(O) tEN tDIS VOX(6) VID(AC) VIX SSC SSC f3dB Jitter (period) Half-Period Jitter Output Clock Slew Rate (single-ended) Output Enable (OE) Input Clock Slew Rate Static Phase Offset Dynamic Phase Offset Output Skew Output Enable to any Y or Y Output Disable to any Y or Y AC Differential Output Crosspoint Voltage AC Differential Input Voltage AC Differential Input Crosspoint Voltage Modulation Frequency Clock Input Frequency Deviation PLL Loop Bandwidth Differential outputs terminated with 120 (VDDQ/2) -0.1 0.6 (VDDQ/2) -0.15 30 0 2 166/200/266MHz 166/200/266MHz 166/200/266MHz 166/200/266MHz 166/200/266MHz (20% to 80%) Description LOW to HIGH Level Propagation Delay Time HIGH to LOW Level Propagation Delay Time Jitter (cycle-to-cycle) Test Conditions AVDD = GND, OE = H, OS = L, CLK to any output AVDD = GND, OE = H, OS = L, CLK to any output 166/200/266MHz 0 0 -40 -60 1.5 0.5 1 -50 -50 2.5 2.5 40 -40 40 60 3 4 50 50 40 8 8 (VDDQ/2) +0.1 VDDQ +0.4 (VDDQ/2) +0.15 33 -0.5 ps ps ps ns ns V V V KHz % MHz ps ps V/ns V/ns ps TBD ns Min. Typ.(2) TBD Max. Unit ns The PLL on the CSPU877A will meet all the above test parameters while supporting SSC synthesizers with the following parameters: NOTES: 1. There are two different terminations that are used with the above AC tests. The output load shown in figure 1 is used to measure the input and output differential pair cross-voltage only. The output load shown in figure 2 is used to measure all other tests, including input and output slew rates. For consistency, use 50 equal length cables with SMA connectors on the test board. 2. Refers to transition of non-inverting output. 3. Period jitter and half-period jitter specifications are seperate specifications that must be met independently of each other. 4. To eliminate the impact of input slew rates on static phase offset, the input slew rates of reference clock input (CLK, CLK) and feedback clock input (FBIN, FBIN) are recommended to be nearly equal. The 2.5V/ns slew rates are shown as a recommended target. Compliance with these nominal values is not mandatory if it can be adequately demonstrated that alternative characteristics meet the requirements of the registered DDR2 DIMM application. 5. Static phase offset does not include jitter. 6. VOX is specified at the DDR DRAM clock input or test load. 6 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE TEST CIRCUIT AND SWITCHING WAVEFORMS VDDQ Z = 60 L = 2.97" Z = 60 L = 2.97" GND CSPU877A GND R = 120 GND C = 10pF 0V R = 1M C = 1pF C = 10pF 0V R = 1M C = 1pF SCOPE Figure 1: Output Load Test Circuit 1 VDDQ/2 Z = 60 L = 2.97" Z = 60 L = 2.97" C = 10pF VDDQ/2 CSPU877A VDDQ/2 C = 10pF VDDQ/2 R = 10 Z = 50 R = 50 0V R = 10 Z = 50 R = 50 0V SCOPE Figure 2: Output Load Test Circuit 2 7 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE TEST CIRCUIT AND SWITCHING WAVEFORMS Yx, FBOUT Yx, FBOUT tcycle n tjit(cc) = tcycle n tcycle n+1 tcycle n+1 Cycle-to-Cycle jitter CLK CLK FBIN FBIN t(O)n t(O)n + 1 t(O) = n=N 1 N t(O)n (N is a large number of samples) Static Phase Offset Yx Yx Yx, FBOUT Yx, FBOUT tsk(o) Output Skew 8 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE TEST CIRCUIT AND SWITCHING WAVEFORMS Yx, FBOUT Yx, FBOUT tcycle n Yx, FBOUT Yx, FBOUT 1 fo 1 fo tjit(per) NOTE: fo = Average input frequency measured at CLK / CLK = tcycle n Period jitter Yx, FBOUT Yx, FBOUT thalf period n Yx, FBOUT Yx, FBOUT 1 fo thalf period n+1 tjit(hper) = thalf period n 1 2*f o NOTE: fo = Average input frequency measured at CLK / CLK Half-Period jitter 9 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE TEST CIRCUIT AND SWITCHING WAVEFORMS 50% VDDQ tEN 50% VDDQ Y/Y Y OE Y OE 50% VDDQ tDIS Y 50% VDDQ Y Time Delay Between Output Enable (OE) and Clock Output (Y, Y) CLK CLK FBIN FBIN t(O) SSC OFF SSC ON t(O) SSC OFF SSC ON t(O)DYN t(O)DYN t(O)DYN t(O)DYN Dynamic Phase Offset 10 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE TEST CIRCUIT AND SWITCHING WAVEFORMS 80% Clock Inputs and Outputs, OE 20% tR(I), tR(O) V80% V20% tR(I/O) tF(I), tF(O) tSLF(I/O) = Input and Output Slew Rates 80% VID, VOD 20% tSLR(I/O) = V80% V20% tF(I/O) VIA CARD 1 BEAD 0603 AVDD 4.7uF 1206 0.1uF 0603 VDDQ 1 10 0.1uF 0603 VDDQ 2200pF 0603 CSPU877A GND VIA CARD AGND GND NOTES: Place all decoupling capacitors as close to the CSPU877A pins as possible. Use wide traces for AVDD and AGND. Recommended bead: Fair-rite P/N 2506036017Y0 or equivalent (0.8 DC max., 600 at 100MHz). Recommended Filtering for the Analog and Digital Power Supplies (AVDD and VDDQ) APPLICATION INFORMATION Clock Loading on the PLL outputs (pF) Clock Structure #1 #2 # of SDRAM Loads per Clock 2 4 Min. 3 6 Max. 5 10 11 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE APPLICATION INFORMATION ~2.5" ~0.6" (split to terminator) SDRAM CSPU877A Z = 60 CLK C = 10pF CLK R = 120 R = 120 Z = 60 FBIN C = 10pF R = 120 FBIN 8 more ~0.3" SDRAM Feedback path Clock Structure 1 ~2.5" ~0.6" (split to terminator) SDRAM SDRAM CSPU877A Z = 60 CLK C = 10pF CLK SDRAM ~0.3" FBIN SDRAM R = 120 Stacked R = 120 Z = 60 FBIN C = 10pF R = 120 8 more Stacked Feedback path Clock Structure 2 12 IDTCSPU877A 1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIAL TEMPERATURE RANGE ORDERING INFORMATION IDTCSPU XXXXX Device Type X XX Package Process Blank BV BVG NL NLG 877A 0C to +70C (Commercial) Very Fine Pitch Ball Grid Array Very Fine Pitch Ball Grid Array. Green Thermally Enhanced Plastic Very Fine Pitch Quad Flat Pack No Lead Package VFQFPN - Green 1.8V PLL Differential 1:10 SDRAM Clock Driver CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 13 |
Price & Availability of IDTCSPU877ABVG
![]() |