Part Number Hot Search : 
ML2340 OR2T10A 00BGI OPA413 8L05A 1N4465 AK8778 ADG787
Product Description
Full Text Search
 

To Download IDTCSPT857A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
FEATURES: DESCRIPTION:
IDTCSPT857/A PRELIMINARY
* Optimized for clock distribution in DDR (Double Data Rate) SDRAM applications * Operating frequency: 60MHz to 200MHz * Standard speed: PC1600 (DDR200), PC2100 (DDR266) * A speed: PC1600 (DDR200), PC2100 (DDR266), PC2700 (DDR333) * 1 to 10 differential clock distribution * Very low skew (<100ps) * Very low jitter (<75ps) * 2.5V AVDD and 2.5V VDDQ * CMOS control signal input * Test mode enables buffers while disabling PLL * Low current power-down mode * Tolerant of Spread Spectrum input clock * Available in 48-pin TSSOP and 56-pin VFBGA packages
The CSPT857 is a PLL based clock driver that acts as a zero delay buffer to distribute one differential clock input pair(CLK, CLK ) to 10 differential output pairs (Y [0:9], Y [0:9]) and one differential pair of feedback clock output (FBOUT, FBOUT). External feedback pins (FBIN, FBIN) for synchronization of the outputs to the input reference is provided. A CMOS Enable/Disable pin is available for low power disable. When the output frequency falls below approximately 20MHz, the device will enter power down mode. In this mode, the receivers are disabled, the PLL is turned off, and the output clock drivers are tristated, resulting in a current consumption device of less than 200A. The CSPT857 requires no external components and has been optimised for very low I/O phase error, skew, and jitter, while maintaining frequency and duty cycle over the operating voltage and temperature range. The CSPT857, designed for use in both module assemblies and system motherboard based solutions, provides an optimum high-performance clock source. The CSPT857 is only available in Industrial Temperature Range (-40C to +85C), and CSPT857A is only available in Commercial Temperature Range (0C to +70C). See Ordering Information for details.
FUNCTIONAL BLOCK DIAGRAM
PWRDWN
37/E6
AVDD
16/G2
TEST MODE LOGIC
3/A1
Y0
2/A2
Y0
5/B2 6/B1 10/D1 9/D2
Y1 Y1 Y2 Y2
20/J2
Y3
19/J1 22/K1
Y3 Y4
23/K2
Y4 Y5
CLK CLK FBIN FBIN
13/F1 14/F2
46/A6 47/A5 44/B5 43/B6 39/D6 40/D5 29/J5 30/J6
PLL
36/F6 35/F5
Y5 Y6 Y6 Y7 Y7 Y8 Y8 Y9 Y9 FBOUT FBOUT
27/K6 26/K5
32/H6 33/H5
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
1
c 2002 Integrated Device Technology, Inc.
OCTOBER 2002
DSC-5172/7
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
PWR DWN
6
Y5 Y5
Y6 Y6
GND GND NC NC GND GND
C
Y7 Y7 NC NC Y2 Y2
D
FBIN
VDDQ FBOUT
Y8 Y8
Y9 Y9
5
VDDQ FBIN FBOUT GND NC NC VDDQ VDDQ
E
4
GND VDDQ GND VDDQ Y0 Y0
A
NC NC
VDDQ GND VDDQ GND Y3 Y3
J
3
2
Y1 Y1
B
CLK CLK
F
AVDD GND VDDQ AGND
G H
Y4 Y4
K
1
VFBGA TOP VIEW
56 BALL VFBGA PACKAGE LAYOUT
0.65mm
6
5 4 3 2 1 A B C D E F G H J K
TOP VIEW
A 1 2 3 4 5 6
B
C
D
E
F
G
H
J
K
2
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
PIN CONFIGURATION
GND Y0 Y0 VDDQ Y1 Y1 GND GND Y2 Y2 VDDQ VDDQ CLK CLK VDDQ AVDD AGND GND Y3 Y3 VDDQ Y4 Y4 GND 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 GND Y5 Y5 VDDQ Y6 Y6 GND GND Y7 Y7 VDDQ PWRDWN FBIN FBIN VDDQ FBOUT FBOUT GND Y8 Y8 VDDQ Y9 Y9 GND
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VDDQ, AVDD Rating Supply Voltage Range Input Voltage Range Voltage range applied to any output in the high or low state Input Clamp Current Output Clamp Current Max -0.5 to +3.6 -0.5 to VDDQ + 0.5 -0.5 to VDDQ + 0.5 -50 50 Unit V V V mA mA VI(2) VO(2) IIK (VI <0) IOK (VO <0 or VO > VDDQ) Continuous Output Current IO (VO =0 to VDDQ) VDDQ or GND TSTG Continuous Current Storage Temperature Range 50 100 - 65 to +150 mA mA C
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 3. The maximum package power dissipation is calculated using a junction temperature of 150C and a board trace length of 750 mils.
CAPACITANCE(1)
Parameter CIN CI() CL Description Input Capacitance VI = VDDQ or GND Delta Input Capacitance VI = VDDQ or GND Load Capacitance -- 14 -- pF
NOTE: 1. Unused inputs must be held high or low to prevent them from floating.
Min. 2.5 -0.25
Typ. -- --
Max. 3.5 0.25
Unit pF pF
TSSOP TOP VIEW
RECOMMENDED OPERATING CONDITIONS
CSPT857 Symbol AVDD VDDQ TA Supply Voltage I/O Supply Voltage Operating Free-Air Temperature Parameter Min. 2.3 -40 Typ. VDDQ 2.5 Max. 2.7 +85 Min. VDDQ - 0.12 2.3 0 CSPT857A Typ. VDDQ 2.5 Max. 2.7 2.7 +70 Unit V V
C
3
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
PIN DESCRIPTION (TSSOP)
Pin Name AGND AVDD CLK, CLK FBIN, FBIN FBOUT, FBOUT GND PWRDWN VDDQ Y[0:9] Y[0:9] Pin Number 17 16 13, 14 35, 36 32, 33 1, 7, 8, 18, 24, 25, 31, 41, 42, 48 37 4, 11, 12, 15, 21, 28, 34, 38, 45 3, 5, 10, 20, 22, 27, 29, 39, 44, 46 2, 6, 9, 19, 23, 26, 30, 40, 43, 47 2.5V analog supply Differential clock input Feedback differential clock input Feedback differential clock output Ground Output enable for Y and Y 2.5V supply Buffered output of input clock, CLK Buffered output of input clock, CLK Description Ground for 2.5V analog supply
PIN DESCRIPTION (VFBGA)
Pin Name AGND AVDD CLK, CLK FBIN, FBIN FBOUT, FBOUT GND PWRDWN VDDQ Y[0:9] Y[0:9] Pin Number H1 G2 F1, F2 F5, F6 H6, G5 A3, A4, C1, C2, C5, C6, H2, H5, K3, K4 E6 B3, B4, E1, E2, E5, G1, G6, J3, J4 A1, A6, B2, B5, D1, D6, J2, J5, K1, K6 A2, A5, B1, B6, D2, D5, J1, J6, K2, K5 2.5V analog supply Differential clock input Feedback differential clock input Feedback differential clock output Ground Output enable for Y and Y 2.5V supply Buffered output of input clock, CLK Buffered output of input clock, CLK Description Ground for 2.5V analog supply
FUNCTION TABLE(1)
INPUTS AVDD GND GND X X 2.5V (nom) 2.5V (nom) 2.5V (nom)(2) PWRDWN H H L L H H X CLK L H L H L H <20MHz CLK H L H L H L <20MHz Y L H Z Z L H Z Y H L Z Z H L Z OUTPUTS FBOUT L H Z Z L H Z FBOUT H L Z Z H L Z PLL Bypassed/OFF Bypassed/OFF OFF OFF ON ON OFF
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level Z = High-Impedance OFF-State X = Don't Care 2. Additional feature that senses when the clock input is less than approximately 20MHz and places the part in sleep mode. Reciever inputs and PLL are turned off and outputs = tristate.
4
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Commercial: TA = 0C to +70C; Industrial: TA = -40C to +85C
Symbol VIK VIL (dc) VIH (dc) VIL (ac) VIH (ac) VOL VOH VIX VID(DC) (1) VID(AC) (1) IIN IDDPD IDDQ IADD Parameter Input Clamp Voltage (All Inputs) Static Input LOW Voltage Static Input HIGH Voltage Dynamic Input LOW Voltage Dynamic Input HIGH Voltage Output LOW Voltage Output HIGH Voltage Input Differential Cross Voltage DC Input Differential Voltage AC Input Differential Voltage Input Current Power-Down Current on VDDQ and AVDD Dynamic Power Supply Current on VDDQ Dynamic Power Supply Current on AVDD VDDQ = 2.7V, VI = 0V to 2.7V AVDD/VDDQ = Max., CLK = 0MHz or PWRDWN = L AVDD/VDDQ = Max., CLK = 200MHz, 120/14pF AVDD/VDDQ = Max., CLK = 170MHz, 120/14pF AVDD/VDDQ = Max., CLK = 170MHz
NOTE: 1. VID is the magnitude of the difference between the input level on CLK and the input level on CLK.
Conditions VDDQ = 2.3V, II = -18mA PWRDWN PWRDWN CLK, CLK, FBIN, FBIN CLK, CLK, FBIN, FBIN AVDD/VDDQ = Min., IOL = 100A AVDD/VDDQ = Min., IOL = 12mA AVDD/VDDQ = Min., IOH = -100A AVDD/VDDQ = Min., IOH = -12mA
Min. - 0.3 1.7 1.7 VDDQ - 0.1 1.7 VDDQ/2 - 0.2 0.36 0.7
Typ.
Max. - 1.2 0.7 VDDQ + 0.3 0.7 VDDQ 0.1 0.6
Unit V V V V V
VDDQ/2 + 0.2 VDDQ + 0.6 VDDQ + 0.6 10 100 320 250 200 360 300 12
V V V A A mA mA
5
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TIMING REQUIREMENTS
Symbol fCLK tDC tL Parameter Operating Clock Frequency(1,2) Application Clock Frequency(1,3) Input Clock Duty Cycle Stabilization Time(4) Min. 60 60 40 Max. 200 200 60 100 Unit MHz MHz % s
NOTES: 1. The PLL will track a spread spectrum clock input. 2. Operating clock frequency is the range over which the PLL will lock, but may not meet all timing specifications. 3. Application clock frequency is the range over which timing specifications apply. 4. Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal after power up.
SWITCHING CHARACTERISTICS
CSPT857 Symbol tPLH(1) tPHL(1) tJIT(PER) tJIT(CC) tJIT(HPER) tSLR(O) tSLR(I) t() tSK(O) tR, tF VOX(5) Description LOW to HIGH Level Propagation Delay Time HIGH to LOW Level Propagation Delay Time Jitter (period), see figure 6 Jitter (cycle-to-cycle), see figure 3 Half-Period Jitter, see figure 7 Output Clock Slew Rate (Single-Ended) Input Clock Slew Rate Static Phase Offset, see figure 4(2,3) Output Skew, see figure 5 Output Rise and Fall Times (20% to 80%) Output Differential Voltage Load: 120 / 14pF Differential outputs are terminated with 120 SSC SSC f3dB Modulation Frequency Clock Input Frequency Deviation PLL Loop Bandwidth 650 VDDQ/2 - 0.2 30 0 5 66/ 100/ 133/ 167/ 200 MHz Test Conditions Test mode, CLK to any output Test mode, CLK to any output 66MHz 100/ 133/ 167/ 200 MHz 66MHz 100/ 133/ 167/ 200 MHz 66MHz 100/ 133/ 167/ 200 MHz 100/ 133/ 167/ 200 MHz (20% to 80%) - 90 - 75 - 180 - 75 - 160 - 100 1 1 - 100 Min. Typ.(1) Max. 4.5 4.5 90 75 180 75 160 100 2 4 100 75 900 + 0.2 50 -0.5 650 - 0.15 30 0 5 VDDQ/2 VDDQ/2 - 90 - 75 - 180 - 75 - 160 - 100 1 1 - 50 CSPT857A Min. Typ.(1) 4.5 4.5 90 75 180 75 160 100 2 4 50 75 900 VDDQ/2 + 0.15 50 -0.5 KHz % MHz V/ns V/ns ps ps ps V ps ps Max. Unit ns ns ps
The PLL on the CSPT857 will meet all the above test parameters while supporting SSC synthesizers(4) with the following parameters:
NOTES: 1. Refers to transition of non-inverting output. 2. Static phase offset does not include jitter. 3. t() is measured with input clock slew rate tSLR(I) = 2V/ns and an input differential voltage VID of 1.75V. 4. The SSC requirements meet the Intel PC100 SDRAM Registered DIMM specification. 5. VOX is specified at the SDRAM clock input or test load.
6
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUIT AND SWITCHING WAVEFORMS
VDD
Z = 60 C = 14pF Z = 60 R = 120 VSS
C = 14pF VSS CSPT857/A VSS
Figure 1. Output Load
VDDQ/2
Z = 60 C = 14pF VDDQ/2 Z = 60 C = 14pF VDDQ/2 CSPT857/A VDDQ/2
R = 10
Z = 50 R = 50 0V
R = 10
Z = 50
R = 50 0V SCOPE
Figure 2. Output Load Test Circuit
7
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUIT AND SWITCHING WAVEFORMS
Yx, FBOUT Yx, FBOUT
tcycle n tjit(cc) = tcycle n
tcycle n+1 tcycle n+1
Figure 3. Cycle-to-Cycle jitter
CLK CLK
FBIN FBIN
t(O)n
t(O)n + 1
t(O)
=
n=N 1 N
t(O)n
(N is a large number of samples)
Figure 4. Static Phase Offset
Yx Yx
Yx, FBOUT Yx, FBOUT
tsk(o)
Figure 5. Output Skew 8
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUIT AND SWITCHING WAVEFORMS
Yx, FBOUT Yx, FBOUT
tcycle n
Yx, FBOUT Yx, FBOUT 1 fo 1 fo
tjit(per)
=
tcycle n
Figure 6. Period jitter
Yx, FBOUT Yx, FBOUT
thalf period n
Yx, FBOUT Yx, FBOUT 1 fo
thalf period n+1
tjit(hper) = thalf period n
1 2*f o
Figure 7. Half-Period jitter
9
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUIT AND SWITCHING WAVEFORMS
80% Clock Inputs and Outputs 20%
80% VID, VOD 20%
tR
Figure 8. Input and Output Slew Rates
tF
APPLICATION INFORMATION
Clock Loading on the PLL outputs (pF) Clock Structure #1 #2 # of SDRAM Loads per Clock 2 4 Min. 4 8 Max. 7 14
10
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
APPLICATION INFORMATION
~2.5" ~0.6" (split to terminator)
SDRAM CSPT857/A Z = 60 CLK C = 14pF CLK R = 120 R = 120 Z = 60
FBIN C = 14pF
(1)
8 more ~0.3"
SDRAM
R = 120 FBIN
Feedback path
Figure 9. Clock Structure 1
~2.5"
~0.6" (split to terminator)
SDRAM SDRAM CSPT857/A Z = 60 CLK C = 14pF CLK SDRAM ~0.3" FBIN SDRAM R = 120
Stacked
R = 120 Z = 60
FBIN C = 14pF
(1)
8 more
Stacked
R = 120
Feedback path
Figure 10. Clock Structure 2
NOTE: 1. Memory module vendors may need to adjust the feedback capacitive load in order to meet DDR SDRAM registered DIMM timing requirements.
11
IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDTCSPT XXXXX Device Type X XX Package Process Blank I PA BV 857 857A 0C to +70C (Commercial, A speed only) -40C to +85C (Industrial, Std. speed only) Thin Shrink Small Outline Package Very Fine Pitch Ball Grid Array 2.5V PLL Differential 1:10 SDRAM Clock Driver
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
12


▲Up To Search▲   

 
Price & Availability of IDTCSPT857A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X