Part Number Hot Search : 
IRG4PC 78M24C 20M22X BC727 SD820S05 AR5004 AR5004 S3P9414
Product Description
Full Text Search
 

To Download HSMM-A100- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HSMx-A10x-xxxxx PLCC-2 SMT LED
Product Brief
Features and Benefits * Industry Standard PLCC-2 SMT package - No change in existing board layout, drop-in replacement for the existing PLCC-2 SMT LEDs Background An industry leader in high brightness LED technology, Agilent Technologies offers a wide range of surface-mount (SMT) LEDs, including Subminiature lamps, ChipLEDs and High flux LEDs. As more applications demand SMT LEDs, we have introduced the Agilent PLCC-2 SMT LEDs. These new products deliver top emission in the industry-standard PLCC-2 package. About the products This surface-mount LED comes in PLCC-2 standard package dimension. It has a substrate made up of a molded plastic reflector sitting on top of a bent lead frame. The die is attached within the reflector cavity and the cavity is encapsulated by an Agilent proprietary epoxy blend. The PLCC-2 SMT LED products with a viewing angle of 120 is ideal for instruments/switch/icon backlighting. Its external reflector makes easy coupling with light pipe/light guide for an evenlarger area backlighting. The package design coupled with careful selection of component materials allow these products to perform with high reliability in a larger temperature range -40 C to 100C. The high reliability feature is crucial to Automotive Interior and Indoor ESS. This package is also designed to be compatible with both IR-solder reflow and through-the-wave soldering. The new Agilent TLED will carry the part number HSMx-A10xxxxxx. * High brightness using AlInGaP and InGaN dice technologies - Only supplier using TS AlInGaP material * Available in multiple colors - Broad range of colors: Red, RedOrange, Orange, Amber, YellowGreen, Emerald Green, Green, Cyan and Blue * Super wide viewing angle at 120 - Well-suited for backlighting applications * High volume, high reliability - Cost effective solution * Compatible with both IR and TTW soldering process * Black reflector surface - for reduce contrast in ESS * High brightness performance - only PLCC-2 SMT LED supplier offering TS AlInGaP material
Special Product Features and Benefits * Mold Clamp - provides highest reliability performance by eliminating leadframe-epoxy delamination after solder reflow * Reflector Step Down - perfect SMT pick-up due to epoxy overfill being eliminated
* Package Bottom Chamfer - perfect lead forming giving high reliability performance (no lead over-formed), and no "tombstoning" defect after solder reflow Target Markets and Applications * Interior automotive - Instrument panel backlighting - Central console backlighting - Cabin backlighting
* Electronic Signs and Signals - Interior full color sign - Variable message sign * Office Automation, Electrical Appliances, Industrial Equipment - Front panel backlighting - Push button backlighting - Display backlighting
Part Numbers and Typical Product Performance
Part Number Color Dominant Wavelength D (nm)
626 637 626 630 615 617 602 605 585 590 592 569 560 525 505 462 470
Viewing Angle 21/2 ()
120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120
Intensity, Iv @ 20mA Min Typ (mcd) (mcd)
4 10 63 100 63 100 4 63 4 63 100 4 2.5 160 160 4 40 15 50 100 400 200 350 15 160 15 100 270 18 8 280 280 15 70
Vf @ 20mA Typical (V)
2.2 1.9 1.9 2.2 1.9 2.2 2.2 1.9 2.2 1.9 2.2 2.2 2.2 3.7 3.5 4.0 3.5
HSMS-A100-J00J1 HSMH-A100-L00J1 HSMC-A100-Q00J1 HSMZ-A100-R00J1 HSMJ-A100-Q00J1 HSMV-A100-R00J1 HSMD-A100-J00J1 HSML-A100-Q00J1 HSMY-A100-J00J1 HSMA-A100-Q00J1 HSMU-A100-R00J1 HSMG-A100-J02J1 HSMG-A100-H01J1 HSMM-A100-S00J1 HSMK-A100-S00J1 HSMB-A100-J00J1 HSMN-A100-P00J1
GaP Red AS AlGaAs Red AS AlInGaP Red TS AlInGaP Red AS AlInGaP Red Orange TS AlInGaP Red Orange GaP Orange AS AlInGaP Orange GaP Amber AS AlInGaP Amber TS AlInGaP Amber GaP Yellow GaP Emerald Green InGaN Green InGaN Cyan GaN Blue InGaN Blue
Notes: 1. The luminous intensity lV, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be aligned with this axis. 2. The dominant wavelength, D, is derived from the CIE Chromaticity Diagram and represents the color of the device. 3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
For product information and a complete list of Agilent contacts and distributors, please go to our web site.
www.agilent.com/semiconductors
E-mail: SemiconductorSupport@agilent.com Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. February 13, 2002 5988-5616EN


▲Up To Search▲   

 
Price & Availability of HSMM-A100-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X