Part Number Hot Search : 
STD4A60S 25AA1 FSQ0765R BF720T3G 225007 351YG STD4A60S IRF7380
Product Description
Full Text Search
 

To Download HES12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H HiTRON
UNIVERSAL OR U.S. INPUT RANGE AC TO DC EXTERNAL WALLMOUNT ADAPTERS SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES HES12 OR HES12B SERIES
FEATURES:
04/22/2002
LOW COST WALLMOUNT ADAPTER DIVERSE AC PLUGS AVAILABLE MEET DIVERSE SAFETY STANDARDS EMI MEET EN 55022 OR FCC CLASS B CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: HES12 typ. 90-264Vac, rating 100-240Vac. HES12B typ. 90-132Vac, rating 120Vac. Input Connector: HES12: WM1 (U.S.2-blade)/WM3 (Euro-stecker)/ DT8(IEC320-2P). HES12B: WM1 (U.S.2-blade). Input Frequency: 47-63Hz. Inrush Current: HES12: Typ. 28A @ 230Vac by adding thermister. HES12B: Typ. 22.5A @ 115Vac. Input Current: HES12 Typ. 0.15A @ 230Vac. HES12B Typ. 0.24A @ 115Vac. Dielectric Withstand: Meet IEC950. EMI: Meet EN 55022 or FCC Class B. Hold-up Time: Typ. 13.2mS@115Vac/42.0mS@230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart. Output Current: See Ratings Chart. Output Wattage: Typ. 12 Watts. Output Connector: Optional. Line Regulation: Typ. 0.1%. Load Regulation: Typ. 2-3%. Noise & Ripple: Typ. 1.0% peak to peak. OVP: Built-in. By Zener diode clamping. Adjustability: Factory set. Overload Protection (OLP): Fully protected against output overload or short circuit. Typ. 120-150% max. load. Consult the factory for special OLP setting Operating Temperature: 0 to +40C. Storage Temperature: -20 to +85C. Temperature Coefficient: Typ. 0.04% /C. Cooling: Free air convection. Construction: Impact resistant thermo-plastic enclosure case. Wallmount or Desktop format.
GENERAL SPECIFICATION
Efficiency: Typ. 80.5%. Switching Frequency: Typ. 56-76K Hz.@ full load. Circuit Topology: Free-running flyback circuit. Transient Response: Output voltage returns typ. 1mS following a 25% load change. Safety Standard: UL1950/EN60950.Class II. Power Density: 2.3 Watts. / Cubic Inch.
Notes: (1) All measurements are at nominal input, full load, and +25C unless otherwise specified. (2) Load regulation is measured at 230Vac or 120Vac in percentage to indicate the change in output voltage as the load is varied from half load to full load (%). (3) The exact obtainable load regulation depends upon the output cord selected and load current. Upper data are for 6 ft. (2 m) cord AWG#18 wires.
MODEL NO. DESCRIPTION: HES12 or B - XXX YYY - S
HES12B: WM1 OUTPUT CURRENT OUTPUT VOLTAGE SERIES NAME (Hitron External Switcher): About 12W.
04/22/2002 INPUT AC PLUG: HES12: [1]WM1, [3]WM3, [8]DT8
OUTPUT VOLTAGE/CURRENT RATINGS CHART
SINGLE OUTPUT
MODEL NO.
HES12-033240-1,3,8 HES12B-033240 HES12-050240-1,3,8 HES12B-050240 HES12-060200-1,3,8 HES12B-060200 HES12-065180-1,3,8 HES12B-065180 HES12-075160-1,3,8 HES12B-075160 HES12-090130-1,3,8 HES12B-090130 HES12-120100-1,3,8 HES12B-120100 HES12-150080-1,3,8 HES12B-150080 HES12-240050-1,3,8 HES12B-240050 HES12-480025-1,3,8 HES12B-480025
AC INPUT
90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac 90-264Vac 120Vac
AC PLUG
WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1 WM1/WM3/DT8 WM1
O/P VOLTAGE
3.3V 3.3V 5.0V 5.0V 6.0V 6.0V 6.5V 6.5V 7.5V 7.5V 9.0V 9.0V 12.0V 12.0V 15.0V 15.0V 24.0V 24.0V 48.0V 48.0V
O/P CURRENT
2.40A 2.40A 2.40A 2.40A 2.00A 2.00A 1.80A 1.80A 1.60A 1.60A 1.30A 1.30A 1.00A 1.00A 0.80A 0.80A 0.50A 0.50A 0.25A 0.25A
FORMAT
Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop t Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount Wallmount/Desktop Wallmount
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 113g (4.0 Oz.)


▲Up To Search▲   

 
Price & Availability of HES12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X