Part Number Hot Search : 
SRT13 OPB832W BM29F MMBT3906 IRFR110A LAN9512 OP05EZ F7828
Product Description
Full Text Search
 

To Download HD74HC356 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74HC356
8-to-1-line Data Selectors/Multiplexer/Register (with 3-state outputs)
Description
This data selectors/multiplexers contain full on-chip binary decoding to select one of eight data sources. The data select address is stored in transparent latches that are enabled by a low level address on pin 11, Select Control. Data on the 8 input lines is stored in a parallel input/output register which in the HD74HC356 is composed of 8 edge-triggered flip-flops, clocked by a low to high transition on pin 9, clock. Both true (Y) and complementary (W) 3-state outputs are available.
Features
* * * * * High Speed Operation: tpd (Clock to W, Y) = 27 ns typ (CL = 50 pF) High Output Current: Fanout of 15 LSTTL Loads Wide Operating Voltage: VCC = 2 to 6 V Low Input Current: 1 A max Low Quiescent Supply Current: ICC (static) = 4 A max (Ta = 25C)
HD74HC356
Function Table
Inputs Select S1 X X X L L L L L L L L H H H H H H H H S2 X X X L L L L H H H H L L L L H H H H S0 X X X L L H H L L H H L L H H L L H H H or L H or L H or L H or L H or L H or L H or L H or L Clock X X X Output Enable G1 H X X L L L L L L L L L L L L L L L L G2 X H X L L L L L L L L L L L L L L L L G3 X X L H H H H H H H H H H H H H H H H Outputs W Z Z Z D0 D0n D1 D1n D2 D2n D3 D3n D4 D4n D5 D5n D6 D6n D7 D7n Y Z Z Z D0 D0n D1 D1n D2 D2n D3 D3n D4 D4n D5 D5n D6 D6n D7 D7n
2
HD74HC356
Pin Arrangement
D7 1 D6 2 D5 3 Data inputs D4 4 D3 5 D2 6 D1 7 D0 8 Clock 9 GND 10
20 VCC 19 Y Outputs 18 W 17 G3 16 G2 15 G1 14 S0 13 S1 12 S2 11 Select control Select Enables
(Top view)
Absolute Masimum Ratings
Item Supply voltage range Input voltage Output voltage Output current DC current drain per VCC, GND DC input diode current DC output diode current Power dissipation per package Storage temperature Symbol VCC VIN VOUT I OUT I CC, I GND I IK I OK PT Tstg Rating -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 35 75 20 20 500 -65 to +150 Unit V V V mA mA mA mA mW C
3
HD74HC356
Block Diagram
S0
D C C
Q
S1
D C C Q
S2
D C C Q
SC
D0
D C C Q
D1
D C C Q
VCC
D2
D C C Q
W
D3
D C C Q
VCC
Y D4
D C C Q
D5
D C C Q
D6
D C C Q
D7
D C C Q
CLK
G1 G2 G3
4
HD74HC356
DC Characteristics
Ta = 25C Item Input voltage Symbol VIH Ta = -40 to +85C Max -- -- -- 0.5 1.35 1.8 -- -- -- -- -- 0.1 0.1 0.1 0.33 0.33 5.0 1.0 40 A A A I OL = 6 mA I OL = 7.8 mA Vin = VIH or VIL, Vout = VCC or GND Vin = VCC or GND Vin = VCC or GND, Iout = 0 A V I OH = -6 mA I OH = -7.8 mA Vin = VIH or VIL I OL = 20 A V Vin = VIH or VIL I OH = -20 A V Unit V Test Conditions
VCC (V) Min Typ Max Min 2.0 4.5 6.0 1.5 -- 3.15 -- 4.2 -- -- -- -- -- -- -- -- -- -- 0.5 1.5 3.15 4.2 --
VIL
2.0 4.5 6.0
1.35 -- 1.8 -- 1.9 4.4 5.9 4.13 5.63 -- -- --
Output voltage
VOH
2.0 4.5 6.0 4.5 6.0
1.9 2.0 -- 4.4 4.5 -- 5.9 6.0 -- 4.18 -- 5.68 -- -- -- -- -- -- -- -- -- -- --
VOL
2.0 4.5 6.0 4.5 6.0
0.0 0.1 0.0 0.1 0.0 0.1 -- -- -- -- --
0.26 -- 0.26 -- 0.5 -- 0.1 -- 4.0 --
Off-state output current Input current Quiescent supply current
I OZ Iin I CC
6.0 6.0 6.0
5
HD74HC356
AC Characteristics (CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25C Item Symbol Ta = -40 to +85C Max 320 64 54 355 71 60 375 75 64 190 38 33 205 41 35 -- -- -- -- -- -- -- -- -- 75 15 13 10 pF ns ns ns D0 to D7 to Clock S0 to S 7 to Select control ns D0 to D7 to Clock S0 to S 7 to Select control ns ns ns Select control to output ns S0 - S2 to output Unit ns Test Conditions Clock to output
VCC (V) Min Typ Max Min 2.0 4.5 6.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 50 10 10 5 5 5 80 16 14 -- -- -- -- -- 27 -- -- 25 -- -- 25 -- -- 12 -- -- 17 -- -- 2 -- -- 1 -- -- 5 -- -- 4 -- 5 255 -- 51 43 -- --
Propagation delay t PLH time t PHL
t PLH t PHL
2.0 4.5 6.0
285 -- 57 48 -- --
t PLH t PHL
2.0 4.5 6.0
300 -- 60 51 -- --
Output enable time
t ZH t ZL
2.0 4.5 6.0
150 -- 30 26 -- --
Output disable time
t LZ t HZ
2.0 4.5 6.0
165 -- 33 28 -- -- -- -- -- -- -- - -- 60 12 10 10 -- -- 65 13 13 5 5 5 100 20 17 -- -- -- --
Setup time
t su
2.0 4.5 6.0
Hold time
th
2.0 4.5 6.0
Pulse width
tw
2.0 4.5 6.0
Output rise/fall time
t TLH t THL
2.0 4.5 6.0
Input capacitance
Cin
--
6
Unit: mm
24.50 25.40 Max 20 11 7.00 Max 6.30 1 0.89
1.27 Max
10 1.30 2.54 Min 5.08 Max 7.62
0.51 Min
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
+ 0.11
Hitachi Code JEDEC EIAJ Weight (reference value)
DP-20N -- Conforms 1.26 g
Unit: mm
12.6 13 Max
20
11
1
10
5.5
0.80 Max
2.20 Max
*0.22 0.05 0.20 0.04
0.20 7.80 + 0.30 -
1.15
0 - 8
0.70 0.20
1.27 *0.42 0.08 0.40 0.06
0.12 M
*Dimension including the plating thickness Base material dimension
0.10 0.10
0.15
Hitachi Code JEDEC EIAJ Weight (reference value)
FP-20DA -- Conforms 0.31 g
Unit: mm
12.8 13.2 Max 20 11 7.50 1 0.935 Max 10
2.65 Max
*0.27 0.05 0.25 0.04
0.25 10.40 + 0.40 -
1.45
0.20 0.10
0 - 8
0.57 0.70 + 0.30 -
1.27
*0.42 0.08 0.40 0.06
0.15 0.12 M
Hitachi Code JEDEC EIAJ Weight (reference value) FP-20DB Conforms -- 0.52 g
*Dimension including the plating thickness Base material dimension
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74HC356

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X