Part Number Hot Search : 
FR902 FRE9260D P2301 FLI2300 M54977P 2SC277 00022 BFX48
Product Description
Full Text Search
 

To Download HAT2052T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT2052T
Silicon N Channel Power MOS FET High Speed Power Switching
ADE-208-724C (Z) 4th. Edition February 1999 Features
* * * * Low on-resistance Capable of 2.5 V gate drive Low drive current High density mounting
Outline
HAT2052T
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body-drain diode reverse drain current Channel dissipation Channel dissipation Channel temperature Storage temperature Note: Symbol VDSS VGSS ID I D(pulse) I DR Pch Pch Tch Tstg
Note2 Note3 Note1
Ratings 28 12 5.0 40 5.0 1.0 1.5 150 -55 to +150
Unit V V A A A W W C C
1. PW 10s, duty cycle 1 % 2. 1 Drive operation ; When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10s 3. 2 Drive operation ; When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10s
Electrical Characteristics (Ta = 25C)
Item Symbol Min 28 -- -- 0.4 -- -- 7 -- -- -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- 0.027 0.037 11 510 190 140 8.5 4.5 4 14 120 85 120 0.85 40 Max -- 0.1 1 1.4 0.034 0.044 -- -- -- -- -- -- -- -- -- -- -- 1.1 -- Unit V A A V S pF pF pF nc nc nc ns ns ns ns V ns IF =5.0A, VGS = 0 Note4 IF = 5.0A, VGS = 0 diF/ dt =20A/s Test Conditions I D = 10mA, VGS = 0 VGS = 12V, VDS = 0 VDS = 28 V, VGS = 0 VDS = 10V, I D = 1mA I D = 3A, VGS = 4V Note4 I D = 3A, VGS = 2.5V Note4 I D = 3A, VDS = 10V Note4 VDS = 10V VGS = 0 f = 1MHz VDD = 10V VGS = 4V I D = 5A VGS = 4V, ID = 3A VDD 10V Drain to source breakdown voltage V(BR)DSS Gate to source leak current Zero gate voltege drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate to source charge Gate to drain charge Turn-on delay time Rise time Turn-off delay time Fall time Body-drain diode forward voltage Body-drain diode reverse recovery time Note: 4. Pulse test I GSS I DSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss Qg Qgs Qgd t d(on) tr t d(off) tf VDF t rr
2
HAT2052T
Main Characteristics
3
HAT2052T
4
HAT2052T
5
HAT2052T
6
HAT2052T
7
HAT2052T
Package Dimensions
Unit: mm
8
HAT2052T
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail-safes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
9


▲Up To Search▲   

 
Price & Availability of HAT2052T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X