Part Number Hot Search : 
ISL6124 S6698FD KDS190 06010 TSOP2 D2040 G4BC40K A5950
Product Description
Full Text Search
 

To Download HAT1016R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HAT1016R
Silicon P Channel Power MOS FET High Speed Power Switching
ADE-208-471 C 4th. Edition Features
* * * * Low on-resistance Capable of 4 V gate drive Low drive current High density mounting
Outline
HAT1016R
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID I D(pulse)* I DR Pch*2 Pch* Tch Tstg
3 1
Ratings -30 20 -4.5 -36 -4.5 2 3 150 -55 to +150
Unit V V A A A W W C C
Notes: 1. PW 10s, duty cycle 1 % 2. 1 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10s 3. 2 Drive operation : When using the glass epoxy board (FR4 40 x 40 x 1.6 mm), PW 10s
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltege drain current Gate to source cutoff voltage Static drain to source on state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 1. Pulse test Symbol V(BR)DSS V(BR)GSS I GSS I DSS VGS(off) RDS(on) RDS(on) |yfs| Ciss Coss Crss t d(on) tr t d(off) tf VDF t rr Min -30 20 -- -- -1.0 -- -- 4 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 0.07 0.11 6 660 440 140 24 165 35 70 -0.9 60 Max -- -- 10 -10 -2.5 0.09 0.18 -- -- -- -- -- -- -- -- -1.4 -- Unit V V A A V S pF pF pF ns ns ns ns V ns IF = -4.5A, VGS = 0*1 IF = -4.5A, VGS = 0 diF/ dt =20A/s Test Conditions I D = -10mA, VGS = 0 I G = 100A, VDS = 0 VGS = 16V, VDS = 0 VDS = -30 V, VGS = 0 VDS = -10V, I D = -1mA I D = -3A, VGS = -10V*1 I D = -3A, VGS = -4V*1 I D = -3A, VDS = -10V*1 VDS = -10V VGS = 0 f = 1MHz VGS = -4V, ID = -3A VDD -10V
2
HAT1016R
Main Characteristics
3
HAT1016R
4
HAT1016R
5
HAT1016R
6
HAT1016R
7
HAT1016R
Package Dimensions
Unit: mm
8
HAT1016R
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
9


▲Up To Search▲   

 
Price & Availability of HAT1016R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X