Part Number Hot Search : 
1N5252B SG352 MMBTS 100166F 90NJ10RE LC7234 102BM ACS04
Product Description
Full Text Search
 

To Download HAD030TGE- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
HAD SERIES - DUAL OUTPUT, 30 WATT
DESCRIPTION HAD dual output DC/DC converters feature high efficiency, open-frame packaging, and 1500 VDC isolation. The HAD family allows board designers to deliver any combination of power from either output, up to each model's maximum rating. The HAD uses planar magnetics and has an MTBF of over a million hours. FEATURES * Independent Dual 5V and 3.3V Outputs * Flexible Load Sharing * High Efficiency Topology * Open-Frame Design * * * * Trim And Enable Pins Fixed Frequency 1500V Isolation Planar Magnetics
TECHNICAL SPECIFICATIONS
Input Voltage Range 24 VDC / 48 VDC Nominal Reflected Ripple Input Reverse Voltage Protection Input Transient Withstand UVLO 24V Input / 48V Input Inrush Current Limit 18 - 36 / 34 - 75 VDC 60 mA Shunt Diode 100 V/100 ms 17V on, 15V off / 33V on, 30V off 1A2 /S Efficiency vs. Load (48V Input) 1% 1.0% Vout 1.0% Vout 300 mA/500 mA 25% Iout 4% Vout 500 s 10% 110 - 140% 115 - 140% Vout Nom. Hiccup Continuous
80 75
EFFICIENCY %
Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Minimum Output Current, 5V/3.3V Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Power Limit Threshold Range, % of Iout Rated OVP Trip Range OVP Type Overcurrent Protection Type
70 65 60
HAD030ZGE-A
55 50 45 40 10 20 30 40 50 60 70 80 90 100
LOAD %
General Turn-On Time Remote Shutdown1 Switching Frequency Isolation Input - Output Input - Case Output - Case Temperature Coefficient Case Temperature Operating Range Storage Range Thermal Shutdown Range Humidity Max., Non-Condensing Vibration, 3 Axes, 5 Min Each MTBF (Bellcore TR-NWT-000332) Safety Weight (approx.) 10 ms Positive Logic 500 kHz 1500 VDC 1050 VDC 500 VDC 0.03%/C -40 To +100C -40 To +125C 105 To 115C 95% 5g 1.3 x 106 hrs Consult Factory 2.4 oz
1
Notes
For negative logic, add suffix "N" to model number. MTBF predictions may vary slightly from model to model.
Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information. Units are water-washable and fully compatible with commercial spray or immersion post wave-solder washing equipment.
C-76
HAD SERIES - DUAL OUTPUT, 30 WATT
MODELS - (See the last page of this file for options.)
Vin (Volts) 24 48 Vin Range (Volts) 18 - 36 34 - 75 Iin Max.* (Amps) 2.24 1.15 Vout (Volts) 5.0/3.3 5.0/3.3 Iout Rated (Amps) 6.0/7.5 6.0/7.5 Ripple & Noise Pk-Pk (mV) 75/75 75/75 Efficiency Typ. ** 78% 80% Model
HAD030TGE-A HAD030ZGE-A
Denotes advanced product release. Consult factory for product availability. * Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output. Note: Current can be drawn from either output to its maximum value, or from both outputs to a combined total of 30 Watts.
MECHANICAL DRAWING
2.28" MOUNTING INSERTS M3X.5 THROUGH 4PL 1.700"(43.2mm) 5 1 6 1.000"(25.4mm) 2 7 1.200"(30.5mm) DIA 0.040" (1.0mm) 1.500"(38.1mm) (57.9mm)
0.18" (4.6mm)
1.400"(35.6mm)
0.900"(22.9mm) 2.40" (61.0mm)
BOTTOM VIEW
8 3 9 0 4 0.200"(5.1mm) 0.500"(12.7mm)
0.400"(10.2mm)
10
-0.100"(-2.5mm)
-0.300"(-7.6mm) -0.50"(-12.7mm) .025" REF. -0.19" (-4.8mm) 0 1.900" (48.3mm) (0.6mm) 0.50" (12.7mm)
Pin Thermal Impedance Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 8.0 6.8 4.9 3.6 3.0 C/W C/W C/W C/W C/W 1 2 3 4 5 6 7 8 9 10
Function -Vin Case On/Off +Vin +3.3Vout 3.3V RETURN 3.3V Trim +5Vout 5V RETURN 5V Trim Tolerances Inches: .XX 0.020 .XXX 0.010 Pin: 0.002 (Millimeters) .X 0.5 .XX 0.25
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
0.05
(Dimensions as listed unless otherwise specified.)
C-77
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
OPTION Negative Logic Lucent Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless SUFFIX N T TS 1 2 3 4 Y APPLICABLE SERIES HAS, HBD, HBS, HES, LES, QBS, QES, TES, TQD HAS, HBD, HBS, HES, QBS, QES XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS REMARKS TTL "Low" Turns Module ON TTL "High" Turns Module OFF
PIN LENGTH AND HEATSINK OPTIONS 0.110" (2.8mm) Pin Length 0.150" (3.8mm) Pin Length 0.24" (6.1mm) Horizontal Heatsink 0.24" (6.1mm) Vertical Heatsink 0.45" (11.4mm) Horizontal Heatsink 0.45" (11.4mm) Vertical Heatsink 0.95" (24.1mm) Horizontal Heatsink 0.95" (24.1mm) Vertical Heatsink 8 9 1H 1V 2H 2V 3H 3V All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages) All Units (Except DIP, SIP, and SM Packages)
Standard Pin Length is 0.180" (4.6mm)
Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options:HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and 0.95" vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110" pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.
C105


▲Up To Search▲   

 
Price & Availability of HAD030TGE-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X