Part Number Hot Search : 
ABR1502W DIAGRAM UBA2070P 4HUDL 22458 UP1753 SA156 20M250
Product Description
Full Text Search
 

To Download E50A2CBR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION. FEATURES
Average Forward Current : IO=50A. Repetive Peak Reverse Voltage : VRRM=200V
E50A2CBS, E50A2CBR
STACK SILICON DIFFUSED DIODE
A
POLARITY
E50A2CBS (+ Type) E50A2CBR (- Type)
K
H
MAXIMUM RATING (Ta=25... )
CHARACTERISTIC Average Forward Current Peak 1 Cycle Surge Current Repetitive Peak Revese Voltage Junction Temperature Storage Temperature Range SYMBOL IF(AV) IFSM VRRM Tj Tstg RATING 50 380 (60Hz) 200 -40215 -40215 UNIT A A V ... ...
G B JD F
EI
DIM A B C D E F G H I J K
MILLIMETERS 11.5 MAX 12.75+0.09-0.00 _ 1.3 + 0.04 _ 4.2+ 0.2 _ 8.0 + 0.2 TYP 0.5 _ 10.0 + 0.2 _ 0.4+ 0.1x45 8.5 MAX 0.2+0.1 _ 28.35+ 0.5
B-PF
ELECTRICAL CHARACTERISTICS (Ta=25... )
CHARACTERISTIC Forward Voltage Reverse Voltage Reverse Current Transient Thermal Resistance Reverse Leakage Current Under High Temperature Reverse Recovery Time Temperature Resistance SYMBOL VF VR IR * VF HIR trr Rth TEST CONDITION IFM=100A IR=5mA VR=200V IFM=100A, IM=100mA, Pw=100ms Ta=150... VR=200V , IF=100mA, IR=100mA DC total Junction to case MIN. 200 TYP. MAX. 1.05 50 80 2.5 15 0.6 UNIT V V *IA mV mA *Is ... /W
2002. 4. 9
Revision No : 2
1/1


▲Up To Search▲   

 
Price & Availability of E50A2CBR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X