Part Number Hot Search : 
AK8856VN SCL4060B KIA7427 03929 01900 AD776 JMF616 G4PC50UP
Product Description
Full Text Search
 

To Download D2203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TetraFET
D2203UK
METAL GATE RF SILICON FET
MECHANICAL DATA
B H C
23 1
A D
G
E
54
F
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 5W - 12.5V - 1GHz PUSH-PULL
FEATURES
* SIMPLIFIED AMPLIFIER DESIGN
J K
I
N
M
O
* SUITABLE FOR BROAD BAND APPLICATIONS * VERY LOW Crss * SIMPLE BIAS CIRCUITS * LOW NOISE
DQ
PIN 1 PIN 3 PIN 5 SOURCE (COMMON) PIN 2 DRAIN 2 PIN 4 GATE 1 DRAIN 1 GATE 2
DIM mm A 16.38 B 1.52 C 45 D 6.35 E 3.30 F 14.22 G 1.27 x 45 H 1.52 I 6.35 J 0.13 K 2.16 M 1.52 N 5.08 O 18.90
Tol. 0.26 0.13 5 0.13 0.13 0.13 0.13 0.13 0.13 0.02 0.13 0.13 MAX 0.13
Inches 0.645 0.060 45 0.250 0.130 0.560 0.05 x 45 0.060 0.250 0.005 0.085 0.060 0.200 0.744
Tol. 0.010 0.005 5 0.005 0.005 0.005 0.005 0.005 0.005 0.001 0.005 0.005 MAX 0.005
* HIGH GAIN - 10 dB MINIMUM
APPLICATIONS
* VHF/UHF COMMUNICATIONS from DC to 2 GHz
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
PD BVDSS BVGSS ID(sat) Tstg Tj * Per Side Power Dissipation Drain - Source Breakdown Voltage * Gate - Source Breakdown Voltage * Drain Current * Storage Temperature Maximum Operating Junction Temperature 35W 40V 20V 4A -65 to 150C 200C
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/95
D2203UK
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
PER SIDE
BVDSS IDSS IGSS VGS(th) gfs GPS VSWR Ciss Coss Crss Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Gate Threshold Voltage* Forward Transconductance* Common Source Power Gain Drain Efficiency Load Mismatch Tolerance Input Capacitance Output Capacitance VGS = 0 VDS = 12.5V VGS = 20V ID = 10mA VDS = 10V PO = 5W VDS = 12.5V f = 1GHz IDQ = 0.2A ID = 10mA VGS = 0 VDS = 0 VDS = VGS ID = 0.2A 1 0.18 10 40 20:1 40
Typ.
Max. Unit
V 1 1 7 mA A V S dB % -- 12 10 1 pF pF pF
TOTAL DEVICE
PER SIDE
VDS = 0 VGS = -5V f = 1MHz f = 1MHz f = 1MHz VDS = 12.5V VGS = 0
Reverse Transfer Capacitance VDS = 12.5V VGS = 0 Pulse Duration = 300 s , Duty Cycle 2%
* Pulse Test:
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly toxic and care must be taken during handling and mounting to avoid damage to this area. THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
THERMAL DATA
RTHj-case Thermal Resistance Junction - Case Max. 5.0C / W
Semelab plc.
Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/95


▲Up To Search▲   

 
Price & Availability of D2203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X