Part Number Hot Search : 
UMF22N MSU001T T3500 2769B IC16F SLE4501 24C164 SMS2P3
Product Description
Full Text Search
 

To Download D2201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TetraFET
D2201UK
METAL GATE RF SILICON FET
MECHANICAL DATA
C N (typ) B 3 D (2 pls)
2 1 A
F (2 pls) H J
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 2.5W - 12.5V - 1GHz SINGLE ENDED
FEATURES
* SIMPLIFIED AMPLIFIER DESIGN
M
I
E
K
G
* SUITABLE FOR BROAD BAND APPLICATIONS * LOW Crss * SIMPLE BIAS CIRCUITS
DP
PIN 1 PIN 3 SOURCE GATE PIN 2 DRAIN
DIM mm A 16.51 B 6.35 C 45 D 3.30 E 18.92 F 1.52 G 2.16 H 14.22 I 1.52 J 6.35 K 0.13 M 5.08 N 1.27 x 45
Tol. 0.25 0.13 5 0.13 0.08 0.13 0.13 0.08 0.13 0.13 0.03 0.51 0.13
Inches 0.650 0.250 45 0.130 0.745 0.060 0.085 0.560 0.060 0.250 0.005 0.200 0.050 x 45
Tol. 0.010 0.005 5 0.005 0.003 0.005 0.005 0.003 0.005 0.005 0.001 0.020 0.005
* LOW NOISE * HIGH GAIN - 10 dB MINIMUM
APPLICATIONS
* VHF/UHF COMMUNICATIONS from 1 MHz to 2 GHz
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
PD BVDSS BVGSS ID(sat) Tstg Tj Power Dissipation Drain - Source Breakdown Voltage Gate - Source Breakdown Voltage Drain Current Storage Temperature Maximum Operating Junction Temperature 17.5W 40V 20V 2A -65 to 150C 200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 12/00
D2201UK
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated) Parameter Test Conditions Min.
BVDSS IDSS IGSS gfs GPS Ciss Coss Crss Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Leakage Current Forward Transconductance* Common Source Power Gain Drain Efficiency Input Capacitance Output Capacitance Reverse Transfer Capacitance VGS = 0 VDS = 12.5V VGS = 20V ID = 10mA VDS = 10V PO = 2.5W VDS = 12.5V f = 1GHz VDS = 0 VGS = -5V f = 1MHz f = 1MHz f = 1MHz VDS = 12.5V VGS = 0 VDS = 12.5V VGS = 0 IDQ = 0.1A ID = 10mA VGS = 0 VDS = 0 VDS = VGS ID = 0.2A 1 0.18 10 40 20:1 40
Typ.
Max. Unit
V 1 1 7 mA A V S dB % -- 12 10 1 pF pF pF
VGS(th) Gate Threshold Voltage*
VSWR Load Mismatch Tolerance
* Pulse Test:
Pulse Duration = 300 s , Duty Cycle 2%
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and metal flange is beryllium oxide. Beryllium oxide dust is highly toxic and care must be taken during handling and mounting to avoid damage to this area. THESE DEVICES MUST NEVER BE THROWN AWAY WITH GENERAL INDUSTRIAL OR DOMESTIC WASTE.
THERMAL DATA
RTHj-case Thermal Resistance Junction - Case Max. 10C / W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 12/00


▲Up To Search▲   

 
Price & Availability of D2201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X