|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CY62128 128K x 8 Static RAM Features * 4.5V - 5.5V operation * CMOS for optimum speed/power * Low active power (70 ns, LL version) -- 330 mW (max.) (60 mA) * Low standby power (70 ns, LL version) -- 110 W (max.) (20 A) * Automatic power-down when deselected * TTL-compatible inputs and outputs * Easy memory expansion with CE1, CE2, and OE options feature that reduces power consumption by more than 75% when deselected. Writing to the device is accomplished by taking chip enable one (CE 1) and write enable (WE) inputs LOW and chip enable two (CE2) input HIGH. Data on the eight I/O pins (I/O 0 through I/O7) is then written into the location specified on the address pins (A0 through A16). Reading from the device is accomplished by taking chip enable one (CE1) and output enable (OE) LOW while forcing write enable (WE) and chip enable two (CE2) HIGH. Under these conditions, the contents of the memory location specified by the address pins will appear on the I/O pins. The eight input/output pins (I/O0 through I/O7) are placed in a high-impedance state when the device is deselected (CE1 HIGH or CE 2 LOW), the outputs are disabled (OE HIGH), or during a write operation (CE1 LOW, CE2 HIGH, and WE LOW). The CY62128 is available in a standard 450-mil-wide SOIC, 32-pin TSOP type I and STSOP packages. Functional Description The CY62128 is a high-performance CMOS static RAM organized as 131,072 words by 8 bits. Easy memory expansion is provided by an active LOW chip enable (CE1), an active HIGH chip enable (CE2), an active LOW output enable (OE), and three-state drivers. This device has an automatic power-down Logic Block Diagram Pin Configurations Top View SOIC NC A16 A14 A12 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A15 CE2 WE A13 A8 A9 A11 OE A10 CE1 I/O7 I/O6 I/O5 I/O4 I/O3 INPUT BUFFER I/O 0 I/O 1 A0 A1 A2 A3 A4 A5 A6 A7 A8 SENSE AMPS I/O 2 I/O 3 I/O 4 I/O 5 512x 256x 8 ARRAY A7 A6 A5 A4 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND ROW DECODER CE 1 CE 2 WE OE A4 A5 A6 A7 A12 A14 A16 NC VCC A15 CE2 WE A13 A8 A9 A11 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 COLUMN DECODER POWER DOWN I/O 6 I/O 7 A9 A10 A11 A12 A13 A14 A15 A16 62128-1 TSOP I Reverse Pinout Top View (not to scale) 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 A3 A2 A1 A0 I/O0 I/O1 I/O2 GND I/O3 I/O4 I/O5 I/O6 I/O7 CE1 A10 OE A11 A9 A8 A13 WE CE2 A15 VCC NC A16 A14 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 TSOP I/ STSOP Top View (not to scale) 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE A10 CE1 I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2 A3 62128-2 62128-2 Cypress Semiconductor Corporation * 3901 North First Street * San Jose * CA 95134 * 408-943-2600 June 18, 1998 CY62128 Selection Guide CY62128-55 Maximum Access Time (ns) Maximum Operating Current Maximum CMOS Standby Current Commercial Commercial L LL L LL 55 50 50 80 15 CY62128-70 70 40 40 80 15 Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied ............................................. -55C to +125C Supply Voltage on VCC to Relative GND[1] .... -0.5V to +7.0V DC Voltage Applied to Outputs in High Z State[1] ....................................-0.5V to VCC + 0.5V DC Input Voltage[1].................................-0.5V to VCC + 0.5V Notes: 1. VIL (min.) = -2.0V for pulse durations of less than 20 ns. 2. TA is the "instant on" case temperature. Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage ........................................... >2001V (per MIL-STD-883, Method 3015) Latch-Up Current ..................................................... >200 mA Operating Range Range Commercial Industrial Ambient Temperature[2] 0C to +70C -40C to +85C VCC 5V 10% 5V 10% 2 CY62128 3 CY62128 Electrical Characteristics Over the Operating Range 62128-55 Parameter VOH VOL VIH VIL IIX IOZ IOS ICC Description Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage[1] Input Load Current Output Leakage Current Output Short Circuit Current[4] VCC Operating Supply Current GND VI VCC GND VI V CC, Output Disabled VCC = Max., VOUT = GND VCC = Max., IOUT = 0 mA, f = fMAX = 1/tRC Com'l L LL Ind.'l L LL ISB1 Automatic CE Power-Down Current --TTL Inputs Max. VCC, CE1 V IH or CE2 < V IL, VIN VIH or VIN VIL, f = fMAX Com'l L LL Ind.'l L LL ISB2 Automatic CE Power-Down Current --CMOS Inputs Max. VCC, CE1 V CC - 0.3V, or CE 2 0.3V, VIN VCC - 0.3V, or VIN 0.3V, f=0 Com'l L LL Ind L LL 0.4 0.4 40 30 30 40 30 30 0.3 0.15 0.1 0.3 0.15 0.1 Test Conditions VCC = Min., IOH = -1.0 mA VCC = Min., IOL = 2.1mA 2.2 -0.3 -1 +1 Min. 2.4 0.4 VCC + 0.3 0.8 +1 +1 -300 115 70 70 115 70 70 25 3 2 25 3 2 500 100 20 500 100 40 0.4 0.4 40 30 30 40 30 30 0.3 0.15 0.1 0.3 0.15 0.1 2.2 -0.3 -1 +1 Typ[3] Max. Min. 2.4 0.4 VCC + 0.3 0.8 +1 +1 -300 110 60 60 110 70 70 1 1 1 1 1 1 500 100 20 500 100 40 62128-70 Typ [3] Max. Unit V V V V A A mA mA mA mA mA mA mA mA mA mA mA mA mA A A A A A A Capacitance[5] Parameter CIN COUT Description Input Capacitance Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VCC = 5.0V Max. 9 9 Unit pF pF Notes: 3. Typical values are included for reference only and are not tested or guaranteed. Typical values are an average of the distribution across normal production variations as measured at VCC = 5.0V, TA = 25 C, and tAA=70ns 4. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds. 5. Tested initially and after any design or process changes that may affect these parameters. 4 CY62128 AC Test Loads and Waveforms 5V OUTPUT 100 pF INCLUDING JIG AND SCOPE (a) Equivalent to: R1 1800 R1 1800 5V OUTPUT R2 990 5 pF INCLUDING JIG AND SCOPE (b) R2 990 GND 5ns 3.0V 90% 10% 90% 10% 5 ns ALL INPUT PULSES 62128-3 62128-4 THEVENIN EQUIVALENT 639 1.77V OUTPUT Switching Characteristics[6] Over the Operating Range 62128-55 Parameter READ CYCLE tRC tAA tOHA tACE tDOE tLZOE tHZOE tLZCE tHZCE tPU tPD WRITE CYCLE tWC tSCE tAW tHA tSA tPWE tSD tHD tLZWE tHZWE Read Cycle Time Address to Data Valid Data Hold from Address Change CE1 LOW to Data Valid, CE2 HIGH to Data Valid OE LOW to Data Valid OE LOW to Low Z OE HIGH to High Z[7,8] CE1 LOW to Low Z, CE2 HIGH to Low Z [8] [7,8] 62128-70 Min. 70 Max. Unit ns 70 5 70 35 0 25 5 25 0 70 70 60 60 0 0 50 30 0 5 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 25 ns Description Min. 55 Max. 55 5 55 20 0 20 5 20 0 55 55 45 45 0 0 45 25 0 5 20 CE1 HIGH to High Z, CE2 LOW to High Z CE1 LOW to Power-Up, CE2 HIGH to Power-Up CE1 HIGH to Power-Down, CE2 LOW to Power-Down [9] Write Cycle Time CE1 LOW to Write End, CE2 HIGH to Write End Address Set-Up to Write End Address Hold from Write End Address Set-Up to Write Start WE Pulse Width Data Set-Up to Write End Data Hold from Write End WE HIGH to Low Z WE LOW to High Z [8] [7, 8] Notes: 6. Test conditions assume signal transition time of 5ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified I OL/IOH and 100pF load capacitance. 7. t HZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured 500 mV from steady-state voltage. 8. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device. 9. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. CE1 and WE must be LOW and CE2 HIGH to initiate a write, and the transition of any of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write. 5 CY62128 Data Retention Characteristics (Over the Operating Range for "L" and "LL" version only) Parameter VDR ICCDR Description VCC for Data Retention Data Retention Current Coml. Indl. tCDR tR[3] [3] Conditions[10] L LL L LL VCC=VDR=3.0V, CE VCC - 0.3V, VIN VCC - 0.3V or, VIN 0.3V Min. 2.0 Typ. Max. 100 Unit V A A A A ns ns 0.4 20 100 20 Chip Deselect to Data Retention Time Operation Recovery Time 0 tRC Switching Waveforms Read Cycle No.1[11,12] tRC ADDRESS tAA tOHA DATA OUT PREVIOUS DATA VALID [12,13] DATA VALID 62128-5 Read Cycle No. 2 (OE Controlled) ADDRESS tRC CE1 CE2 tACE OE tDOE DATA OUT VCC SUPPLY CURRENT tLZOE HIGH IMPEDANCE tLZCE tPU 50% tHZOE tHZCE DATA VALID tPD 50% ISB 62128-6 HIGH IMPEDANCE ICC Notes: 10. No input may exceed VCC + 0.5V. 11. Device is continuously selected. OE, CE1 = VIL, CE2 = VIH. 12. WE is HIGH for read cycle. 13. Address valid prior to or coincident with CE1 transition LOW and CE2 transition HIGH. 6 CY62128 Switching Waveforms (continued) Write Cycle No. 1 (CE1 or CE2 Controlled)[14,15] tWC ADDRESS tSCE CE1 tSA CE2 tSCE tAW tPWE WE tSD DATA I/O DATA VALID 62128-7 tHA tHD Write Cycle No. 2 (WE Controlled, OE HIGH During Write)[14,15] tWC ADDRESS tSCE CE1 CE2 tSCE tAW tSA WE tPWE tHA OE tSD DATA I/O NOTE 16 tHZOE Notes: 14. Data I/O is high impedance if OE = VIH. 15. If CE1 goes HIGH or CE2 goes LOW simultaneously with WE going HIGH, the output remains in a high-impedance state. 16. During this period the I/Os are in the output state and input signals should not be applied. tHD DATAIN VALID 62128-8 7 CY62128 Switching Waveforms (continued) Write Cycle No.3 (WE Controlled, OE LOW)[14,15] tWC ADDRESS tSCE CE1 CE2 tSCE tAW tSA WE tSD DATAI/O NOTE 16 tHZWE DATA VALID tLZWE 62128-9 tHA tPWE tHD Truth Table CE1 H X L L L CE2 X L H H H OE X X L X H WE X X H L H I/O 0 - I/O7 High Z High Z Data Out Data In High Z Mode Power-Down Power-Down Read Write Selected, Outputs Disabled Power Standby (ISB) Standby (ISB) Active (ICC) Active (ICC) Active (ICC) 8 CY62128 9 CY62128 Ordering Information Speed (ns) 55 Ordering Code CY62128-55SC CY62128-55ZC CY62128-55ZAC 70 CY62128-70SC CY62128-70ZC CY62128-70ZAC CY62128-70ZRC CY62128-70SI CY62128-70ZI CY62128-70ZAI CY62128-70ZRI CY62128L-70SC CY62128L-70ZC CY62128L-70ZAC CY62128L-70ZRC CY62128L-70SI CY62128L-70ZI CY62128L-70ZAI CY62128L-70ZRI CY62128LL-70SC CY62128LL-70ZC CY62128LL-70ZAC CY62128LL-70ZRC CY62128LL-70SI CY62128LL-70ZI CY62128LL-70ZAI CY62128LL-70ZRI Document #: 38-00524-B Package Name S34 Z32 ZA32 S34 Z32 ZA32 ZR32 S34 Z32 ZA32 ZR32 S34 Z32 ZA32 ZR32 S34 Z32 ZA32 ZR32 S34 Z32 ZA32 ZR32 Z32 Z32 Z32 ZR32 Package Type 32-Lead 450-Mil SOIC 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead 450-Mil SOIC 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead Reverse TSOP Type I 32-Lead 450-Mil SOIC 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead Reverse TSOP Type I 32-Lead 450-Mil SOIC 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead Reverse TSOP Type I 32-Lead 450-Mil SOIC 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead Reverse TSOP Type I 32-Lead 450-Mil SOIC 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead Reverse TSOP Type I 32-Lead 450-Mil Type I 32-Lead TSOP Type I 32-Lead STSOP Type I 32-Lead Reverse TSOP Type I Industrial Commercial Industrial Commercial Industrial Commercial Operating Range Commercial (c) Cypress Semiconductor Corporation, 1998. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. CY62128 (c) Cypress Semiconductor Corporation, 1998. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. CY62128 Package Diagrams 32-Lead (450 MIL) Molded SOIC S34 51-85081-A 32-Lead Thin Small Outline Package Z32 51-85056-B (c) Cypress Semiconductor Corporation, 1998. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. CY62128 Package Diagrams (continued) 32-Lead Shrunk Thin Small Outline Package ZA32 51-85094 32-Lead Reverse Thin Small Outline Package ZR32 51-85089-A (c) Cypress Semiconductor Corporation, 1998. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. |
Price & Availability of CY62128 |