Part Number Hot Search : 
01112 1025247 1N4757A MBRF7H50 LCDA12TB HMC365 24D12 40106
Product Description
Full Text Search
 

To Download BSS192 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSS 192
SIPMOS (R) Small-Signal Transistor * P channel * Enhancement mode * Logic Level
* VGS(th) = -0.8...-2.0 V
Pin 1 G
Pin 2 D
Pin 3 S
Pin 4 D
Type BSS 192 Type BSS 192
VDS
-240 V
ID
-0.15 A
RDS(on)
20
Package SOT-89
Marking KB
Ordering Code Q62702-S634
Tape and Reel Information E6327
Maximum Ratings Parameter Drain source voltage Drain-gate voltage Symbol Values -240 -240 Unit V
VDS VDGR VGS ID
RGS = 20 k
Gate source voltage Continuous drain current
20 A -0.15
TA = 34 C
DC drain current, pulsed
IDpuls
-0.6
TA = 25 C
Power dissipation
Ptot
1
W
TA = 25 C
Semiconductor Group
1
18/02/1997
BSS 192
Maximum Ratings Parameter Chip or operating temperature Storage temperature Thermal resistance, chip to ambient air 1) DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Symbol Values -55 ... + 150 -55 ... + 150 125 E 55 / 150 / 56 K/W Unit C
Tj Tstg RthJA
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Values typ. max. Unit
Static Characteristics Drain- source breakdown voltage
V(BR)DSS
-240 -1.5 -0.1 -10 -10 10 -2
V
VGS = 0 V, ID = -0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
-0.8
VGS=VDS, ID = -1 mA
Zero gate voltage drain current
IDSS
-1 -100 -0.2
A
VDS = -240 V, VGS = 0 V, Tj = 25 C VDS = -240 V, VGS = 0 V, Tj = 125 C VDS = -60 V, VGS = 0 V, Tj = 25 C
Gate-source leakage current
IGSS
-100
nA 20
VGS = -20 V, VDS = 0 V
Drain-Source on-state resistance
RDS(on)
VGS = -10 V, ID = -0.15 A
Semiconductor Group
2
18/02/1997
BSS 192
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
0.06 0.12 95 20 10 -
S pF 130 30 15 ns 8 12
VDS 2 * ID * RDS(on)max, ID = -0.15 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = -25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = -30 V, VGS = -10 V, ID = -0.25 A RGS = 50
Rise time
tr
25 40
VDD = -30 V, VGS = -10 V, ID = -0.25 A RGS = 50
Turn-off delay time
td(off)
25 33
VDD = -30 V, VGS = -10 V, ID = -0.25 A RGS = 50
Fall time
tf
42 55
VDD = -30 V, VGS = -10 V, ID = -0.25 A RGS = 50
Semiconductor Group
3
18/02/1997
BSS 192
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS A -0.85 -0.15 -0.6 V -1.2 Values typ. max. Unit
TA = 25 C
Inverse diode direct current,pulsed
ISM
-
TA = 25 C
Inverse diode forward voltage
VSD
VGS = 0 V, IF = -0.3 A, Tj = 25 C
Semiconductor Group
4
18/02/1997
BSS 192
Power dissipation Ptot = (TA)
Drain current ID = (TA) parameter: VGS -10 V
-0.16
1.2 W
A 1.0
Ptot
0.9 0.8
ID
-0.12
-0.10 0.7 0.6 0.5 -0.06 0.4 0.3 0.2 -0.02 0.1 0.0 0 20 40 60 80 100 120 C 160 0.00 0 20 40 60 80 100 120 C 160 -0.04 -0.08
TA
TA
Safe operating area ID=f(VDS) parameter : D = 0.01, TC=25C
Drain-source breakdown voltage V(BR)DSS = (Tj)
-285 V -275
V(BR)DSS -270
-265 -260 -255 -250 -245 -240 -235 -230 -225 -220 -215 -60
-20
20
60
100
C
160
Tj
Semiconductor Group
5
18/02/1997
BSS 192
Typ. output characteristics ID = (VDS) parameter: tp = 80 s , Tj = 25 C
-0.34 A -0.28
Typ. drain-source on-resistance RDS (on) = (ID) parameter: tp = 80 s, Tj = 25 C
65
Ptot = 1W
lk ji
h
g
VGS [V] a -2.0
b -2.5 -3.0 -3.5 -4.0 -4.5 -5.0 -6.0 -7.0 -8.0 -9.0 -10.0
55
a
b
c
d
e
f
ID
RDS (on)
50 45 40 35 30 25 20 15 10
VGS [V] =
a b c d e f -2.0 -2.5 -3.0 -3.5 -4.0 -4.5 g h i j -5.0 -6.0 -7.0 -8.0 k l -9.0 -10.0
-0.24 -0.20
e
f
c d e f g h i
-0.16 -0.12 -0.08
d
j k l
g i k jl h
c
-0.04 0.00 0 -1 -2 -3 -4 -5 -6 -7
a
b
5 0 -8 V -10 0.00
-0.04
-0.08
-0.12
-0.16
-0.20
A
-0.26
VDS
ID
Typ. transfer characteristics ID = f(VGS) parameter: tp = 80 s VDS 2 x ID x RDS(on)max
-0.40
Typ. forward transconductance gfs = f (ID) parameter: tp = 80 s, VDS2 x ID x RDS(on)max
0.20 S
A
ID
-0.30
gfs
0.16 0.14
-0.25
0.12 0.10 0.08 0.06
-0.20
-0.15
-0.10 0.04 -0.05 0.00 0 -1 -2 -3 -4 -5 -6 -7 -8 V -10 0.02 0.00 0.00 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30
VGS
A ID
-0.40
Semiconductor Group
6
18/02/1997
BSS 192
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = -0.15 A, VGS = -10 V
50
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = -1 mA
-4.6 V -4.0
RDS (on)
40 35 30 25 20 15 10 5 0 -60 -20 20 60 100 C 160
VGS(th)
-3.6 -3.2 -2.8
98%
-2.4
98%
-2.0 -1.6
typ
typ
-1.2
2%
-0.8 -0.4 0.0 -60 -20 20 60 100 C 160
Tj
Tj
Typ. capacitances C = f (VDS) parameter:VGS=0V, f = 1 MHz
10 3
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
-10 0
pF C 10 2
A
IF Ciss
-10 -1
Coss
10 1
Crss
-10 -2
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 0 0
-5
-10
-15
-20
-25
-30
V VDS
-40
-10 -3 0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
V
-3.0
VSD
Semiconductor Group
7
18/02/1997


▲Up To Search▲   

 
Price & Availability of BSS192

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X