Part Number Hot Search : 
XXXGX SFH6318 6209A P6KE51 AK4683EQ RL752PT MAX4403 RT9368
Product Description
Full Text Search
 

To Download AT76C111NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * * * * * * * *
DSP Functions for CCD/CMOS Image Processing Video Encoder Including Line Driver for NTSC/PAL TV Signal Baseline JPEG Compression/Decompression SDRAM Interface Support for all Flash Card Interfaces (Atmel DataFlash(R), MMC, SD, SSFDC, CompactFlash) USB and USART Interfaces for PC Camera Applications 32 Pins for General-purpose I/O Five External Interrupts, Timer Clock Input and Wakeup Pin DACs for Camera Control Functions and Audio Output ADC Channels for Monitoring Camera Analog Inputs, Audio Input and Switch Input, Like Window Comparator Serial Interface for Controlling Camera Components Hardware Up to 2M Bytes Program Space Support for RTOS All Low-level Software, Application Samples are Provided Built-in Outputs Include a CVBS Output with a Line Driver, YC16-bit Digital Output, RGB 565 Digital Output, Digital Composite Output Compatible with Various Types of Display Devices SDRAM Support from 16M Bits to 256M Bits Direct Interface to Epson LCDs 280-pin FlexBGA Package 1.8-volt Core and 3.3V I/O Operation
HighPerformance Digital Camera Processor AT76C111
Figure 1. Typical DSC Application Using AT76C111
* Digital Inputs * Control * Push Buttons GPIO DAC with L.D.
Summary
SDRAM
SDRAM I/F CCD CCD I/F
TV * Iris Control * Shutter Motor * Lens Motor * Flash Bulb Control * AGC Gain * Voice Output * Battery-level Check * Photo Detection (AE) * Focus Sensor * Voice Input
CDS A/D RS232 Port (PC) USB (PC)
Serial Camera I/F
DACs
USART ADC USB External Memory I/F * Flash * SRAM * CF Flash Card I/F * MMC/SPI/SD * SSFDC * DataFlash
Flash
Rev. 2334AS-IMAGE-08/02
Note: This is a summary document. A complete document is available under NDA. For more information, please contact your local Atmel sales office.
1
Description
The AT76C111 is a highly-integrated solution for digital cameras. It combines a number of functions that are required in digital cameras. * * * * * * * * Image data acquisition and capturing from either CCD or CMOS imagers Image display Image processing and image storing Overall camera management Control of general-purpose I/O functions Data communication Control of user functions On-screen Display
It also provides a large number of interfaces that allow camera manufacturers to directly access a variety of devices that may be present in a digital camera. * * * Communication with PCs Communication with Flash cards Serial communication ports for controlling other devices in the camera
The design is based on an ARM(R) microprocessor that controls the entire chip. A number of hardware resources, controlled by ARM, perform digital camera functions such as image DSP processing, JPEG coding/decoding, DMA access to SDRAM and Video encoding. All these computational-intensive functions are implemented in hardware which can be programmed according to user specifications, thus allowing ARM to be free for other user-defined functions.
Capabilities
* * * * * * * * * * * *
Supports up to 16 megapixel CCDs/CMOS (10 - 30 MHz CCDs) CCD colors are limited to the Bayer arrangements of the RGB primary colors Interfaces to 16 - 256-Mbit SDRAM, one or two pieces 30 frames/sec Video Display mode (NTSC) 15 frames/sec Capture mode (VGA resolution) Up to 1.5M bytes/sec read/write from/to Flash cards 2M Bytes external Flash ROM for program space 2M Bytes external SRAM for program/working space (optional) Full-speed USB interface (mass storage and image class) 60 - 100 mA current 1 - 5 mA in Standby mode 50 A current in Sleep mode
2
AT76C111
2334AS-IMAGE-08/02
Atmel Headquarters
Corporate Headquarters
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany TEL (49) 71-31-67-0 FAX (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland TEL (41) 26-426-5555 FAX (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 TEL 1(408) 441-0311 FAX 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France TEL (33) 2-40-18-18-18 FAX (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France TEL (33) 4-76-58-30-00 FAX (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong TEL (852) 2721-9778 FAX (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France TEL (33) 4-42-53-60-00 FAX (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TEL 1(719) 576-3300 FAX 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland TEL (44) 1355-803-000 FAX (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan TEL (81) 3-3523-3551 FAX (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
(c) Atmel Corporation 2002. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. ATMEL (R) and DataFlash (R) are the registered trademarks of Atmel. ARM (R) is the registered trademark of ARM, Ltd. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
2334AS-IMAGE-08/02 xM


▲Up To Search▲   

 
Price & Availability of AT76C111NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X