Part Number Hot Search : 
ER502 M81500FP 11ABZ8H S21ME6F KBP201 IS45S ISL5121 ER502
Product Description
Full Text Search
 

To Download APT2X101S20J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2
3
2
3 1
2 4
3
1
4
1
4
Parallel
SO
2 T-
27
Anti-Parallel
APT2X100S20J
APT2X101S20J
APT2X100S20J 200V 100A APT2X101S20J 200V 100A
DUAL DIE ISOTOP(R) PACKAGE
HIGH VOLTAGE SCHOTTKY DIODES
PRODUCT APPLICATIONS
* Rectifiers in Switchmode Power
Supplies (SMPS) * Free Wheeling Diode in Low Voltage Converters
PRODUCT FEATURES
* * * *
Ultrafast Recovery Times Soft Recovery Characteristics Popular SOT-227 Package Rugged Avalanche Energy Rated * Low Forward Voltage * High Blocking Voltage * Low Leakage Current
PRODUCT BENEFITS
* * * * *
Low Losses Low Noise Switching Cooler Operation Higher Reliability Systems Increased System Power Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL EAVL
Characteristic / Test Conditions Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (TC = 60C, Duty Cycle = 0.5) RMS Forward Current
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3mS) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Energy (2A, 50 mH)
AL IC HN EC ION TT CE MA AN OR DV NF A I
200 100 170 1000 300 100
All Ratings are per diode: TC = 25C unless otherwise specified.
APT2X100/2X101S20J UNIT
Volts
Amps
-55 to 150
C mJ
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 100A VF Maximum Forward Voltage IF = 200A IF = 100A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
0.89 1.18
0.95
Volts
0.80 2 50 470 10
mA
7-2001 053-6023 Rev -
pF nH
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702-1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 100A, diF /dt = -100A/s, VR = 100V Forward Recovery Time IF = 100A, diF /dt = 100A/s, VR = 100V Reverse Recovery Current IF = 100A, diF /dt = -100A/s, VR = 100V Recovery Charge IF = 100A, diF /dt = -100A/s, VR = 100V Forward Recovery Voltage TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C MIN
APT2X100/2X101S20J
TYP MAX UNIT
110 88 123 1600 1600 5
TBD
ns
Amps
7 253
nC
490 6.0 6.0
Volts
IF = 100A, diF /dt = 100A/s, VR = 100V Rate of Fall of Recovery Current
IF = 100A, diF /dt = -100A/s, VR = 100V
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA VIsolation WT Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
RMS Voltage (50-60 Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.) Package Weight
AL IC HN EC ION TT CE MA AN OR DV NF A I
TJ = 100C TJ = 25C
210 250
A/s
TJ = 100C
MIN
TYP
MAX
UNIT C/W
0.42 20
Volts oz gm
2500
1.03 29.2
13.6
Torque Maximum Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
lb*in N*m
1.5
APT Reserves the right to change, without notice, the specifications and information contained herein.
SOT-227 Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 H100 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)
7-2001
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
Anti-parallel
Parallel
APT2X100S20J
Anode 2
APT2X101S20J
Anode 1
Cathode 1 Cathode 1
053-6023 Rev -
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: ISOTOP(R) is a Registered Trademark of SGS Thomson.
Cathode 2
4,895,810 5,256,583
Anode 1
5,045,903 4,748,103
Cathode 2
5,182,234 5,231,474
Anode 2
5,019,522 5,434,095 5,262,336 5,528,058
5,089,434 5,283,202


▲Up To Search▲   

 
Price & Availability of APT2X101S20J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X