Part Number Hot Search : 
2N4245 87C51FC A1601 TIP50 500EA S72N27SF MB914 30011
Product Description
Full Text Search
 

To Download APT2X101D40J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2
3
2
3 1
2 4
3
1
4
1
4
Parallel
SO
2 T-
27
Anti-Parallel
APT2X100D40J
APT2X101D40J
APT2X100D40J APT2X101D40J
400V 400V
100A 100A
DUAL DIE ISOTOP(R) PACKAGE
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular SOT-227 Package * Low Forward Voltage
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* High Blocking Voltage
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL
Characteristic / Test Conditions Maximum D.C. Reverse Voltage
IM
MAXIMUM RATINGS
IN
* Low Leakage Current
A
All Ratings: TC = 25C unless otherwise specified.
APT2X100/2X101D40J UNIT
EL
R
Y
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
400
Volts
PR
Maximum Average Forward Current (TC = 70C, Duty Cycle = 0.5) RMS Forward Current
100 170 1000 -55 to 150 300
C Amps
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 100A VF Maximum Forward Voltage IF = 200A IF = 100A, TJ = 150C IRM CT LS USA
405 S.W. Columbia Street
MIN
TYP
MAX
UNIT
1.5 1.5 1.3 500 1000 215 10
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
Volts
Maximum Reverse Leakage Current
VR = VR Rated VR = VR Rated, TJ = 125C
A pF
053-4007 Rev D
Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France
nH
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 100A, diF /dt = -800A/s, VR = 240V Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 100A, diF /dt = -800A/s, VR = 240V Forward Recovery Time IF = 100A, diF /dt = 800A/s, VR = 240V Reverse Recovery Current IF = 100A, diF /dt = -800A/s, VR = 240V Recovery Charge IF = 100A, diF /dt = -800A/s, VR = 240V Forward Recovery Voltage IF = 100A, diF /dt = 800A/s, VR = 240V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN
APT2X100/2X101D40J
TYP MAX UNIT
60 60 140 185 185 25 55 750
90
ns
30
Amps
70
nC
3850 14.5
Volts
TJ = 25C
R
MIN
Y
2500
11.8 (.463) 12.2 (.480)
TJ = 100C
14.5 1200
A/s
A IN
TJ = 25C
TJ = 100C
800
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA VIsolation WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance
IM
TYP
MAX
UNIT C/W Volts
0.42 20
RMS Voltage (50-60 Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.)
EL
Junction-to-Ambient Thermal Resistance
1.03 29.2 13.6 1.5
oz gm lb*in N*m
Torque
Maximum Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
APT Reserves the right to change, without notice, the specifications and information contained herein.
PR
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322)
Package Weight
SOT-227 Package Outline
W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 8.9 (.350) 9.6 (.378) Hex Nut M4 H100 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193)
1.95 (.077) 2.14 (.084)
Anti-parallel
Parallel
APT2X100D40J
Anode 2
APT2X101D40J
Anode 2
Cathode 1 Cathode 2
053-4007 Rev D
38.0 (1.496) 38.2 (1.504)
Dimensions in Millimeters and (Inches)
ISOTOP is a Registered Trademark of SGS Thomson.
(R)
Cathode 2
Anode 1
Cathode 1
Anode 1


▲Up To Search▲   

 
Price & Availability of APT2X101D40J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X