Part Number Hot Search : 
00620 STC6823 MC8280 TDA1910 PM7351 BC817 IRU1120 21C10
Product Description
Full Text Search
 

To Download APT2X101D20J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2
3
2
3 1
2 4
3
1
4
1
4
Parallel
SO
2 T-
27
Anti-Parallel
APT2X100D20J
APT2X101D20J
APT2X100D20J APT2X101D20J
200V 100A 200V 100A
DUAL DIE ISOTOP(R) PACKAGE
ULTRAFAST SOFT RECOVERY DUAL RECTIFIER DIODES
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular SOT-227 Package * Low Forward Voltage
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
* High Blocking Voltage
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL
Characteristic / Test Conditions Maximum D.C. Reverse Voltage
IM
MAXIMUM RATINGS
IN
* Low Leakage Current
A
All Ratings: TC = 25C unless otherwise specified.
APT2X100/2X101D20J UNIT
EL
R
Y
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
200
Volts
PR
Maximum Average Forward Current (TC = 95C, Duty Cycle = 0.5) RMS Forward Current
100 170 1000 -55 to 150 300
C Amps
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 100A VF Maximum Forward Voltage IF = 200A IF = 100A, TJ = 150C IRM CT LS USA
405 S.W. Columbia Street
MIN
TYP
MAX
UNIT
1.1 1.25 0.95 500 1000 215 10
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
Volts
Maximum Reverse Leakage Current
VR = VR Rated VR = VR Rated, TJ = 125C
A pF
053-2005 Rev B
Junction Capacitance, VR = 200V Series Inductance (Lead to Lead 5mm from Base)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702-1035 F-33700 Merignac - France
nH
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt IF = 100A, diF /dt = -800A/s, VR = 100V Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 100A, diF /dt = -800A/s, VR = 100V Forward Recovery Time IF = 100A, diF /dt = 800A/s, VR = 100V Reverse Recovery Current IF = 100A, diF /dt = -800A/s, VR = 100V Recovery Charge IF = 100A, diF /dt = -800A/s, VR = 100V Forward Recovery Voltage IF = 100A, diF /dt = 800A/s, VR = 100V Rate of Fall of Recovery Current TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C MIN
APT2X100/2X101D20J
TYP MAX UNIT
70 70 150 250 250 28 60 980
95
ns
33
Amps
75
nC
4500 15
Volts
TJ = 25C
R
MIN
Y
2500
11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 H100 (4 places)
TJ = 100C
15 1200
A/s
A IN
TJ = 25C
TJ = 100C
1800
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC RJA VIsolation WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance
IM
TYP
MAX
UNIT C/W Volts
0.42 20
RMS Voltage (50-60 Hz Sinusoidal Waveform from Terminals to Mounting Base for 1 Min.)
EL
Junction-to-Ambient Thermal Resistance
1.03 29.2 13.6 1.5
oz gm lb*in N*m
Torque
Maximum Torque (Mounting = 8-32 or 4mm Machine and Terminals = 4mm Machine)
APT Reserves the right to change, without notice, the specifications and information contained herein.
PR
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322)
Package Weight
SOT-227 Package Outline
W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193)
1.95 (.077) 2.14 (.084)
Anti-parallel
Parallel
APT2X100D20J
Anode 2
APT2X101D20J
Anode 1
Cathode 1 Cathode 1
053-2005 Rev B
38.0 (1.496) 38.2 (1.504)
Dimensions in Millimeters and (Inches)
Cathode 2
Anode 1
Cathode 2
Anode 2
ISOTOP(R) is a Registered Trademark of SGS Thomson.


▲Up To Search▲   

 
Price & Availability of APT2X101D20J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X