Part Number Hot Search : 
ICS95 68HC908 25D431K UPC1663C 68HC908 SMDA15 BFU630F ZX5T851Z
Product Description
Full Text Search
 

To Download APA3010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0x1.0mm SMD CHIP LED LAMPS Features
3.0mmx1.0mm SMT LED, 2.0mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. APA3010 SERIES
Package Dimensions
Description
The Bright Red source color devices are made with Gallium Phosphide Red Light Emitting Diode. The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. The Super Bright Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode. The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subjected to change without notice.
Selection Guide
Par t No . APA3010HD APA3010HC APA3010ID APA3010EC APA3010SGD APA3010QYC APA3010YD APA3010YC APA3010SRDPRV APA3010SRCPRV Di c e BRIGHT RED (GaP) BRIGHT RED (GaP) HIGH EFFICIENCY RED (GaAsP/GaP) HIGH EFFICIENCY RED (GaAsP/GaP) SUPER BRIGHT GREEN (GaP) SUPER BRIGHT GREEN (GaP) YELLOW (GaAsP/GaP) YELLOW (GaAsP/GaP) SUPER BRIGHT RED (GaAlAs) SUPER BRIGHT RED (GaAlAs) L en s Ty p e RED DIFFUSED WATER CLEAR RED DIFFUSED WATER CLEAR GREEN DIFFUSESD WATER CLEAR YELLOW DIFFUSED WATER CLEAR RED DIFFUSED WATER CLEAR Iv (mc d ) @ 20 mA Min . 0.8 0.8 5 5 3 3 3 3 40 40 Ty p . 1.2 1.2 12 12 12 12 8 8 70 70 View in g An g l e 21/2 120 120 120 120 120 120 120 120 120 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
APA3010-1
Electrical / Optical Characteristics at T)=25C
Sy m b o l Par ameter Dev ic e Bright Red High Efficiency Red Super Bright Green Yellow Super Bright Red Ty p . 700 625 565 590 660 45 45 30 35 20 40 12 45 10 95 2.0 2.0 2.2 2.1 1.85 2.5 2.5 2.5 2.5 2.5 10 Max . Un i t s Tes t Co n d itio n s
peak
Peak Wavelength
nm
IF=20mA
1/2
Bright Red High Efficiency Red Spectral Line Halfwidth Super Bright Green Yellow Super Bright Red Bright Red High Efficiency Red Super Bright Green Yellow Super Bright Red Bright Red High Efficiency Red Super Bright Green Yellow Super Bright Red All
nm
IF=20mA
C
Capacitance
pF
VF=0V;f=1MHz
VF
Forward Voltage
V
IF=20mA
IR
Reverse Current
uA
VR = 5V
Absolute Maximum Ratings at T)=25C
Par ameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
B r ig h t Red 120 25 150 5
Hi g h Effic ien c y Red 105 30 150 5
Su p er B r ig h t Gr een 105 25 150 5
Yello w 105 30 150 5
Su p er B r ig h t Red 100 30 150 5
Un i t s mW mA mA V
-40C To +85C
APA3010-2
Bright Red APA3010HD,APA3010HC
High Efficiency Red APA3010ID,APA3010EC
APA3010-3
Super Bright Green APA3010SGD,APA3010QYC
Yellow APA3010YD,APA3010YC
APA3010-4
Super Bright Red APA3010SRDPRV,APA3010SRCPRV
APA3010 SERIES SMT Reflow Soldering Instructions
APA3010-5
APA3010 SERIES Recommended Soldering Pattern (Units : mm)
APA3010 SERIES Tape Specifications (Units : mm)
APA3010-6


▲Up To Search▲   

 
Price & Availability of APA3010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X