Part Number Hot Search : 
5225B LBA120LS 31202G SMBJ26 IPB180 1N5638A AOL1412 AD836
Product Description
Full Text Search
 

To Download AP4575M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4575M
Advanced Power Electronics Corp.
Simple Drive Requirement Low On-resistance Fast Switching Performance
D2 D1 D2 D1 D1 D1 D2 D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON)
G2 G2 S2 S2 S1 G1 G1 S1
60V 36m 6A -60V 72m -4.2A
SO-8 SO-8
Description
The Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and costeffectiveness. The SO-8 package is universally preferred for all commercialindustrial surface mount applications and suited for low voltage applications such as DC/DC converters.
ID P-CH BVDSS RDS(ON) ID
D1
D2
G1 S1
G2 S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1 3 3
Rating N-channel 60 20 6 4.7 30 2.0 0.016 -55 to 150 -55 to 150 P-channel -60 20 -4.2 -3.3 -30
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 62.5
Unit /W
Data and specifications subject to change without notice
200607041
AP4575M
N-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS BVDSS/Tj RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 60 1 -
Typ. 0.04 8 18 5 10 10 6 32 10 160 117
Max. Units 36 42 3 1 25 100 29 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70 C)
o o
VGS=10V, ID=5A VGS=4.5V, ID=3A VDS=VGS, ID=250uA VDS=10V, ID=5A VDS=60V, VGS=0V VDS=48V, VGS=0V VGS=20V ID=5A VDS=48V VGS=4.5V VDS=30V ID=1A RG=3.3,VGS=10V RD=30 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
1670 2670
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=1.7A, VGS=0V IS=5A, VGS=0V dI/dt=100A/s
Min. -
Typ. 34 48
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
AP4575M
P-CH Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS BVDSS/Tj RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Parameter Drain-Source Breakdown Voltage Static Drain-Source On-Resistance Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (T j=25 C) Drain-Source Leakage Current (T j=70 C)
o o
Test Conditions VGS=0V, ID=-250uA
2
Min. -60 -1 -
Typ. -0.04 6 21 5 9 12 6 82 36 157 130
Max. Units 72 88 -3 -1 -25 100 34 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25,ID=-1mA
VGS=-10V, ID=-4A VGS=-4.5V, ID=-3A VDS=VGS, ID=-250uA VDS=-10V, ID=-4A VDS=-60V, VGS=0V VDS=-48V, VGS=0V VGS=20V ID=-4A VDS=-48V VGS=-4.5V VDS=-30V ID=-1A RG=3.3,VGS=-10V RD=30 VGS=0V VDS=-25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
1780 2850
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-1.7A, VGS=0V IS=-4A, VGS=0V dI/dt=-100A/s
Min. -
Typ. 43 87
Max. Units -1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 135/W when mounted on min. copper pad.
AP4575M
N-Channel
60
50
T A = 25 o C
50
ID , Drain Current (A)
40
ID , Drain Current (A)
10V 7.0V 5.0V 4.5V
TA=150oC
40
10V 7.0V 5.0V 4.5V
30
30
20
20
V G =3.0V
10
V G =3.0V
10
0 0 1 2 3 4 5 6 7
0
0
1
2
3
4
5
6
7
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
38
1.8
36
ID=3A Normalized RDS(ON) T A =25 C
o
1.6
I D =5A V G =10V
1.4
34
RDS(ON) (m )
1.2
32
1.0
30
0.8
28
0.6 2 4 6 8 10 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.5
5
1.3
4
Normalized VGS(th) (V)
1.1
3
IS(A)
0.9
T j =150 o C
2
T j =25 o C
0.7
1
0.5
0 0 0.2 0.4 0.6 0.8 1 1.2
0.3
-50
0
50
100
150
V SD , Source-to-Drain Voltage (V)
T j ,Junction Temperature (
o
C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4575M
N-Channel
f=1.0MHz
14 10000
VGS , Gate to Source Voltage (V)
12
I D =5A V DS =48V C iss
10
8
C (pF)
1000
6
4
2
C oss C rss
0 0 5 10 15 20 25 30 35 100
1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthja)
Duty factor=0.5
0.2
10
0.1
0.1
0.05
ID (A)
1ms
1
0.02
10ms 100ms
0.1
0.01
PDM
0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja =135o C/W
T A =25 o C Single Pulse
1s DC
0.01 0.1 1 10 100 1000
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG 4.5V QGS QGD
10% VGS td(on) tr td(off)tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
AP4575M
P-Channel
40 40
35
T A = 25 C
o
-ID , Drain Current (A)
-ID , Drain Current (A)
30
-10V -7.0V -5.0V -4.5V
35
TA=150oC
30
25
25
-10V -7.0V -5.0V -4.5V
20
20
15
15
V G =-3.0V
10
V G =-3.0V
10 5
5
0 0 1 2 3 4 5 6 7
0 0 1 2 3 4 5 6 7 8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
80
1.8
ID=-3A
75
1.6
T A =25 o C Normalized R DS(ON)
1.4
ID=-4A V G =-10V
RDS(ON) (m )
70
1.2
1.0
65
0.8
60
0.6 2 4 6 8 10 -50 0 50 100 150
-V GS ,Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.6
4
1.3
Normalized -VGS(th) (V)
3
-IS(A)
1.1
2
T j =150 o C
T j =25 o C
0.8
1
0.6
0
0.3 0 0.2 0.4 0.6 0.8 1 1.2 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( o C)
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
AP4575M
P-Channel
f=1.0MHz
16
10000
-VGS , Gate to Source Voltage (V)
I D =-4A V DS =-48V
12
8
C (pF)
C iss
1000
4
C oss C rss
0 0.0 10.0 20.0 30.0 40.0 50.0 60.0
100
1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthja)
0.2
10
0.1
0.1
1ms -ID (A)
1
0.05
10ms 100ms
0.02
0.01
PDM 0.01
Single Pulse
t T
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja=135oC/W
0.1
T A =25 C Single Pulse
o
1s DC
0.01 0.1 1 10 100 1000
0.001 0.0001 0.001 0.01 0.1 1 10 100 1000
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG -4.5V QGS QGD
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform


▲Up To Search▲   

 
Price & Availability of AP4575M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X