Part Number Hot Search : 
6256A TA124 GBLC03 SSS91850 HER308G XC9536 HVRW3 P1060
Product Description
Full Text Search
 

To Download AD5310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
+2.7 V to +5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 AD5310*
FUNCTIONAL BLOCK DIAGRAM
VDD GND POWER-ON RESET
FEATURES Single 10-Bit DAC 6-Lead SOT-23 and 8-Lead SOIC Packages Micropower Operation: 140 A @ 5 V Power-Down to 200 nA @ 5 V, 50 nA @ 3 V +2.7 V to +5.5 V Power Supply Guaranteed Monotonic by Design Reference Derived from Power Supply Power-On-Reset to Zero Volts Three Power-Down Functions Low Power Serial Interface with Schmitt-Triggered Inputs On-Chip Output Buffer Amplifier, Rail-to-Rail Operation SYNC Interrupt Facility APPLICATIONS Portable Battery Powered Instruments Digital Gain and Offset Adjustment Programmable Voltage and Current Sources Programmable Attenuators GENERAL DESCRIPTION
AD5310
REF (+) REF (-)
DAC REGISTER
10-BIT DAC
OUTPUT BUFFER
VOUT
INPUT CONTROL LOGIC
POWER-DOWN CONTROL LOGIC
RESISTOR NETWORK
SYNC
SCLK
DIN
PRODUCT HIGHLIGHTS
The AD5310 is a single, 10-bit buffered voltage out DAC that operates from a single +2.7 V to +5.5 V supply consuming 115 A at 3 V. Its on-chip precision output amplifier allows railto-rail output swing to be achieved. The AD5310 utilizes a versatile three-wire serial interface that operates at clock rates up to 30 MHz and is compatible with standard SPITM, QSPITM, MICROWIRETM and DSP interface standards. The reference for AD5310 is derived from the power supply inputs and thus gives the widest dynamic output range. The part incorporates a power-on-reset circuit that ensures that the DAC output powers up to zero volts and remains there until a valid write takes place to the device. The part contains a power-down feature which reduces the current consumption of the device to 200 nA at 5 V and provides software selectable output loads while in power-down mode. The part is put into power-down mode over the serial interface. The low power consumption of this part in normal operation makes it ideally suited to portable battery operated equipment. The power consumption is 0.7 mW at 5 V reducing to 1 W in power-down mode. The AD5310 is one of a family of pin-compatible DACs. The AD5300 is the 8-bit version and the AD5320 is the 12-bit version. The AD5300/AD5310/AD5320 are available in 6-lead SOT-23 packages and 8-lead SOIC packages.
SPI and QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corporation. *Patent pending; protected by U.S. Patent No. 5684481.
1. Available in 6-lead SOT-23 and 8-lead SOIC packages. 2. Low power, single supply operation. This part operates from a single +2.7 V to +5.5 V supply and typically consumes 0.35 mW at 3 V and 0.7 mW at 5 V, making it ideal for battery powered applications. 3. The on-chip output buffer amplifier allows the output of the DAC to swing rail-to-rail with a slew rate of 1 V/s. 4. Reference derived from the power supply. 5. High speed serial interface with clock speeds up to 30 MHz. Designed for very low power consumption. The interface only powers up during a write cycle. 6. Power-down capability. When powered down, the DAC typically consumes 50 nA at 3 V and 200 nA at 5 V.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 1999
AD5310-SPECIFICATIONS T
Parameter STATIC PERFORMANCE Resolution Relative Accuracy Differential Nonlinearity Zero Code Error Full-Scale Error Gain Error Zero Code Error Drift Gain Temperature Coefficient OUTPUT CHARACTERISTICS3 Output Voltage Range Output Voltage Settling Time Slew Rate Capacitive Load Stability Digital-to-Analog Glitch Impulse Digital Feedthrough DC Output Impedance Short Circuit Current Power-Up Time LOGIC INPUTS3 Input Current VINL, Input Low Voltage VINL, Input Low Voltage VINH, Input High Voltage VINH, Input High Voltage Pin Capacitance POWER REQUIREMENTS VDD IDD (Normal Mode) VDD = +4.5 V to +5.5 V VDD = +2.7 V to +3.6 V IDD (All Power-Down Modes) VDD = +4.5 V to +5.5 V VDD = +2.7 V to +3.6 V
2
(VDD = +2.7 V to +5.5 V; RL = 2 k to GND; CL = 500 pF to GND; all specifications MIN to TMAX unless otherwise noted)
Units Bits LSB LSB mV % of FSR % of FSR V/C ppm of FSR/C V s V/s pF pF nV-s nV-s mA mA s s 1 0.8 0.6 A V V V V pF V A A A A DAC Active and Excluding Load Current VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND Conditions/Comments
Min 10
B Version1 Typ Max
+5 -0.15 -20 -5 0 6 1 470 1000 20 0.5 1 50 20 2.5 5
4 0.5 +40 -1.25 1.25
See Figure 2. Guaranteed Monotonic by Design. See Figure 3. All Zeroes Loaded to DAC Register. See Figure 6. All Ones Loaded to DAC Register. See Figure 6.
VDD 8
1/4 Scale to 3/4 Scale Change (100 Hex to 300 Hex). RL = 2 k; 0 pF < CL < 500 pF. See Figure 16. RL = RL = 2 k 1 LSB Change Around Major Carry. See Figure 19.
VDD = +5 V VDD = +3 V Coming Out of Power-Down Mode. V DD = +5 V Coming Out of Power-Down Mode. V DD = +3 V
2.4 2.1 3 2.7 140 115 0.2 0.05 5.5 250 200 1 1
VDD = +5 V VDD = +3 V VDD = +5 V VDD = +3 V
Power Efficiency IOUT/IDD
93
%
ILOAD = 2 mA. V DD = +5 V
NOTES 1 Temperature ranges are as follows: B Version: -40C to +105C. 2 Linearity calculated using a reduced code range of 12 to 1011. Output unloaded. 3 Guaranteed by design and characterization, not production tested. Specifications subject to change without notice.
-2-
REV. A
AD5310 TIMING CHARACTERISTICS1, 2 (V
Parameter t13 t2 t3 t4 t5 t6 t7 t8 50 13 22.5 0 5 4.5 0 50
DD
= +2.7 V to +5.5 V; all specifications TMIN to TMAX unless otherwise noted)
Units ns min ns min ns min ns min ns min ns min ns min ns min Conditions/Comments SCLK Cycle Time SCLK High Time SCLK Low Time SYNC to SCLK Rising Edge Setup Time Data Setup Time Data Hold Time SCLK Falling Edge to SYNC Rising Edge Minimum SYNC High Time
Limit at TMIN , TMAX VDD = 2.7 V to 3.6 V VDD = 3.6 V to 5.5 V 33 13 13 0 5 4.5 0 33
NOTES 1 All input signals are specified with tr = tf = 5 ns (10% to 90% of V DD) and timed from a voltage level of (V IL + VIH )/2. 2 See Figure 1. 3 Maximum SCLK frequency is 30 MHz at V DD = +3.6 V to +5.5 V and 20 MHz at V DD = +2.7 V to +3.6 V. Specifications subject to change without notice.
t1 SCLK t8 SYNC t6 t5 DIN DB15 DB0 t4 t3 t2 t7
Figure 1. Serial Write Operation
ABSOLUTE MAXIMUM RATINGS*
(TA = +25C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V Digital Input Voltage to GND . . . . . . . .-0.3 V to V DD + 0.3 V VOUT to GND . . . . . . . . . . . . . . . . . . . -0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (B Version) . . . . . . . . . . . . . . . -40C to +105C Storage Temperature Range . . . . . . . . . . . . -65C to +150C Junction Temperature (TJ Max) . . . . . . . . . . . . . . . . .+150C SOT-23 Package Power Dissipation . . . . . . . . . . . . . . . . . . . (T J Max-TA)/JA JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 240C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . .+220C
SOIC Package Power Dissipation . . . . . . . . . . . . . . . . . . . (T J Max-TA)/JA JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 206C/W JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 44C/W Lead Temperature, Soldering Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . .+220C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model AD5310BRT AD5310BRM
Temperature Range -40C to +105C -40C to +105C
Branding Package Information Options* D3B D3B RT-6 RM-8
*RT = SOT-23; RM = SOIC.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD5310 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-3-
AD5310
PIN CONFIGURATIONS
SOT-23
VOUT 1 GND 2 VDD 3
6
SOIC
SYNC SCLK DIN VDD 1 NC 2 NC 3 VOUT 4
8
GND DIN SCLK
AD5310
TOP VIEW (Not to Scale)
5 4
AD5310
7 6
TOP VIEW 5 SYNC (Not to Scale)
NC = NO CONNECT
PIN FUNCTION DESCRIPTIONS SOT-23 Pin Numbers
Pin No. 1 2 3 4 5 6
Mnemonic VOUT GND VDD DIN SCLK SYNC
Function Analog output voltage from DAC. The output amplifier has rail-to-rail operation. Ground reference point for all circuitry on the part. Power Supply Input. These parts can be operated from +2.5 V to +5.5 V and VDD should be decoupled to GND. Serial Data Input. This device has a 16-bit shift register. Data is clocked into the register on the falling edge of the serial clock input. Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can be transferred at rates up to 30 MHz. Level triggered control input (active low). This is the frame synchronization signal for the input data. When SYNC goes low, it enables the input shift register and data is transferred in on the falling edges of the following clocks. The DAC is updated following the 16th clock cycle unless SYNC is taken high before this edge in which case the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC.
-4-
REV. A
AD5310
TERMINOLOGY Relative Accuracy Gain Error
For the DAC, relative accuracy or Integral Nonlinearity (INL) is a measure of the maximum deviation, in LSBs, from a straight line passing through the endpoints of the DAC transfer function. A typical INL vs. code plot can be seen in Figure 2.
Differential Nonlinearity
This is a measure of the span error of the DAC. It is the deviation in slope of the DAC transfer characteristic from ideal expressed as a percent of the full-scale range.
Total Unadjusted Error
Differential Nonlinearity (DNL) is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum ensures monotonicity. This DAC is guaranteed monotonic by design. A typical DNL vs. code plot can be seen in Figure 3.
Zero-Code Error
Total Unadjusted Error (TUE) is a measure of the output error taking all the various errors into account. A typical TUE vs. code plot can be seen in Figure 4.
Zero-Code Error Drift
This is a measure of the change in zero-code error with a change in temperature. It is expressed in V/C.
Gain Error Drift
Zero-code error is a measure of the output error when zero code (000 Hex) is loaded to the DAC register. Ideally the output should be 0 V. The zero-code error is always positive in the AD5310 because the output of the DAC cannot go below 0 V. It is due to a combination of the offset errors in the DAC and output amplifier. Zero-code error is expressed in mV. A plot of zero-code error vs. temperature can be seen in Figure 6.
Full-Scale Error
This is a measure of the change in gain error with changes in temperature. It is expressed in (ppm of full-scale range)/C.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the analog output when the input code in the DAC register changes state. It is normally specified as the area of the glitch in nV secs and is measured when the digital input code is changed by 1 LSB at the major carry transition (1FF Hex to 200 Hex). See Figure 19.
Digital Feedthrough
Full-scale error is a measure of the output error when full-scale code (3FF Hex) is loaded to the DAC register. Ideally the output should be VDD - 1 LSB. Full-scale error is expressed in percent of full-scale range. A plot of full-scale error vs. temperature can be seen in Figure 6.
Digital feedthrough is a measure of the impulse injected into the analog output of the DAC from the digital inputs of the DAC but is measured when the DAC output is not updated. It is specified in nV secs and is measured with a full-scale code change on the data bus, i.e., from all 0s to all 1s and vice versa.
REV. A
-5-
AD5310-Typical Performance Characteristics
4 3 TA = +25 C DNL ERROR - LSBs INL ERROR - LSBs 2 1 0 -1 -2 -0.3 -3 -4 0 -0.4 200 400 600 CODE 800 1000 -0.5 -4 0 200 400 600 CODE 800 1000 0 200 400 600 CODE 800 1000 INL @ 5V INL @ 3V 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 TUE - LSBs DNL @ 3V DNL @ 5V TA = +25 C 4 2 TUE @ 3V
0 TUE @ 5V TA = +25 C -2
Figure 2. Typical INL Plot
Figure 3. Typical DNL Plot
Figure 4. Typical Total Unadjusted Error Plot
4 VDD = +5V
30 VDD = +5V 20
2500 VDD = +5V 2000 VDD = +3V FREQUENCY ZS ERROR 1500
2 ERROR - LSBs ERROR - mV MAX INL MAX DNL 0 MIN DNL MIN INL -2 -20 -30 -40 500 10
0 -10
FS ERROR
1000
-4 -40
0
40 80 TEMPERATURE - C
120
0
40 80 TEMPERATURE - C
120
0
50 60 70 80 90 100 110 120 130 140 150 160 170 180 190
IDD - A
Figure 5. INL Error and DNL Error vs. Temperature
Figure 6. Zero-Scale Error and FullScale Error vs. Temperature
Figure 7. IDD Histogram with VDD = 3 V and VDD = 5 V
3 TA = +25 C
5 DAC LOADED WITH 3FF HEX 4 DAC LOADED WITH 3FF HEX
500
400
2 VOUT - V VOUT - V TA = +25 C 2 IDD - A 3 300
200 VDD = +5V
1 DAC LOADED WITH 000 HEX 1 DAC LOADED WITH 000 HEX 0 0 0 100
VDD = +3V
0
10 5 ISOURCE/SINK - mA
15
0
5 10 ISOURCE/SINK - mA
15
0
200
400 600 CODE
800
1000
Figure 8. Source and Sink Current Capability with VDD = 3 V
Figure 9. Source and Sink Current Capability with VDD = 5 V
Figure 10. Supply Current vs. Code
-6-
REV. A
AD5310
300 VDD = +5V 250 250 300 1.0 0.9 0.8 0.7 IDD - A 0.6 0.5 0.4 0.3 -40 C 50 50 0.2 0.1 0 -40 0 40 80 TEMPERATURE - C 120 0 2.7 3.2 3.7 4.2 VDD - V 4.7 5.2 0 2.7 3.2 3.7 4.2 VDD - V 4.7 5.2 +25 C +105 C THREE-STATE CONDITION
200 IDD - A IDD - A
200
150
150
100
100
Figure 11. Supply Current vs. Temperature
Figure 12. Supply Current vs. Supply Voltage
Figure 13. Power-Down Current vs. Supply Voltage
800 TA = +25 C CH 2 600 CH 2 CLK CLK
IDD - A
400
VOUT
VDD = +5V FULL-SCALE CODE CHANGE 000 HEX - 3FF HEX TA = +25 C OUTPUT LOADED WITH 2k AND 200pF TO GND
VOUT CH 1
VDD = +5V HALF-SCALE CODE CHANGE 100 HEX - 300 HEX TA = +25 C OUTPUT LOADED WITH 2k AND 200pF TO GND
CH1 200 VDD = +3V VDD = +5V
CH1 1V, CH 2 5V, TIME BASE = 1 s/DIV 0 0 1 2 3 VLOGIC - V 4 5
CH1 1V, CH2 5V, TIME BASE = 1 s/DIV
Figure 14. Supply Current vs. Logic Input Voltage
Figure 15. Full-Scale Settling Time
Figure 16. Half-Scale Settling Time
2.54 2k LOAD TO VDD CH2 CLK VDD = +5V 2.52 LOADED WITH 2k AND 200pF TO GND CODE CHANGE: 200 HEX TO 1FF HEX
VOUT - V VOUT VOUT CH1 CH1 1V, CH 2 5V, TIME BASE = 5 s/DIV
VDD CH1
2.50
CH2
2.48
CH1 1V, CH 2 1V, TIME BASE = 20 s/DIV
2.46 500ns/DIV
Figure 17. Power-On Reset to 0 V
Figure 18. Exiting Power-Down (200 Hex Loaded)
Figure 19. Digital-to-Analog Glitch Impulse
REV. A
-7-
AD5310
GENERAL DESCRIPTION D/A Section Resistor String
The AD5310 DAC is fabricated on a CMOS process. The architecture consists of a string DAC followed by an output buffer amplifier. Since there is no reference input pin, the power supply (VDD) acts as the reference. Figure 20 shows a block diagram of the DAC architecture.
VDD
The resistor string section is shown in Figure 21. It is simply a string of resistors, each of value R. The code loaded to the DAC register determines at what node on the string the voltage is tapped off to be fed into the output amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier. Because it is a string of resistors, it is guaranteed monotonic.
Output Amplifier
REF (+) DAC REGISTER RESISTOR STRING REF (-) OUTPUT AMPLIFIER VOUT
GND
The output buffer amplifier is capable of generating rail-to-rail voltages on its output which gives an output range of 0 V to VDD. It is capable of driving a load of 2 k in parallel with 1000 pF to GND. The source and sink capabilities of the output amplifier can be seen in Figures 8 and 9. The slew rate is 1 V/s with a half-scale settling time of 6 s with the output loaded.
SERIAL INTERFACE
Figure 20. DAC Architecture
Since the input coding to the DAC is straight binary, the ideal output voltage is given by: D V OUT =V DD x 1024 where D = decimal equivalent of the binary code which is loaded to the DAC register; it can range from 0 to 1023.
The AD5310 has a three-wire serial interface (SYNC, SCLK and DIN) which is compatible with SPI, QSPI and MICROWIRE interface standards as well as most DSPs. See Figure 1 for a timing diagram of a typical write sequence. The write sequence begins by bringing the SYNC line low. Data from the DIN line is clocked into the 16-bit shift register on the falling edge of SCLK. The serial clock frequency can be as high as 30 MHz making the AD5310 compatible with high speed DSPs. On the sixteenth falling clock edge, the last data bit is clocked in and the programmed function is executed (i.e., a change in DAC register contents and/or a change in the mode of operation). At this stage, the SYNC line may be kept low or be brought high. In either case, it must be brought high for a minimum of 33 ns before the next write sequence so that a falling edge of SYNC can initiate the next write sequence. Since the SYNC buffer draws more current when VIN = 2.4 V than it does when VIN = 0.8 V, SYNC should be idled low between write sequences for even lower power operation of the part. As is mentioned above, however, it must be brought high again just before the next write sequence.
Input Shift Register
R
R
R
TO OUTPUT AMPLIFIER
R
R
The input shift register is 16 bits wide (see Figure 22). The first two bits are "don't cares." The next two are control bits which control which mode of operation the part is in (normal mode or any one of three power-down modes). There is a more complete description of the various modes in the Power-Down Modes section. The next ten bits are the data bits. These are transferred to the DAC register on the sixteenth falling edge of SCLK. Finally, the last two bits are "don't cares."
Figure 21. Resistor String
DB15 (MSB) X X PD1 PD 0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 X DB0 (LSB) X
DATA BITS
0 0 1 1
0 1 0 1
NORMAL OPERATION 1k 100k TO GND TO GND POWER-DOWN MODES
THREE-STATE
Figure 22. Input Register Contents
-8-
REV. A
AD5310
SYNC Interrupt
In a normal write sequence, the SYNC line is kept low for at least 16 falling edges of SCLK and the DAC is updated on the 16th falling edge. However, if SYNC is brought high before the 16th falling edge this acts as an interrupt to the write sequence. The shift register is reset and the write sequence is seen as invalid. Neither an update of the DAC register contents or a change in the operating mode occurs--see Figure 23.
Power-On-Reset
RESISTOR STRING DAC
AMPLIFIER
VOUT
POWER-DOWN CIRCUITRY
RESISTOR NETWORK
The AD5310 contains a power-on-reset circuit which controls the output voltage during power-up. The DAC register is filled with zeros and the output voltage is 0 V. It remains there until a valid write sequence is made to the DAC. This is useful in applications where it is important to know the state of the output of the DAC while it is in the process of powering up.
Power-Down Modes
Figure 24. Output Stage During Power-Down
The AD5310 contains four separate modes of operation. These modes are software-programmable by setting two bits (DB13 and DB12) in the control register. Table I shows how the state of the bits corresponds to the mode of operation of the device.
Table I. Modes of Operation for the AD5310
The bias generator, the output amplifier, the resistor string and other associated linear circuitry are all shut down when the power-down mode is activated. However, the contents of the DAC register are unaffected when in power-down. The time to exit power-down is typically 2.5 s for VDD = 5 V and 5 s for VDD = 3 V. See Figure 18 for a plot.
MICROPROCESSOR INTERFACING AD5310 to ADSP-2101/ADSP-2103 Interface
DB13 0 0 1 1
DB12 0 1 0 1
Operating Mode Normal Operation Power-Down Modes 1 k to GND 100 k to GND Three-State
Figure 25 shows a serial interface between the AD5310 and the ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103 should be set up to operate in the SPORT Transmit Alternate Framing Mode. The ADSP-2101/ADSP-2103 SPORT is programmed through the SPORT control register and should be configured as follows: Internal Clock Operation, Active Low Framing, 16-Bit Word Length. Transmission is initiated by writing a word to the Tx register after the SPORT has been enabled.
When both bits are set to 0, the part works normally with its normal power consumption of 140 A at 5 V. However, for the three power-down modes, the supply current falls to 200 nA at 5 V (50 nA at 3 V). Not only does the supply current fall but the output stage is also internally switched from the output of the amplifier to a resistor network of known values. This has the advantage that the output impedance of the part is known while the part is in power-down mode. There are three different options. The output is connected internally to GND through a 1 k resistor, a 100 k resistor or it is left open-circuited (ThreeState). The output stage is illustrated in Figure 24.
ADSP-2101/ ADSP-2103*
TFS DT SCLK DIN
AD5310*
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 25. AD5310 to ADSP-2101/ADSP-2103 Interface
SCLK
SYNC
DIN
DB15
DB0
DB15
DB0
INVALID WRITE SEQUENCE: SYNC HIGH BEFORE 16TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES ON THE 16TH FALLING EDGE
Figure 23. SYNC Interrupt Facility
REV. A
-9-
AD5310
AD5310 to 68HC11/68L11 Interface AD5310 to Microwire Interface
Figure 26 shows a serial interface between the AD5310 and the 68HC11/68L11 microcontroller. SCK of the 68HC11/68L11 drives the SCLK of the AD5310, while the MOSI output drives the serial data line of the DAC. The SYNC signal is derived from a port line (PC7). The setup conditions for correct operation of this interface are as follows: the 68HC11/68L11 should be configured so that its CPOL bit is a 0 and its CPHA bit is a 1. When data is being transmitted to the DAC, the SYNC line is taken low (PC7). When the 68HC11/68L11 is configured as above, data appearing on the MOSI output is valid on the falling edge of SCK. Serial data from the 68HC11/68L11 is transmitted in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. Data is transmitted MSB first. In order to load data to the AD5310, PC7 is left low after the first eight bits are transferred, and a second serial write operation is performed to the DAC and PC7 is taken high at the end of this procedure.
68HC11/68L11*
PC7 SCK MOSI SCLK DIN
Figure 28 shows an interface between the AD5310 and any microwire compatible device. Serial data is shifted out on the falling edge of the serial clock and is clocked into the AD5310 on the rising edge of the SK.
MICROWIRE*
CS SK SO SCLK DIN
AD5310*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 28. AD5310 to MICROWIRE Interface
APPLICATIONS Using REF19x as a Power Supply for AD5310
AD5310*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 26. AD5310 to 68HC11/68L11 Interface
AD5310 to 80C51/80L51 Interface
Because the supply current required by the AD5310 is extremely low, an alternative option is to use a REF19x voltage reference (REF195 for 5 V or REF193 for 3 V) to supply the required voltage to the part--see Figure 29. This is especially useful if your power supply is quite noisy or if the system supply voltages are at some value other than 5 V or 3 V (e.g., 15 V). The REF19x will output a steady supply voltage for the AD5310. If the low dropout REF195 is used, the current which it needs to supply to the AD5310 is 140 A. This is with no load on the output of the DAC. When the DAC output is loaded, the REF195 also needs to supply the current to the load. The total current required (with a 5 k load on the DAC output) is: 140 A + (5 V/5 k) = 1.14 mA The load regulation of the REF195 is typically 2 ppm/mA which results in an error of 2.3 ppm (11.5 V) for the 1.14 mA current drawn from it. This corresponds to a 0.002 LSB error.
+15V +5V
Figure 27 shows a serial interface between the AD5310 and the 80C51/80L51 microcontroller. The setup for the interface is as follows: TXD of the 80C51/80L51 drives SCLK of the AD5310, while RXD drives the serial data line of the part. The SYNC signal is again derived from a bit programmable pin on the port. In this case port line P3.3 is used. When data is to be transmitted to the AD5310, P3.3 is taken low. The 80C51/80L51 transmits data only in 8-bit bytes; thus only eight falling clock edges occur in the transmit cycle. To load data to the DAC, P3.3 is left low after the first eight bits are transmitted, and a second write cycle is initiated to transmit the second byte of data. P3.3 is taken high following the completion of this cycle. The 80C51/ 80L51 outputs the serial data in a format which has the LSB first. The AD5310 requires its data with the MSB as the first bit received. The 80C51/80L51 transmit routine should take this into account.
80C51/80L51*
P3.3 TXD RXD SCLK DIN
REF195
140 A
SYNC THREE-WIRE SERIAL INTERFACE SCLK DIN
VOUT = 0V TO 5V
AD5310
Figure 29. REF195 as Power Supply to AD5310
AD5310*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 27. AD5310 to 80C51/80L51 Interface
-10-
REV. A
AD5310
Bipolar Operation Using the AD5310
The AD5310 has been designed for single-supply operation but a bipolar output range is also possible using the circuit in Figure 30. The circuit below will give an output voltage range of 5 V. Rail-to-rail operation at the amplifier output is achievable using an AD820 or an OP295 as the output amplifier. The output voltage for any input code can be calculated as follows: D R1+ R2 R2 V O = V DD x x R1 -V DD x R1 1024 where D represents the input code in decimal (0-1023). With VDD = 5 V, R1 = R2 = 10 k: 10 x D VO = - 5V 1024 This is an output voltage range of 5 V with 000 Hex corresponding to a -5 V output and 3FF Hex corresponding to a +5 V output.
R2 = 10k +5V R1 = 10k +5V
AD820/ OP295
+5V REGULATOR POWER 10 F 0.1 F
VDD 10k SCLK SCLK VDD
VDD 10k SYNC SYNC
AD5310
VOUT
VDD 10k DATA DIN GND
Figure 31. AD5310 with an Opto-Isolated Interface
Power Supply Bypassing and Grounding
5V
10 F
0.1 F
VDD
VOUT
-5V
When accuracy is important in a circuit it is helpful to consider carefully the power supply and ground return layout on the board. The printed circuit board containing the AD5310 should have separate analog and digital sections, each having their own area of the board. If the AD5310 is in a system where other devices require an AGND to DGND connection, the connection should be made at one point only. This ground point should be as close as possible to the AD5310. The power supply to the AD5310 should be bypassed with 10 F and 0.1 F capacitors. The capacitors should be physically as close as possible to the device with the 0.1 F capacitor ideally right up against the device. The 10 F capacitors are the tantalum bead type. It is important that the 0.1 F capacitor has low Effective Series Resistance (ESR) and Effective Series Inductance (ESI), e.g., common ceramic types of capacitors. This 0.1 F capacitor provides a low impedance path to ground for high frequencies caused by transient currents due to internal logic switching. The power supply line itself should have as large a trace as possible to provide a low impedance path and reduce glitch effects on the supply line. Clocks and other fast switching digital signals should be shielded from other parts of the board by digital ground. Avoid crossover of digital and analog signals if possible. When traces cross on opposite sides of the board ensure that they run at right angles to each other to reduce feedthrough effects through the board. The best board layout technique is the microstrip technique where the component side of the board is dedicated to the ground plane only and the signal traces are placed on the solder side. However, this is not always possible with a two-layer board.
AD5310
THREE-WIRE SERIAL INTERFACE
Figure 30. Bipolar Operation with the AD5310
Using AD5310 with an Opto-Isolated Interface
In process-control applications in industrial environments it is often necessary to use an opto-isolated interface in order to protect and isolate the controlling circuitry from any hazardous common-mode voltages which may occur in the area where the DAC is functioning. Opto-isolators provide isolation in excess of 3 kV. Because the AD5310 uses a three-wire serial logic interface, it only requires three opto-isolators to provide the required isolation (see Figure 31). The power supply to the part also needs to be isolated. This is done by using a transformer. On the DAC side of the transformer, a +5 V regulator provides the +5 V supply required for the AD5310.
REV. A
-11-
AD5310
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
6-Lead SOT-23 (RT-6)
C3192a-0-5/99
0.022 (0.55) 0.014 (0.35) 0.120 (3.05) 0.112 (2.84) 0.043 (1.09) 0.037 (0.94) 0.011 (0.28) 0.003 (0.08) 33 27 0.028 (0.71) 0.016 (0.41) 0.122 (3.10) 0.106 (2.70)
0.071 (1.80) 0.059 (1.50) PIN 1
6 1
5 2
4 3
0.118 (3.00) 0.098 (2.50)
0.037 (0.95) BSC 0.075 (1.90) BSC 0.051 (1.30) 0.035 (0.90) 0.006 (0.15) 0.000 (0.00) 0.057 (1.45) 0.035 (0.90) 10 0.020 (0.50) SEATING 0.009 (0.23) 0 0.010 (0.25) PLANE 0.003 (0.08)
8-Lead SOIC (RM-8)
0.122 (3.10) 0.114 (2.90)
8
5
0.122 (3.10) 0.114 (2.90)
0.199 (5.05) 0.187 (4.75)
1 4
PIN 1 0.0256 (0.65) BSC 0.120 (3.05) 0.112 (2.84) 0.006 (0.15) 0.002 (0.05) 0.018 (0.46) SEATING 0.008 (0.20) PLANE
-12-
REV. A
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD5310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X