Part Number Hot Search : 
K222M 5N50E 5320RT TEA7092 MAX6854 A2001 DTC123E VS8004FC
Product Description
Full Text Search
 

To Download AA028P2-A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 25-31 GHz Surface Mount Amplifier
AA028P2-A2
Patent Pending
Features
s Surface Mount Package s 13 dB Gain s +16 dBm Output Power s Single Voltage Operation s 100% RF and DC Testing
Description
The AA028P2-A2 is a broadband millimeterwave driver amplifier in a rugged surface mount package which is compatible with high volume solder installation. The amplifier is designed for use in millimeterwave communication and sensor systems as a gain stage in the receiver, transmitter, or LO chain when high gain and linearity are required. The robust ceramic surface mount package provides excellent electrical performance and a high degree of environmental protection for long-term reliability. A single supply voltage simplifies bias requirements. All amplifiers are screened at the operating frequencies prior to shipment for guaranteed performance. Amplifier is targeted for high volume millimeterwave applications such as point-to-point and point-to-multipoint wireless communications systems.
Pin Out
VD
RF In
RF Out
AA028P2-A2 YYWW
Orientation Indicated by Missing Castellations
Electrical Specifications at 25C (VD = 5.5 V)
RF
Parameter Bandwidth Small Signal Gain Input Return Loss Output Return Loss Output Power at 1 dB Gain Compression Temperature Coefficient of Gain Symbol BW G RLI RLO P1 dB dG/dT 14 Min. 25 11 Typ. 24-32 13 7 9 16 -0.025 Max. 31 Unit GHz dB dB dB dBm dB/C
DC
Parameter Drain Current Symbol ID Min. Typ. 70 Max. 110 Unit mA
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 5/00A
1
25-31 GHz Surface Mount Amplifier
AA028P2-A2
Typical Performance Data (VD = 5.5 V)
20 0 S22 -5
15
10
Return Loss (dB)
Gain (dB)
-10 S11
5
0 20 25 30 35
-15 20 25 30 35
Frequency (GHz)
Frequency (GHz)
Gain vs. Frequency
20 18 20
Return Loss vs. Frequency
-55C 15
+25C
P1 dB (dBm)
16 14 12 10 25 27 29 31
Gain (dB)
10 +85C 5
0 25 27 29 31
Frequency (GHz)
Frequency (GHz)
Output Power vs. Frequency
Gain vs. Frequency
Outline
0.251 (6.38 mm) 2X 0.044 (1.12 mm) 0.204 (5.18 mm) C L 8X 0.020 (0.51 mm) C L 2X 0.129 (3.28 mm) 0.241 (6.12 mm) 0.040 (1.02 mm) 2X 0.085 (2.16 mm) 2X 0.043 (1.09 mm)
Absolute Maximum Ratings
Characteristic Operating Temperature (TC) Storage Temperature (TST) Bias Voltage (VD1) Power In (PIN) Value -55C to +90C -65C to +150C 7 VDC 13 dBm
2X 0.064 (1.63 mm) 0.056 (1.42 mm)
0.194 (4.93 mm)
0.016 (0.41 mm)
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 5/00A
25-31 GHz Surface Mount Amplifier
AA028P2-A2
Typical S-Parameters at 25C (VD = 5.5 V)
Frequency (GHz) 1 3 5 7 9 11 13 15 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 38 40 S11 Mag. (dB) -1.8891 -2.4345 -2.8771 -3.2392 -3.5435 -3.7858 -4.0416 -4.6036 -6.7582 -10.4750 -16.9020 -11.8620 -10.0930 -8.7935 -6.4440 -5.5792 -5.6318 -6.2769 -8.1182 -12.4100 -17.1150 -15.6470 -16.9560 -10.9470 -7.8258 -7.3537 -6.5525 -5.6230 -3.7803 -2.2359 Ang. (Deg.) -125.3600 175.9900 99.7540 27.9020 -34.6070 -83.1640 -122.2800 -159.9000 150.4900 109.0100 18.9510 -131.0900 142.7400 97.3620 48.8610 -1.6998 -51.0240 -100.3300 -152.0100 161.5400 147.2600 120.7500 37.1260 -164.3900 88.1560 28.4740 -19.3420 -65.3560 -160.9200 96.8240 Mag. (dB) -43.2540 -35.7840 -29.3650 -25.1380 -45.0210 -44.3000 -42.2600 -32.2730 -18.7250 -11.1660 -4.4860 0.8482 8.3172 9.4482 9.9504 10.7623 11.7960 12.1690 13.1640 12.0730 12.4960 12.3430 13.3830 13.4400 3.2386 -7.9820 -15.7300 -25.1300 -31.5360 -25.9250 S21 Ang. (Deg.) 164.3700 90.2530 -42.4260 -138.9600 28.5080 -80.0050 -73.9500 -110.7900 171.5900 129.3600 77.5880 44.5160 -45.1180 -120.5400 178.0300 121.8400 66.6550 4.0189 -52.5350 -115.5400 -170.9200 128.7300 62.0720 -40.9440 -136.7100 168.9300 129.1800 97.3710 4.8599 -110.9000 Mag. (dB) -58.670 -53.792 -66.955 -45.067 -46.099 -41.912 -46.329 -43.375 -42.826 -41.750 -37.305 -40.473 -36.456 -35.487 -35.753 -35.559 -35.363 -34.294 -33.817 -32.020 -31.971 -32.153 -30.995 -30.749 -38.601 -41.455 -38.996 -38.487 -33.430 -28.181 S12 Ang. (Deg.) -88.492 -88.848 60.394 -77.408 -69.574 -87.216 -78.549 -51.890 -60.249 -24.941 -29.700 -57.605 -119.280 165.880 105.470 42.297 -19.760 -71.223 -128.310 178.760 121.260 69.648 12.728 -79.782 -171.040 151.590 95.603 56.350 -18.492 -125.890 Mag. (dB) -1.12620 -3.10970 -3.45190 -5.02160 0.11855 -0.33998 -1.22410 -1.80850 -1.97470 -1.96860 -1.81710 -1.78800 -4.31700 -6.84150 -9.76340 -19.81200 -14.91000 -7.86290 -7.12030 -10.03700 -13.45400 -12.44600 -14.62300 -7.19450 -2.69680 -1.89540 -1.47920 -1.16540 -0.98473 -1.47240 S22 Ang. (Deg.) -126.7000 154.1000 -165.7400 128.2200 55.1550 -9.6574 -58.8080 -96.3240 -127.2700 -142.4000 -158.8000 84.9140 38.4980 3.4238 -40.7050 -92.3350 27.3380 -34.2280 -95.0830 -142.3600 -158.0600 -174.4100 156.8700 -176.2900 111.5000 56.9890 6.1703 -44.0600 -148.8900 101.8500
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 5/00A
3
25-31 GHz Surface Mount Amplifier
AA028P2-A2
"Alpha Two" Surface Mount Package Handling and Mounting
Millimeterwave components require careful mounting design to maintain optimal performance. The Alpha Two surface mount package (patent pending) provides a rugged and repeatable electrical connection using standard solder techniques.
DC Connections
64 Via Holes
RF In
RF Out
Handling
The Alpha Two surface mount package is very rugged. However, due to ceramic's brittle nature, one should exercise care when handling with metal tools. Do not apply heavy pressure to the lid. Vacuum tools may be used to pick and place this part. Only personnel trained in both ESD precautions and handling precautions should be allowed to handle these packages.
DC Connections
Footprint Geometry for Alpha Two Surface Mount Package
Mounting the Package
The Alpha Two surface mount package is compatible with high-volume surface mount installation using solder. RF and DC connections are accomplished with metallized edge castellations that hold solder fillets. Ground connections are accomplished by both metallized edge castellations and filled vias to the bottom of the package. Care should be taken to ensure that there are no voids or gaps in the solder so that a good RF, DC, and ground contact is maintained.
Package Construction
The Alpha Two surface mount package consists of a base and a lid. The package base is ceramic with filled vias and plated castellations. The package lid is unplated alumina. The lid seal is epoxy.
Mounting Design
The Alpha Two surface mount package is installed on top of a printed circuit board on a specially designed footprint. Mounting footprint geometry will be supplied by Alpha Industries in electronic formats or paper drawing.
DC Lines
RF In
Printed Ccircuit Board Rogers 4003 0.008" (0.20 mm) Thick
Solder Fillets RF Out
Electrically & Thermally Conductive Ground Plane
Alpha Two Surface Mount Package Installation
4
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 5/00A


▲Up To Search▲   

 
Price & Availability of AA028P2-A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X