Part Number Hot Search : 
3710I NSR01L30 G3U7912 WR78W10 GT10G101 YAAMUA Z5240 4DFT1G
Product Description
Full Text Search
 

To Download 74LVCH16541A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74LVCH16541A 16-bit buffer/line driver (3-State)
Product specification IC24 Data Handbook 1998 May 19
Philips Semiconductors
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5V tolerant I/O (3-State)
74LVCH16541A
FEATURES
* 5 volt tolerant inputs/outputs for interfacing with 5V logic * Wide supply voltage range of 1.2 V to 3.6 V * Drive capability 24mA @ 3.3V * Complies with JEDEC standard no. 8-1A * CMOS low power consumption * MULTIBYTETM flow-through standard pin-out architecture * Low inductance multiple power and ground pins for minimum
noise and ground bounce
PIN CONFIGURATION
1OE1 1Y0 1Y1 GND 1Y2 1Y3 VCC 1Y4 1Y5 GND 1 2 3 4 5 6 7 8 9 10 48 1OE2 47 1A0 46 1A1 45 GND 44 1A2 43 1A3 42 VCC 41 1A4 40 1A5 39 GND 38 1A6 37 1A7 36 2A0 35 2A1 34 GND 33 2A2 32 2A3 31 VCC 30 2A4 29 2A5 28 GND 27 2A6 26 2A7 25 2OE2
* Direct interface with TTL levels * All data inputs have bushold * Bushold inputs eliminate the need for external pull-up resistors to
hold unused inputs
1Y6 11 1Y7 12 2Y0 13
DESCRIPTION
The 74LVCH16541A is a high-performance, low-power, low-voltage, Si-gate CMOS device, superior to most advanced CMOS compatible TTL families. Inputs can be driven from either 3.3V or 5V devices. In 3-State operation, outputs can handle 5V. These features allow the use of these devices in a mixed 3.3V/5V environment. The 74LVCH16541A is a 16-bit inverting buffer/line driver with 3-State outputs. The 3-State outputs are controlled by the output enable inputs 1OEn and 2OEn. A HIGH on nOEn causes the outputs to assume a high impedance OFF-state. To ensure the high impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
2Y1 14 GND 15 2Y2 16 2Y3 VCC 2Y4 17 18 19
2Y5 20 GND 2Y6 2Y7 21 22 23
2OE1 24
SW00113
QUICK REFERENCE DATA
GND = 0V; Tamb = 25C; tr = tf 2.5ns SYMBOL tPHL/tPLH CI CPD PARAMETER Propagation delay 1An to 1Yn; 2An to 2Yn Input capacitance Power dissipation capacitance per buffer VI = GND to VCC outputs enabled output disabled
1
CONDITIONS CL = 50pF VCC = 3.3V
TYPICAL 2.7 5.0 32 5
UNIT ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in mW): PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacitance in pF; fo = output frequency in MHz; VCC = supply voltage in V; S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type III 48-Pin Plastic TSSOP Type II TEMPERATURE RANGE -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVCH16541A DL 74LVCH16541A DGG NORTH AMERICA VCH16541A DL VCH16541A DGG DWG NUMBER SOT370-1 SOT362-1
1998 May 19
2
853-2063 19403
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5V tolerant I/O (3-State)
74LVCH16541A
PIN DESCRIPTION
PIN NUMBER 1, 24 2, 3, 5, 6, 8, 9, 11, 12 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 13, 14, 16, 17, 19, 20, 22, 23 25, 48 36, 35, 33, 32, 30, 29, 27, 26 47, 46, 44, 43, 41, 40, 38, 37 SYMBOL nOE1 1Y0 to 1Y7 GND VCC 2Y0 to 2Y7 nOE2 2A0 to 2A7 1A0 to 1A7 NAME AND FUNCTION Output enable input (active LOW) Data outputs Ground (0V) Positive supply voltage Data outputs Output enable input (active LOW) Data inputs Data inputs
LOGIC SYMBOL (IEEE/IEC)
1OE1 1OE2 2OE1 2OE2 1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7 2A0 2A1 2A2 1 48 24 25 47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26 2 2 1 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 EN & &
1
1Y0 1Y1 1Y2 1Y3 1Y4 1Y5 1Y6 1Y7 2Y0 2Y1 2Y2 2Y3 2Y4 2Y5 2Y6 2Y7
LOGIC SYMBOL
1A0 47 2 1Y0 2A0 36 13 2Y0
2A3 2A4 2A5 2A6 2Y1 2A7
1A1
46
3
1Y1
2A1
35
14
1A2
44
5
1Y2
2A2
33
16
SW00114
2Y2
1A3
43
6
1Y3
2A3
32
17
2Y3
BUSHOLD CIRCUIT
VCC
1A4
41
8
1Y4
2A4
30
19
2Y4
1A5
40
9
1Y5
2A5
29
20
2Y5
1A6
38
11
1Y6
2A6
27
22
2Y6 Data Input 2Y7 To internal circuit
1A7
37
12
1Y7
2A7
26
23
1OE1 1OE2
1 48
2OE1 2OE2
24 25
SW00115
FUNCTION TABLE
INPUTS nOE1 L L X H nOE2 L L H X nAn L H X X OUTPUT nYn L H Z Z
SW00044
H = HIGH voltage level L = LOW voltage level X = don't care Z = high impedance OFF-state
1998 May 19
3
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5V tolerant I/O (3-State)
74LVCH16541A
RECOMMENDED OPERATING CONDITIONS
SYMBOL PARAMETER DC supply voltage (for maximum speed performance) VCC DC supply voltage (for low-voltage applications) For data input pins with bus hold VI DC Input voltage range For data input pins without bus hold DC output voltage range; output HIGH or LOW state DC output voltage range; output 3-State Tamb tr, tf Operating ambient temperature range in free air Input rise and fall times VCC = 1.2 to 2.7V VCC = 2.7 to 3.6V 0 0 0 -40 0 0 5.5 VCC 5.5 +85 20 10 C ns/V CONDITIONS MIN. MIN 2.7 1.2 0 MAX. MAX 3.6 V 3.6 VCC V UNIT
VO
V
ABSOLUTE MAXIMUM VALUES1, 2
In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) SYMBOL VCC IIK VI IOK PARAMETER DC supply voltage DC input diode current DC input voltage DC output diode current DC output voltage; output HIGH or LOW state DC output voltage; output 3-State IO IGND, ICC Tstg Ptot DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package - SSOP (plastic medium-shrink) - TSSOP (plastic thin-medium-shrink) For temperature range: -40 to +125C above +70C derate linearly 8mW/K above +60C derate linearly 5.5mW/K VO = 0 to VCC VI < 0 Note 3 VO > VCC or VO < 0 CONDITIONS MIN -0.5 - -0.5 - -0.5 Note 3 -0.5 - - -65 MAX +6.5 -50 +6.5 "50 VCC + 0.5 6.5 "50 "100 +150 500 500 mA mA C mW UNIT V mA V mA
VO
V
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output clamp current ratings are observed.
1998 May 19
4
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5V tolerant I/O (3-State)
74LVCH16541A
DC CHARACTERISTICS
Over recommended operating conditions Voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS Temp = -40C to +85C MIN VIH HIGH level input voltage VCC = 1.2V VCC = 2.7 to 3.6V LOW level input voltage VCC = 1.2V VCC = 2.7 to 3.6V VCC = 2.7; VI = VIH or VIL; IO = -12mA VO OH HIGH level output voltage VCC = 3.0V; VI = VIH or VIL; IO = -100A VCC = 3.0V; VI = VIH or VIL; IO = -18mA VCC = 3.0V; VI = VIH or VIL; IO = -24mA VCC = 2.7V; VI = VIH or VIL; IO = 12mA VOL LOW level output voltage VCC = 3.0V; VI = VIH or VIL; IO = 100A VCC = 3.0V; VI = VIH or VIL; IO = 24mA II IOZ IOFF ICC ICC IBHL IBHH IBHLO IBHHO Input leakage current 3-State output OFF-state current Power off leakage current Quiescent supply current Additional quiescent supply current given per input pin Bus hold LOW sustaining current Bus hold HIGH sustaining current Bus hold LOW overdrive current Bus hold HIGH overdrive current VCC = 3.6V; VI = 5.5V or GND6 VCC = 3.6V; VI = VIH or VIL; VO = 5.5V or GND VCC = 0.0V; VI or VO = 5.5V VCC = 3.6V; VI = VCC or GND; IO = 0 VCC = 2.7 to 3.6V; VI = VCC - 0.6V; IO = 0 VCC = 3.0V; VI = 0.8V2, 3, 4 VCC = 3.0V; VI = VCC = 3.6V2, 3, 5 VCC = 3.6V2, 3, 5 2.0V2, 3, 4 75 -75 500 -500 "0.1 0.1 0.1 0.1 5 VCC-0.5 VCC-0.2 VCC-0.6 VCC-0.8 0.40 0.20 0.55 "5 "5 10 20 500 A A A A A A A A A V VCC V VCC 2.0 GND V 0.8 TYP1 MAX V UNIT
VIL
NOTES: 1. All typical values are at VCC = 3.3V and Tamb = 25C. 2. Valid for data inputs of bus hold parts (LVCH16-A) only. 3. For data inputs only, control inputs do not have a bus hold circuit. 4. The specified sustaining current at the data input holds the input below the specified VI level. 5. The specified overdrive current at the data input forces the data input to the opposite logic input state. 6. For bus hold parts, the bus hold circuit is switched off when Vi exceeds VCC allowing 5.5V on the input terminal.
1998 May 19
5
Philips Semiconductors
Product specification
16-bit buffer/line driver; 5V tolerant I/O (3-State)
74LVCH16541A
AC CHARACTERISTICS
GND = 0V; tR = tF 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER Propagation delay 1An to 1Yn; 2An to 2Yn 3-State output enable time 1OEn to 1Yn; 2OEn to 2Yn 3-State output disable time 1OEn to 1Yn; 2OEn to 2Yn WAVEFORM VCC = 3.3V 0.3V MIN tPHL tPLH tPZH tPZL tPHZ tPLZ 1, 3 1.5 TYP1 2.7 MAX 4.5 VCC = 2.7V MIN 1.5 MAX 5.5 ns UNIT
2, 3
1.5
3.5
5.9
1.5
6.9
ns
2, 3
1.5
3.9
5.5
1.5
6.5
ns
NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V. VOL and VOH are the typical output voltage drop that occur with the output load. VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V VY = VOH -0.3V at VCC w 2.7V; VY = VOH - 0.1 VCC at VCC t 2.7V
VI An INPUT GND tPHL VOH Yn OUTPUT VOL VM tPLH VM
TEST CIRCUIT
VCC S1 2 x VCC Open GND
PULSE GENERATOR
VI D.U.T. RT
VO
500
CL
50pF
500
Test VCC t 2.7V 2.7V - 3.6V VI VCC 2.7V tPLH/tPHL tPLZ/tPZL tPHZ/tPZH
S1 Open 2 x VCC GND
SY00003
Waveform 3. Load circuitry for switching times
SW00116
Waveform 1. Input (An) to output (Yn) propagation delay times
VI OE INPUT GND VM
tPLZ VCC Y OUTPUT LOW-to-OFF OFF-to-LOW VX VOL tPHZ VOH Y OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled outputs disabled VY
tPZL
VM
tPZH
VM
outputs enabled
SW00112
Waveform 2. 3-State enable and disable times 1998 May 19 6
Philips Semiconductors
Product specification
16-bit buffer/line driver (3-State)
74LVCH16541A
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
1998 May 19
7
Philips Semiconductors
Product specification
16-bit buffer/line driver (3-State)
74LVCH16541A
TSSOP48: plastic thin shrink small outline package; 48 leads; body width 6.1mm
SOT362-1
1998 May 19
8
Philips Semiconductors
Product specification
16-bit buffer/line driver (3-State)
74LVCH16541A
NOTES
1998 May 19
9
Philips Semiconductors
Product specification
16-bit buffer/line driver (3-State)
74LVCH16541A
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 08-98 9397-750-04535
Philips Semiconductors
yyyy mmm dd 10


▲Up To Search▲   

 
Price & Availability of 74LVCH16541A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X