Part Number Hot Search : 
1SMB13 0022122 A1535A AD7699 1SS123 C7973 TFBS4710 55000
Product Description
Full Text Search
 

To Download 74F3038 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74F3038 Quad 2-input NAND 30 line driver (open collector)
Product specification Supersedes data of 1990 Jan 29 IC15 Data Handbook 1998 May 21
Philips Semiconductors
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
FEATURES
* 30 line driver * 160mA output drive capability * High speed * Facilitates incident wave switching * 3nh lead inductance each on VCC and GND when both side pins
are used
PIN CONFIGURATION
D0a D0b Q0 GND GND Q1 D1a 1 2 3 4 5 6 7 8 16 15 14 13 12 11 Q3 D3b D3a VCC VCC D2a
10 D2b 9 Q2
DESCRIPTION
The 74F3038 is a high current Open-Collector Line Driver composed of four 2-input NAND gates. It has been designed to deal with the transmission line effects of PC boards which appear when fast edge rates are used. The 74F3038 can sink 160mA with a VCC as low as 4.5V. This guarantees incident wave switching with VOL not more than 0.8V while driving impedances as low as 30. This is applicable with any combination of outputs using continuous duty. The AC specifications for the 74F3038 were determined using the standard FAST load for open-collector parts of 50pF capacitance, a 500 pull-up resistor and a 500 pull-down resistor. (See Test Circuit). Reducing the load resistors to 100 will decrease the tPLH propagation delay by approximately 50% while increasing tPHL only slightly. The graph of typical propagation delay versus load resistor (see AC Characteristics section for Graph) shows a spline fit curve from four measured data points, RL = 30, RL = 100, RL = 300, and RL = 500.
D1b
SF00570
TYPE 74F3038
TYPICAL PROPAGATION DELAY 6.0ns
TYPICAL SUPPLY CURRENT (TOTAL) 17mA
ORDERING INFORMATION
DESCRIPTION 16-pin Plastic DIP 16-pin Plastic SOL COMMERCIAL RANGE VCC = 5V 10%, Tamb = 0C to +70C N74F3038N N74F3038D PACKAGE DRAWING NUMBER SOT38-4 SOT162-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS Dna, Dnb Qn Data inputs Data outputs DESCRIPTION 74F(U.L.) HIGH/LOW 1.0/1.0 OC/266 LOAD VALUE HIGH/LOW 20A/0.6mA OC/160mA
NOTE: One (1.0) FAST unit load is defined as: 20A in the High state and 0.6mA in the Low state. OC = Open Collector.
LOGIC SYMBOL
1 2 7 8 10 11 14 15
IEC/IEEE SYMBOL
1 2 7 & 3
D0a D0b D1a D1a D2a D2b D3a D3b
8 10
6
Q0
Q1
Q2 Q3
11 14 15
9
16
VCC = Pin 12,13 GND = Pin 4, 5
3
6
9
16
SF00571
SF00572
1998 May 21
2
853-0022 19433
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
LOGIC DIAGRAM
D0a D0b 2 7 D1a 8 D1b D2a D2b 10 11 1 3 Q0
FUNCTION TABLE
INPUTS Dna
6 Q1
OUTPUT Dnb L H L H Qn H H H L
L L
9
Q2
H H H = High voltage level L = Low voltage level
VCC = Pin 12,13 GND = Pin 4, 5
14 D3a 15 D3b
16
Q3
SF00569
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the operating free-air temperature range.) SYMBOL VCC VIN IIN VOUT IOUT Tamb Tstg Supply voltage Input voltage Input current Voltage applied to output in High output state Current applied to output in Low output state Operating free-air temperature range Storage temperature range PARAMETER RATING -0.5 to +7.0 -0.5 to +7.0 -30 to +5 -0.5 to VCC 320 0 to +70 -65 to +150 UNIT V V mA V mA C C
RECOMMENDED OPERATING CONDITIONS
LIMITS SYMBOL VCC VIH VIL IIK VOH IOL Tamb Supply voltage High-level input voltage Low-level input voltage Input clamp current High-level output voltage Low-level output current Operating free-air temperature range 0 PARAMETER MIN 4.5 2.0 0.8 -18 4.5 160 +70 NOM 5.0 MAX 5.5 V V V mA V mA C UNIT
1998 May 21
3
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.) SYMBOL IOH VO OL VIK II IIH IIL ICC PARAMETER High-level output current Low-level Low level output current Input clamp voltage Input current at maximum input voltage High-level input current Low-level input current Supply current (total) ICCH ICCL TEST CONDITIONS1 VCC = MIN, VIL = MAX, VIH = MIN, VOH = MAX VCC = MIN VIL = MAX VIH = MIN IOL = 100mA IOL = 160mA3 10% VCC 5% VCC -0.73 0.42 LIMITS MIN TYP2 MAX 250 0.55 0.80 -1.2 100 20 -0.6 VIN = GND VIN = 4.5V 3.5 30 6.0 40 UNIT A V V V A A mA mA mA
VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX
NOTES: 1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type. 2. All typical values are at VCC = 5V, Tamb = 25C. 3. IOL1 is the current necessary to guarantee the High to Low transition in a 30 transmission line on the incident wave.
AC ELECTRICAL CHARACTERISTICS
LIMITS SYMBOL PARAMETER TEST CONDITION Tamb = +25C VCC = +5.0V CL = 50pF, RL = 500 MIN tPLH tPHL Propagation delay Dna, Dnb to Qn Waveform 1 6.0 1.0 TYP 8.5 2.0 MAX 11.5 5.0 Tamb = 0C to +70C VCC = +5.0V 10% CL = 50pF, RL = 500 MIN 6.0 1.0 MAX 12.0 5.0 ns UNIT
AC WAVEFORMS
For all waveforms, VM = 1.5V.
Dna, Dnb
VM tPHL
VM tPLH
Qn
VM
VM
SF00005
Waveform 1.
Propagation Delay for Inputs to Output
1998 May 21
4
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
TYPICAL PROPAGATION DELAYS VERSUS LOAD FOR OPEN COLLECTOR OUTPUTS
9 tPLH 8
7
PROPAGATION DELAY (ns)
6
5
4
3 tPHL 2
1
0 0 100 200 300 LOAD RESISTOR () 400 500 600
NOTE: When using Open-Collector parts, the value of the pull-up resistor greatly affects the value of the tPLH. For example, changing the specified pull-up resistor value from 500 to 100 will improve the tPLH up to 50% with only a slight increase in the tPHL. However, if the value of the pull-up resistor is changed, the user must make certain that the total IOL current through the resistor and the total IILs of the receivers does not exceed the IOL maximum specification.
SF01361
TEST CIRCUIT AND WAVEFORMS
VCC 7.0V 90% VIN PULSE GENERATOR RT D.U.T. VOUT RL NEGATIVE PULSE VM 10% tTHL (tf ) CL RL tTLH (tr ) 90% POSITIVE PULSE 10% tTHL (tf ) AMP (V) 90% VM tw 10% 0V tw VM 10% tTLH (tr ) 0V 90% AMP (V)
Test Circuit for Open Collector Outputs
VM
DEFINITIONS: RL = Load resistor; see AC electrical characteristics for value. CL = Load capacitance includes jig and probe capacitance; see AC electrical characteristics for value. RT = Termination resistance should be equal to ZOUT of pulse generators.
Input Pulse Definition INPUT PULSE REQUIREMENTS family amplitude VM 74F 3.0V 1.5V rep. rate 1MHz tw 500ns tTLH 2.5ns tTHL 2.5ns
SF00027
1998 May 21
5
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
DIP16: plastic dual in-line package; 16 leads (300 mil)
SOT38-4
1998 May 21
6
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
SO16: plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1
1998 May 21
7
Philips Semiconductors
Product specification
Quad 2-input NAND 30 line driver (open collector)
74F3038
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-05204
Philips Semiconductors
1998 May 21 8


▲Up To Search▲   

 
Price & Availability of 74F3038

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X