Part Number Hot Search : 
K2136 NTE7063 30006 F00019D FBR3060 CCDM1 TDA381 JAN2N
Product Description
Full Text Search
 

To Download 74F257APC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F257A Quad 2-Input Multiplexer with 3-STATE Outputs
April 1988 Revised August 1999
74F257A Quad 2-Input Multiplexer with 3-STATE Outputs
General Description
The 74F257A is a quad 2-input multiplexer with 3-STATE outputs. Four bits of data from two sources can be selected using a Common Data Select input. The four outputs present the selected data in true (non-inverted) form. The outputs may be switched to a high impedance state with a HIGH on the common Output Enable (OE) input, allowing the outputs to interface directly with bus-oriented systems.
Features
s Multiplexer expansion by tying outputs together s Non-inverting 3-STATE outputs s Input clamp diodes limit high-speed termination effects
Ordering Code:
Order Number 74F257ASC 74F257ASJ 74F257APC Package Number M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbols
Connection Diagram
IEEE/IEC
(c) 1999 Fairchild Semiconductor Corporation
DS009507
www.fairchildsemi.com
74F257A
Unit Loading/Fan Out
Pin Names S OE I0a-I0d I1a-I1d Za-Zd Description Common Data Select Input 3-STATE Output Enable Input (Active LOW) Data Inputs from Source 0 Data Inputs from Source 1 3-STATE Multiplexer Outputs U.L. HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 150/40 (33.3) Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA -3 mA/24 mA (20 mA)
Truth Table
Output Enable OE H L L L L
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial Z = High Impedance
Functional Description
Data Output Inputs I0 X X X L H I1 X L H X X Z Z L H L H The 74F257A is a quad 2-input multiplexer with 3-STATE outputs. It selects four bits of data from two sources under control of a Common Data Select input. When the Select input is LOW, the I0x inputs are selected and when Select is HIGH, the I1x inputs are selected. The data on the selected inputs appears at the outputs in true (noninverted) form. The device is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select input. The logic equation for the outputs is shown below: Zn = OE * (In* S + Ion * S) When the Output Enable input (OE) is HIGH, the outputs are forced to a high impedance OFF state. If the outputs are tied together, all but one device must be in the high impedance state to avoid high currents that would exceed the maximum ratings. Designers should ensure the Output Enable signals to 3-STATE devices whose outputs are tied together are designed so there is no overlap.
Select Input S X H H L L
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74F257A
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) ESD Last Passing Voltage (Min) twice the rated IOL (mA) 4000V -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 10% VCC 10% VCC 5% VCC 5% VCC VOL IIH IBVI ICEX VID IOD IIL IOZH IOZL IOS IZZ ICCH ICCL ICCZ Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Leakage Current Output Leakage Current Output Short-Circuit Current Bus Drainage Test Power Supply Current Power Supply Current Power Supply Current 9.0 14.5 15 -60 4.75 3.75 -0.6 50 -50 -150 500 15 22 23 10% VCC 2.5 2.4 2.7 2.7 0.5 5.0 7.0 50 V A A A V A mA A A mA A mA mA mA Min Max Max Max 0.0 0.0 Max Max Max Max 0.0V Max Max Max V Min Min 2.0 0.8 -1.2 Typ Max Units V V V Min VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -1 mA IOH = -3 mA IOH = -1 mA IOH = -3 mA IOL = 24 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V VOUT = 2.7V VOUT = 0.5V VOUT = 0V VOUT = 5.25V VO = HIGH VO = LOW VO = HIGH Z
3
www.fairchildsemi.com
74F257A
AC Electrical Characteristics
TA = +25C Symbol Parameter Min tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ Output Disable Time Propagation Delay In to Zn Propagation Delay S to Zn Output Enable Time 2.5 2.0 4.0 2.5 2.0 2.5 2.0 2.0 VCC = 5.0V CL = 50 pF Typ 4.5 4.2 5.0 6.5 5.9 5.5 4.3 4.5 Max 5.5 5.5 9.5 7.0 6.0 7.0 6.0 6.0 TA = -55C to +125C VCC = 5.0V CL = 50 pF Min 2.0 1.5 3.5 2.5 2.0 2.5 2.0 2.0 Max 7.0 7.0 11.5 9.0 8.0 9.0 7.0 8.5 TA = 0C to +70C VCC = 5.0V CL = 50 pF Min 2.0 2.0 3.5 2.5 2.0 2.5 2.0 2.0 Max 6.0 6.0 10.5 8.0 7.0 8.0 7.0 7.0 ns ns ns Units
www.fairchildsemi.com
4
74F257A
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D
5
www.fairchildsemi.com
74F257A Quad 2-Input Multiplexer with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F257APC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X