|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY HIGH-SPEED 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM .eatures x x IDT709179L x x x x True Dual-Ported memory cells which allow simultaneous access of the same memory location High-speed clock to data access - Commercial: 7.5/9/12ns (max.) - Industrial: 9ns (max) Low-power operation - IDT709179L Active: 1.2W (typ.) Standby: 2.5mW (typ.) Flow-Through or Pipelined output mode on either Port via the FT/PIPE pins Counter enable and reset features Dual chip enables allow for depth expansion without x x x x additional logic Full synchronous operation on both ports - 4ns setup to clock and 0ns hold on all control, data, and address inputs - Data input, address, and control registers - Fast 7.5ns clock to data out in the Pipelined output mode - Self-timed write allows fast cycle time - 12ns cycle time, 83MHz operation in Pipelined output mode TTL- compatible, single 5V (10%) power supply Industrial temperature range (-40C to +85C) is available for selected speeds Available in a 100-pin Thin Quad Flatpack (TQFP) package .unctional Block Diagram R/WL OEL CE0L CE1L R/WR OER CE0R CE1R 1 0 0/1 1 0 0/1 FT/PIPEL 0/1 1 0 0 1 0/1 FT/PIPER I/O0L - I/O8L I/O0R - I/O8R I/O Control I/O Control A14L A0L CLKL ADSL CNTENL CNTRSTL Counter/ Address Reg. MEMORY ARRAY Counter/ Address Reg. A14R A0R CLKR ADSR CNTENR CNTRSTR 5644 drw 01 AUGUST 2001 1 (c)2001 Integrated Device Technology, Inc. DSC-5644/1 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Description The IDT709179 is a high-speed 32K x 9 bit synchronous Dual-Port RAM. The memory array utilizes Dual-Port memory cells to allow simultaneous access of any address from both ports. Registers on control, data, and address inputs provide minimal setup and hold times. The timing latitude provided by this approach allows systems to be designed with very short cycle times. With an input data register, the IDT709179 has been optimized for applications having unidirectional or bidirectional data flow in bursts. An automatic power down feature, controlled by CE0 and CE1, permits the on-chip circuitry of each port to enter a very low standby power mode. Fabricated using IDT's CMOS high-performance technology, these devices typically operate on only 1.2W of power. Index NC NC A6L A5L A4L A3L A2L A1L A0L CNTENL CLKL ADSL GND GND ADSR CLKR CNTENR A0R A1R A2R A3R A4R A5R A6R Pin Configurations(1,2,3) NC NC A7L A8L A9L A10L A11L A12L A13L A14L NC NC VCC NC NC NC NC CE0L CE1L CNTRSTL R/WL OEL FT/PIPEL NC NC 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 2 74 3 73 4 72 1 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 NC IDT709179PF PN100-1(4) 100-Pin TQFP Top View(5) 51 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 NC NC A7R A8R A9R A10R A11R A12R A13R A14R NC NC GND NC NC NC NC CE0R CE1R CNTRSTR R/WR OER FT/PIPER GND NC 5644 drw 02 , NOTES: 1. All VCC pins must be connected to power supply. 2. All GND pins must be connected to ground. 3. Package body is approximately 14mm x 14mm x 1.4mm 4. This package code is used to reference the package diagram. 5. This text does not indicate orientation of the actual part-marking. GND I/O8L I/O7L I/O6L I/O5L I/O4L I/O3L I/O2L GND I/O1L I/O0L VCC GND I/O0R I/O1R I/O2R VCC I/O3R I/O4R I/O5R I/O6R I/O7R I/O8R NC NC 2 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Pin Names Left Port CE0L, CE1L R/WL OEL A0L - A14L I/O0L - I/O8L CLKL ADSL CNTENL CNTRSTL FT/PIPEL Right Port CE0R, CE1R R/WR OER A0R - A14R I/O0R - I/O8R CLKR ADSR CNTENR CNTRSTR FT/PIPER VCC GND Names Chip Enables Read/Write Enable Output Enable Address Data Input/Output Clock Address Strobe Counter Enable Counter Reset Flow-Through/Pipeline Power Ground 5644 tbl 01 Truth Table IRead/Write and Enable Control(1,2,3) OE X X X L H CLK X CE0 H X L L L CE1 X L H H H R/W X X L H X I/O0-8 High-Z High-Z DATAIN DATAOUT High-Z Deselected--Power Down Deselected--Power Down Write Read Outputs Disabled 5644 tbl 02 Mode NOTES: 1. "H" = VIH, "L" = VIL, "X" = Don't Care. 2. ADS, CNTEN, CNTRST = X. 3. OE is an asynchronous input signal. Truth Table IIAddress Counter Control(1,2,6) Address An X X X Previous Address X An An + 1 X Addr Used An An + 1 An + 1 Ao CLK (6) ADS L (4) H H X CNTEN X L(5) H X CNTRST H H H L (4) I/O (3) DI/O (n) DI/O(n+ 1) DI/O(n+ 1) DI/O(0) E xte rnal A d d re s s Use d MODE Co unte r E nab le d -- Inte rnal A d d re s s g e ne ratio n E xte rnal A d d re s s B lo ck e d -- Co unte r d is ab le d (A n + 1 re use d ) Co unte r Re se t to A d d re ss 0 5644 tbl 03 NOTES: 1. "H" = VIH, "L" = VIL, "X" = Don't Care. 2. CE0 and OE = VIL; CE1 and R/W = VIH. 3. Outputs configured in Flow-Through Output mode: if outputs are in Pipelined mode the data out will be delayed by one cycle. 4. ADS and CNTRST are independent of all other signals including CE0 and CE1. 5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0 and CE1. 6. While an external address is being loaded (ADS = VIL), R/W = VIH is recommended to ensure data is not written arbitrarily. 6.42 3 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Recommended Operating Recommended DC Operating (1) Temperature and Supply Voltage Conditions Grade Commercial Industrial Ambient Temperature(2) 0OC to +70OC -40OC to +85OC GND 0V 0V Vcc 5.0V + 10% 5.0V + 10% 5644 tbl 04 Symbol VCC GND VIH VIL Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Min. 4.5 0 2.2 -0.5 (2) Typ. 5.0 0 ____ Max. 5.5 0 6.0 (1) Unit V V V V 5644 tbl 05 NOTES: 1. Industrial temperature: for specific speeds, packages and powers contact your sales office. 2. This is the parameter TA. This is the "instant on" case temperature. ____ 0.8 NOTES: 1. VTERM must not exceed Vcc + 10%. 2. VIL > -1.5V for pulse width less than 10ns. Absolute Maximum Ratings(1) Symbol VTERM (2) Capacitance(1) Unit V Symbol CIN COUT(3) Rating Terminal Voltage with Respect to GND Temperature Under Bias Storage Temperature DC Output Current Commercial & Industrial -0.5 to +7.0 (TA = +25C, f = 1.0MHz) Parameter Input Capacitance Output Capacitance Conditions(2) VIN = 3dV VOUT = 3dV Max. 9 10 Unit pF pF 5644 tbl 07 TBIAS TSTG IOUT -55 to +125 -65 to +150 50 o C C o mA 5644 tbl 06 NOTES: 1. These parameters are determined by device characterization, but are not production tested. 2. 3dV references the interpolated capacitance when the input and output switch from 0V to 3V or from 3V to 0V. 3. COUT also references CI/O. NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%. DC Electrical Characteristics Over the Operating Temperature Supply Voltage Range (VCC = 5.0V 10%) 709179L Symbol |ILI| |ILO| VOL VOH Parameter Input Leakage Current (1) Test Conditions VCC = 5.5V, VIN = 0V to VCC CE0 = VIH or CE1 = VIL, VOUT = 0V to VCC IOL = +4mA IOH = -4mA Min. ___ Max. 5 5 0.4 ___ Unit A A V V 5644 tbl 08 Output Leakage Current Output Low Voltage Output High Voltage ___ ___ 2.4 NOTE: 1. At Vcc < 2.0V input leakages are undefined. 4 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(3) (VCC = 5V 10%) 709179L7 Com'l Only Symbol ICC Parameter Dynamic Operating Current (Both Ports Active) Standby Current (Both Ports - TTL Level Inputs) Standby Current (One Port - TTL Level Inputs) Full Standby Current (Both Ports CMOS Level Inputs) Full Standby Current (One Port CMOS Level Inputs) Test Condition CEL and CER= VIL Outputs Disabled f = fMAX(1) CEL = CER = VIH f = fMAX(1) CE"A" = VIL and CE"B" = VIH (3) Active Port Outputs Disabled, f=fMAX(1) Both Ports CER and CEL > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(2) CE"A" < 0.2V and CE"B" > VCC - 0.2V (5) VIN > VCC - 0.2V or VIN < 0.2V, Active Port Outp uts Disabled , f = fMAX(1) Version COM'L IND COM'L IND COM'L IND COM'L IND COM'L IND L L L L L L L L L L Typ. (4) 275 ____ 709179L9 Com'l & Ind Typ. (4) 250 250 80 80 175 175 0.5 0.5 170 170 Max. 400 430 135 160 275 295 3.0 6.0 270 290 709179L12 Com'l Only Typ. (4) 230 ____ Max. 465 ____ Max. 355 ____ Unit mA ISB1 95 ____ 150 ____ 70 ____ 110 ____ mA ISB2 200 ____ 295 ____ 150 ____ 240 ____ mA ISB3 0.5 ____ 3.0 ____ 0.5 ____ 3.0 ____ mA ISB4 190 ____ 290 ____ 140 ____ 225 ____ mA NOTES: 1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input levels of GND to 3V. 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 4. Vcc = 5V, TA = 25C for Typ, and are not production tested. ICC DC(f=0) = 150mA (Typ). 5. CEX = VIL means CE0X = VIL and CE1X = VIH CEX = VIH means CE0X = VIH or CE1X = VIL CEX < 0.2V means CE0X < 0.2V and CE1X > VCC - 0.2V CEX > VCC - 0.2V means CE0X > VCC - 0.2V or CE1X < 0.2V "X" represents "L" for left port or "R" for right port. 5644 tbl 09 6.42 5 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges AC Test Conditions Input Pulse Levels Input Rise/Fall Times Input Timing Reference Levels Output Reference Levels Output Load GND to 3.0V 3ns Max. 1.5V 1.5V Figures 1,2 and 3 5644 tbl 10 5V 893 DATAOUT 347 30pF DATAOUT 347 5V 893 5pF* 5644 drw 04 5644 drw 05 Figure 1. AC Output Test load. Figure 2. Output Test Load (For tCKLZ, tCKHZ, tOLZ, and tOHZ). *Including scope and jig. 8 7 6 5 tCD1, tCD2 (Typical, ns) 4 3 2 1 0 -1 - 10pF is the I/O capacitance of this device, and 30pF is the AC Test Load Capacitance 20 40 60 80 100 120 140 160 180 200 Capacitance (pF) 5644 drw 06 Figure 3. Typical Output Derating (Lumped Capacitive Load). 6 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges AC Electrical Characteristics Over the Operating Temperature Range (Read and Write Cycle Timing)(3) (VCC = 5V 10%, TA = 0C to +70C) 709179L7 Com'l Only Symbol tCYC1 tCYC2 tCH1 tCL1 tCH2 tCL2 tR tF tSA tHA tSC tHC tSW tHW tSD tHD tSAD tHAD tSCN tHCN tSRST tHRST tOE tOLZ tOHZ tCD1 tCD2 tDC tCKHZ tCKLZ Clock Cycle Time (Flow-Through) Clock Cycle Time (Pipelined) (2) (2) 709179L9 Com'l & Ind Min. 25 15 12 12 6 6 ____ 709179L12 Com'l Only Min. 30 20 12 12 8 8 ____ Parameter Min. 22 12 7.5 7.5 5 5 ____ Max. ____ Max. ____ Max. ____ Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ____ ____ ____ Clock High Time (Flow-Through)(2) Clock Low Time (Flow-Through) Clock High Time (Pipelined) Clock Low Time (Pipelined) Clock Rise Time Clock Fall Time Address Setup Time Address Hold Time Chip Enable Setup Time Chip Enable Hold Time R/W Setup Time R/W Hold Time Input Data Setup Time Input Data Hold Time ADS Setup Time ADS Hold Time CNTEN Setup Time CNTEN Hold Time CNTRST Setup Time CNTRST Hold Time Output Enable to Data Valid Output Enable to Output Low-Z(1) Output Enable to Output High-Z (1) (2) (2) (2) ____ ____ ____ ____ ____ ____ ____ ____ ____ (2) ____ ____ ____ 3 3 ____ 3 3 ____ 3 3 ____ ____ ____ ____ 4 0 4 0 4 0 4 0 4 0 4 0 4 0 ____ 4 1 4 1 4 1 4 1 4 1 4 1 4 1 ____ 4 1 4 1 4 1 4 1 4 1 4 1 4 1 ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ 9 ____ 12 ____ 12 ____ 2 1 ____ 2 1 ____ 2 1 ____ 7 18 7.5 ____ 7 20 9 ____ 7 25 12 ____ Clock to Data Valid (Flow-Through) Clock to Data Valid (Pipelined) (2) ____ ____ ____ Data Output Hold After Clock High Clock High to Output High-Z(1) Clock High to Output Low-Z(1) 2 2 2 2 2 2 2 2 2 9 ____ 9 ____ 9 ____ Port-to-Port Delay tCWDD tCCS Write Port Clock High to Read Data Delay Clock-to-Clock Setup Time ____ 28 10 ____ 35 15 ____ 40 15 ns ns 5644 tbl 11 ____ ____ ____ NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characterization, but is not production tested. 2. The Pipelined output parameters (tCYC2, tCD2) to either the Left or Right ports when FT/PIPE = VIH. Flow-Through parameters (tCYC1, tCD1) apply when FT/PIPE = VIL for that port. 3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE), FT/PIPER and FT/PIPEL. 6.42 7 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Timing Waveform of Read Cycle for .low-Through Output (FT/PIPE"X" = VIL)(3,6) tCYC1 tCH1 CLK CE0 tSC CE1 tHC tSC tHC tCL1 R/W tSW tSA tHW tHA An + 1 tCD1 tDC Qn tCKLZ (1) ADDRESS (5) An An + 2 An + 3 tCKHZ (1) DATAOUT Qn + 1 tOHZ (1) Qn + 2 tOLZ (1) tDC OE (2) tOE 5644 drw 07 Timing Waveform of Read Cycle for Pipelined Operation (FT/PIPE"X" = VIH)(3,6) tCYC2 tCH2 CLK CE0 tSC CE1 tHC tSC (4) tCL2 tHC R/W tSW tSA tHW tHA An + 1 (1 Latency) tCD2 Qn tCKLZ (1) ADDRESS (5) An An + 2 tDC Qn + 1 An + 3 DATAOUT Qn + 2 (1) (6) tOHZ tOLZ (1) OE (2) tOE NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). 2. OE is asynchronously controlled; all other inputs are synchronous to the rising clock edge. 3. ADS = VIL, CNTEN and CNTRST = VIH. 4. The output is disabled (High-Impedance state) by CE0 = VIH or CE1 = VIL following the next rising edge of the clock. Refer to Truth Table 1. 5. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 6. "X" here denotes Left or Right port. The diagram is with respect to that port. 5644 drw 08 8 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Timing Waveform of a Bank Select Pipelined Read(1,2) tCH2 CLK tSA ADDRESS(B1) tSC tHA A0 tHC tSC tCD2 DATAOUT(B1) tSA ADDRESS(B2) tHA A0 A1 A2 A3 A4 A5 A6 Q0 tDC tHC tCD2 tCKHZ Q1 tDC (3) tCYC2 tCL2 A1 A2 A3 A4 A5 A6 CE0(B1) tCD2 Q3 tCKLZ (3) tCKHZ (3) tSC CE0(B2) tSC tHC tHC tCD2 DATAOUT(B2) tCKLZ (3) tCKHZ (3) Q2 tCD2 tCKLZ (3) 5644 drw 09 Q4 Timing Waveform of Write with Port-to-Port .low-Through Read(4,5,7) CLK "A" tSW tHW R/W "A" tSA ADDRESS "A" tHA NO MATCH MATCH tSD DATAIN "A" tHD VALID tCCS CLK "B" (6) tCD1 R/W "B" tSW tSA ADDRESS "B" tHW tHA NO MATCH MATCH tCWDD DATAOUT "B" tDC (6) tCD1 VALID VALID tDC 5644 drw 10 NOTES: 1. B1 Represents Bank #1; B2 Represents Bank #2. Each Bank consists of one IDT709179 for this waveform, and are setup for depth expansion in this example. ADDRESS(B1) = ADDRESS(B2) in this situation. 2. OE and ADS = VIL; CE1(B1), CE1(B2), R/W, CNTEN, and CNTRST = VIH. 3. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). 4. CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH. 5. OE = VIL for the Right Port, which is being read from. OE = VIH for the Left Port, which is being written to. 6. If tCCS < maximum specified, then data from right port READ is not valid until the maximum specified for tCWDD. If tCCS > maximum specified, then data from right port READ is not valid until tCCS + tCD1. tCWDD does not apply in this case. 7. All timing is the same for both Left and Right ports. Port "A" may be either Left or Right port. Port "B" is the opposite from Port "A". 6.42 9 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Timing Waveform of Pipelined Read-to-Write-to-Read (OE = VIL)(3) tCYC2 tCH2 tCL2 CLK CE0 tSC tHC CE1 tSW tHW R/W tSW tHW An + 3 An + 4 ADDRESS (4) An tSA tHA An +1 An + 2 An + 2 tSD tHD Dn + 2 DATAIN (2) tCD2 Qn READ tCKHZ (1) tCKLZ (1) tCD2 Qn + 3 DATAOUT NOP (5) WRITE READ 5644 drw 11 Timing Waveforn of Pipelined Read-to-Write-to-Read (OE Controlled)(3) tCH2 CLK CE0 tSC tHC CE1 tSW tHW R/W tSW tHW An + 4 tCYC2 tCL2 ADDRESS (4) An tSA tHA An +1 An + 2 tSD tHD An + 3 An + 5 DATAIN (2) tCD2 Qn tOHZ(1) Dn + 2 Dn + 3 tCKLZ(1) tCD2 Qn + 4 DATAOUT OE READ WRITE READ 5644 drw 12 NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). 2. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals. 3. CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH. "NOP" is "No Operation". 4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 5. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity. 10 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Timing Waveform of .low-Through Read-to-Write-to-Read (OE = VIL)(3) tCH1 CLK tCYC1 tCL1 CE0 tSC tHC CE1 tSW tHW R/W tSW tHW ADDRESS (4) tSA DATAIN (2) An tHA An +1 An + 2 An + 2 tSD tHD Dn + 2 An + 3 An + 4 tCD1 Qn tDC READ tCD1 Qn + 1 tCKHZ (5) NOP (1) tCD1 Qn + 3 tCKLZ WRITE (1) tCD1 DATAOUT tDC READ 5644 drw 13 Timing Waveform of .low-Through Read-to-Write-to-Read (OE Controlled)(3) tCYC1 tCH1 tCL1 CLK CE0 tSC tHC CE1 tSW tHW R/W ADDRESS (4) tSW tHW An tHA An +1 An + 2 tSD tHD Dn + 2 (2) An + 3 An + 4 An + 5 tSA DATAIN Dn + 3 tCD1 Qn tDC tOE tCD1 (1) tCD1 Qn + 4 tDC DATAOUT tOHZ(1) OE READ WRITE tCKLZ READ 5644 drw 14 NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). 2. Output state (High, Low, or High-impedance is determined by the previous cycle control signals. 3. CE0 and ADS = VIL; CE1, CNTEN, and CNTRST = VIH. "NOP" is "No Operation". 4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 5. "NOP" is "No Operation." Data in memory at the selected address may be corrupted and should be re-written to guarantee data integrity. 6.42 11 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Timing Waveform of Pipelined Read with Address Counter Advance(1) tCH2 CLK tSA ADDRESS tHA tCYC2 tCL2 An tSAD tHAD ADS tSAD tHAD CNTEN tCD2 DATAOUT Qx - 1(2) Qx tDC READ EXTERNAL ADDRESS READ WITH COUNTER Qn tSCN tHCN Qn + 1 Qn + 2(2) Qn + 3 COUNTER HOLD READ WITH COUNTER 5644 drw 15 Timing Waveform of .low-Through Read with Address Counter Advance(1) tCH1 CLK tSA ADDRESS tHA tCYC1 tCL1 An tSAD tHAD ADS tSAD tHAD tSCN tHCN CNTEN tCD1 DATAOUT Qx(2) tDC READ EXTERNAL ADDRESS READ WITH COUNTER COUNTER HOLD READ WITH COUNTER 5644 drw 16 Qn Qn + 1 Qn + 2 Qn + 3(2) Qn + 4 NOTES: 1. CE0 and OE = VIL; CE1, R/W, and CNTRST = VIH. 2. If there is no address change via ADS = VIL (loading a new address) or CNTEN = VIL (advancing the address), i.e. ADS = VIH and CNTEN = VIH, then the data output remains constant for subsequent clocks. 12 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Timing Waveform of Write with Address Counter Advance (.low-Through or Pipelined Outputs)(1) tCH2 CLK tSA ADDRESS tHA An tCYC2 tCL2 INTERNAL(3) ADDRESS tSAD tHAD ADS An(7) An + 1 An + 2 An + 3 An + 4 CNTEN tSD tHD DATAIN Dn WRITE EXTERNAL ADDRESS Dn + 1 Dn + 1 Dn + 2 Dn + 3 Dn + 4 WRITE WRITE WITH COUNTER COUNTER HOLD WRITE WITH COUNTER 5644 drw 17 Timing Waveform of Counter Reset (Pipelined Outputs)(2) tCH2 CLK tSA tHA ADDRESS(4) INTERNAL(3) ADDRESS Ax(6) tSW tHW R/W ADS CNTEN tSRST tHRST CNTRST DATAIN DATAOUT(5) COUNTER(6) RESET WRITE ADDRESS 0 READ ADDRESS 0 READ ADDRESS 1 tSD tHD D0 Q0 READ ADDRESS n Q1 READ ADDRESS n+1 5644 drw 18 tCYC2 tCL2 An An + 1 An + 2 0 1 An An + 1 Qn . NOTES: 1. CE0 and R/W = VIL; CE1 and CNTRST = VIH. 2. CE0 = VIL; CE1 = VIH. 3. The "Internal Address" is equal to the "External Address" when ADS = VIL and equals the counter output when ADS = VIH. 4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers are for reference use only. 5. Output state (High, Low, or High-impedance) is determined by the previous cycle control signals. 6. No dead cycle exists during counter reset. A READ or WRITE cycle may be coincidental with the counter reset cycle. 7. CNTEN = VIL advances Internal Address from `An' to `An +1'. The transition shown indicates the time required for the counter to advance. The `An +1' Address is written to during this cycle. 6.42 13 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges A .unctional Description The IDT709179 provides a true synchronous Dual-Port Static RAM interface. Registered inputs provide minimal set-up and hold times on address, data, and all critical control inputs. All internal registers are clocked on the rising edge of the clock signal, however, the self-timed internal write pulse is independent of the LOW to HIGH transition of the clock signal. An asynchronous output enable is provided to ease asynchronous bus interfacing. Counter enable inputs are also provided to stall the operation of the address counters for fast interleaved memory applications. CE0 = VIH or CE1 = VIL for one clock cycle will power down the internal circuitry to reduce static power consumption. Multiple chip enables allow easier banking of multiple IDT709179's for depth expansion configurations. When the Pipelined output mode is enabled, two cycles are required with CE0 = VIL and CE1 = VIH to re-activate the outputs. Depth and Width Expansion The IDT709179 features dual chip enables (refer to Truth Table I) in order to facilitate rapid and simple depth expansion with no requirements for external logic. Figure 4 illustrates how to control the various chip enables in order to expand two devices in depth. The IDT709179 can also be used in applications requiring expanded width, as indicated in Figure 4. Since the banks are allocated at the discretion of the user, the external controller can be set up to drive the input signals for the various devices as required to allow for 18-bit or wider applications. A15 IDT709179 CE0 CE1 VCC IDT709179 CE0 CE1 VCC Control Inputs Control Inputs IDT709179 CE1 CE0 IDT709179 CE1 CE0 CNTRST CLK ADS CNTEN R/W OE Control Inputs Control Inputs 5644 drw 19 Figure 4. Depth and Width Expansion with IDT709179 14 6.42 IDT709179L High-Speed 32K x 9 Synchronous Pipelined Dual-Port Static RAM Preliminary Industrial and Commercial Temperature Ranges Ordering Information IDT XXXXX Device Type A Power 99 Speed A Package A Process/ Temperature Range Blank I Commercial (0C to +70C) Industrial (-40C to +85C) PF 100-pin TQFP (PN100-1) 7 9 12 L Commercial Only Commercial & Industrial Commercial Only Low Power Speed in nanoseconds 709179 288K (32K x 9-Bit) Synchronous Dual-Port RAM 5644 drw 20 Datasheet Document History 08/1/01: Initial Data Sheet CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com 6.42 15 for Tech Support: 831-754-4613 DualPortHelp@idt.com The IDT logo is a registered trademark of Integrated Device Technology, Inc. |
Price & Availability of 709179L12PF |