Part Number Hot Search : 
NTXV1 MX25L S1C33S01 KSA2690 PT12310 39054 ON2246 1N3062
Product Description
Full Text Search
 

To Download 591D686X004C2T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 591D
Vishay Sprague
Solid Tantalum Chip Capacitors TANTAMOUNT(R), Low Profile, Low ESR, Conformal Coated, Maximum CV
FEATURES
* * * * * New case size offerings. 1.2mm to 2mm height Terminations: Lead (Pb)-free (2) standard. Very low ESR 8mm, 12mm tape and reel packaging available per EIA481-1 and reeling per IEC 286-3. 7" [178mm] standard. 13" [330mm] available. * Footprint compatible with EIA 535BAAC and CECC 30801 molded chips.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55C to + 85C. (To + 125C with voltage derating.) Capacitance Range: 1F to 1000F
Capacitance Tolerance: 10%, 20% standard. Voltage Rating: 4WVDC to 10WVDC, (16WVDC, 20WVDC, and 25WVDC under development)
W CASE CODE See Ratings and Case Codes Table. 2 TERMINATION 2 = 100% Tin. T REEL SIZE AND PACKAGING T = Tape and Reel 7" [178mm] Reel W = 13" [330mm] Reel
ORDERING INFORMATION
591D TYPE 477 CAPACITANCE X0 CAPACITANCE TOLERANCE X0 = 20% X9 = 10% 6R3 DC VOLTAGE RATING @ + 85C This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an "R" (6R3 = 6.3 volts).
This is expressed in picofarads. The first two digits are the significant figures. The third is the number of zeros to follow.
Note: Preferred Tolerance and reel sizes are in bold. We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. Voltage substitutions will be marked with the higher voltage rating
DIMENSIONS in inches [millimeters]
W
Note: U, V and W are similar to C, D and R footprint (592D) with a 2mm height Tantalum Wire Nib Identifies Anode (+) Terminal
L B D A
J
J
H
L (MAX.) W H A 0.147 0.072 0.012 0.047 0.012 0.031 0.012 [3.7] [1.8 0.3] [1.2 0.3] [0.80 0.30] B 0.159 0.110 + 0.012 - 0.016 0.047 0.012 0.031 0.012 [4.0] [2.8 + 0.3 - 0.4] [1.2 0.3] [0.80 0.30] C 0.282 0.126 0.012 0.047 0.012 0.051 0.012 [7.1] [3.2 0.3] [1.2 0.3] [1.3 0.3] D 0.298 0.170 0.012 0.047 0.012 0.051 0.012 [7.5] [4.3 0.3] [1.2 0.3] [1.3 0.3] R 0.286 0.235 0.012 0.047 0.012 0.051 0.012 [7.2] [6.0 0.3] [1.2 0.3] [1.3 0.3] U 0.282 0.126 0.012 0.079 0.051 0.012 [7.1] [3.2 0.3] [2.0] Max. [1.3 0.3] V 0.298 0.170 0.012 0.079 0.051 0.012 [7.5] [4.3 0.3] [2.0] Max. [1.3 0.3] W 0.286 0.235 0.012 0.079 0.051 0.012 [7.2] [6.0 0.3] [2.0] Max. [1.3 0.3] Note: The anode termination (D less B) will be a minimum of .012" [0.3mm]. Document Number 40012 Revision 22-Nov-04
CASE CODE A
B 0.085 0.016 [2.2 0.4] 0.097 0.016 [2.5 0.4] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6] 0.180 0.024 [4.6 0.6]
D (REF.) 0.115 [2.9] 0.127 [3.2] 0.238 [6.0] 0.254 [6.4] 0.246 [6.2] 0.238 [6.0] 0.254 [6.4] 0.246 [6.2]
J (MAX.) 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1] 0.004 [0.1]
For technical questions, contact tantalum@vishay.com
www.vishay.com 89
591D
Vishay Sprague
RATINGS AND CASE CODES
F
STD 1 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 4V EXT 6.3 V STD EXT STD 10 V EXT STD 16 V EXT STD 20 V EXT STD B C C D R U* 25 V EXT A B C D R V* V* R STD B C D R R 35 V EXT A B C D R
B B B C D R U V W A B C D C/R D U U/V V/W W C D R D/R U V W A A/B B C D C D/R R/U U/V U/V/W W C D R R U V
A B C D C/D D U V/W W
C D D R U V V W*
A A B C C/D R U
B C D R R/V* V*
A B B C D/U* R
STANDARD / EXTENDED RATINGS
Max. DF Max. ESR Max. RIPPLE Max. DCL @ + 25C @ + 25C 100kHz CASE @ + 25C 120 Hz 100kHz Irms CAPACITANCE CODE PART NUMBER* (A) (%) (Ohms) (Amps) (F) 4 WVDC @ + 85C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125C, SURGE = 3.4 V 22 A 591D226X_004A2T 0.9 6 1.200 0.22 22 B 591D226X_004B2T 0.9 6 0.800 0.32 47 B 591D476X_004B2T 1.9 6 0.800 0.33 47 C 591D476X_004C2T 1.9 6 0.200 0.74 68 C 591D686X_004C2T 2.7 6 0.180 0.78 68 D 591 D686X_004D2T 2.7 6 0.140 1.04 100 D 591D107X_004D2T 4.0 8 0.130 1.07 100 R 591D107X_004R2T 4.0 8 0.110 1.22 150 C 591D157X_004C2T 6.0 8 0.150 0.86 150 R 591D157X_004R2T 6.0 8 0.100 1.28 220 D 591D227X_004D2T 8.8 8 0.100 1.22 220 U 591D227X_004U2T 8.8 8 0.075 1.21 330 V 591D337X_004V2T 13.2 8 0.060 1.53 330 U 591D337X_004U2T 13.2 8 0.070 1.25 470 W 591D477X_004W2T 18.8 8 0.045 1.97 470 U 591D477X_004U2T 18.8 10 0.07 1.25 470 V 591D477X_004V2T 18.8 10 0.060 1.52 680 V 591D687X_004V2T 27.2 12 0.085 1.28 680 W 591D687X_004W2T 27.2 12 0.045 1.97 1000 W 591D108X_004W2T 40.0 14 0.050 1.67 6.3 WVDC @ + 85C, SURGE = 8 V . . . 4 WVDC @ + 125C, SURGE = 5 V 15 A 591D156X_6R3A2T 0.9 6 1.300 0.24 15 B 591D156X_6R3B2T 0.9 6 0.800 0.32 22 A 591D226X_6R3A2T13H** 1.4 6 0.800 0.20 22 B 591D226X_6R3B2T 1.4 6 0.800 0.32 33 B 591D336X_6R3B2T 2.1 6 0.800 0.32 33 C 591D336X_6R3C2T 2.1 6 0.200 0.74 47 C 591D476X_6R3C2T 3.0 6 0.200 0.74 47 D 591D476X_6R3D2T 3.0 6 0.140 1.04 68 D 591D686X_6R3D2T 4.0 6 0.130 1.07 68 R 591D686X_6R3R2T 4.0 6 0.110 1.22 100 B 591D107X_6R3B2T15H** 6.0 8 0.5 0.41 100 C 591D107X_6R3C2T 6.0 8 0.19 0.76 100 D 591D107X_6R3D2T 6.0 8 0.13 1.07 100 R 591D107X_6R3R2T 6.0 8 0.100 1.28 150 D 591D157X_6R3D2T 9.5 8 0.12 0.88 150 R 591D157X_6R3R2T 9.5 8 0.14 1.08 150 U 591D157X_6R3U2T 9.5 8 0.080 1.17 220 R 591D227X_6R3R2T 13.9 8 0.15 1.05 220 V 591D227X_6R3V2T 13.9 8 0.065 1.47 220 U 591D227X_6R3U2T 13.9 8 0.075 1.21 330 W 591D337X_6R3W2T 20.8 8 0.045 1.97 330 V 591D337X_6R3V2T 20.8 8 0.060 1.52 330 U 591D337X_6R3U2T 20.8 8 0.07 1.25 470 U 591D477X_6R3U2T 29.6 10 0.060 1.35 470 W 591D477X_6R3W2T 29.6 10 0.045 1.97 470 V 591D477X_6R3V2T 29.6 10 0.085 1.28 680 W 591D687X_6R3W2T 42.8 10 0.060 1.87 ** xyH indicates maximum height in (mm), i.e., 1.5mm max. (H) = 15Hmm * Preliminary values contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended ratings are in bold print. www.vishay.com 90 For technical questions, contact tantalum@vishay.com Document Number 40012 Revision 22-Nov-04
591D
Vishay Sprague
STANDARD / EXTENDED RATINGS
CAPACITANCE (F) 10 10 22 22 33 33 47 47 68 68 68 100 100 150 150 220 220 330 330 4.7 6.8 10 10 15 22 22 33 33 33 47 47 68 68 100 150* 4.7 4.7 6.8 6.8 10 10 15 15 22 22 22* 22* 33 33* CASE CODE Max. DCL @ + 25C (A) Max. DF @ + 25C 120 Hz (%) Max. ESR @ + 25C 100kHz (Ohms) Max. RIPPLE 100kHz Irms (Amps) 0.24 0.31 0.32 0.74 0.74 1.04 1.04 1.17 0.76 1.15 1.22 1.07 1.13 1.37 1.17 1.78 1.47 1.87 1.87 0.19 0.19 0.32 0.45 0.77 0.67 0.91 0.66 0.94 1.08 1.12 0.78 1.32 1.05 1.37 1.71* 0.18 0.22 0.22 0.52 0.23 0.75 0.60 0.91 0.87 1.09 0.90* 0.54* 1.08 0.73*
PART NUMBER**
10 WVDC @ + 85C, SURGE = 13 V . . . 7 WVDC @ + 125C, SURGE = 8 V A 591D106X_010A2T 1.0 6 1.300 B 591D106X_010B2T 1.0 6 0.850 B 591D226X_010B2T 2.2 6 0.800 C 591D226X_010C2T 2.2 6 0.200 C 591D336X_010C2T 3.3 6 0.200 D 591D336X_010D2T 3.3 6 0.140 D 591D476X_010D2T 4.7 6 0.140 R 591D476X_010R2T 4.7 6 0.120 C 591D686X_010C2T 6.8 6 0.190 D 591D686X_010D2T 6.8 6 0.130 R 591D686X_010R2T 6.8 6 0.110 D 591D107X_010D2T 10.0 8 0.130 U 591D107X_010U2T 10.0 8 0.085 V 591D157X_010V2T 15.0 8 0.075 U 591D157X_010U2T 15.0 8 0.080 W 591D227X_010W2T 22.0 8 0.055 V 591D227X_010V2T 22.0 8 0.065 W 591D337X_010W2T 33.0 8 0.050 W 591D337X_010W2T007** 33.0 8 0.050 16 WVDC @ + 85C, SURGE = 20 V . . . 10 WVDC @ + 125C, SURGE = 12 V A 591D475X_016A2T 0.8 6 1.750 A 591D685X_016A2T 1.1 6 1.750 B 591D106X_016B2T 1.6 6 0.800 C 5910106X_016C2T 1.6 6 0.500 D 591D156X_016D2T 2.4 6 0.250 C 591D226X_016C2T 3.5 6 0.240 D 591D226X_016D2T 3.5 6 0.180 C 591D336X_016C2T 5.3 6 0.250 D 591D336X_016D2T 5.3 6 0.170 R 591D336X_016R2T 5.3 6 0.140 R 591D476X_016R2T 7.5 6 0.130 U 591D476X_016U2T 7.5 6 0.180 V 591D686X_016V2T 10.9 6 0.080 U 591D686X_016U2T 10.9 6 0.100 V 591D107X_016V2T 16.0 8 0.075 W* 591D157X_016W2T* 24.0* 8* 0.060* 20 WVDC @ + 85C, SURGE = 26 V . . . 13 WVDC @ + 125C, SURGE = 16 V A B B C B D C R D R V* U* R V* 591D475X_020A2T 591D475X_020B2T 591D685X_020B2T 591D685X_020C2T 591D106X_020B2T 591D106X_020D2T 591D156X_020C2T 591D156X_020R2T 591D226X_020D2T 591D226X_020R2T 591D226X_020V2T* 591D226X_020U2T* 591D336X_020R2T 591D336X_020V2T* 0.9 0.9 1.4 1.4 2.0 2.0 3.0 3.0 4.4 4.4 4.4* 4.4* 6.6 6.6* 6 6 6 6 6 6 6 6 6 6 6* 6* 6 6* 1.900 1.600 1.600 0.400 1.500 0.270 0.300 0.180 0.200 0.140 0.150* 0.375* 0.140 0.200*
* Preliminary values contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended ratings are in bold print. ** Denotes 1.8mm maximum height.
Document Number 40012 Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 91
591D
Vishay Sprague
STANDARD / EXTENDED RATINGS
CAPACITANCE (F) CASE CODE Max. DCL @ + 25C (A) Max. DF @ + 25C 120 Hz (%) Max. ESR @ + 25C 100kHz (Ohms) Max. RIPPLE 100kHz Irms (Amps)
PART NUMBER**
25 WVDC @ + 85C, SURGE = 33 V . . . 17 WVDC @ + 125C, SURGE = 20 V 2.2 A 591D225X_025A2T 0.6 6 5.000 0.11 2.2 B 591D225X_025B2T 0.6 6 3.800 0.15 3.3 B 591D335X_025B2T 0.8 6 3.700 0.15 3.3 C 591D335X_025C2T 0.8 6 1.000 0.32 4.7 C 591 D475X_025C2T 1.2 6 0.800 0.37 6.8 C 591D685X_025C2T 1.7 6 0.750 0.38 6.8 D 591D685X_025D2T 1.7 6 0.650 0.48 10 D 591D106X_025D2T 2.5 6 0.600 0.50 10 R 591D106X_025R2T 2.5 6 0.240 0.83 15 R 591D156X_025R2T 3.8 6 0.200 0.91 15* U* 591D156X_025U2T* 3.8* 6* 0.250* 0.66* 22* V* 591D226X_025V2T* 5.5* 6* 0.200* 0.84* 33* V* 591D336X_025V2T* 6.0* 6* 0.200* 0.84* 68 R 591D686X_025R2T20H** 17 8 35 WVDC @ + 85C, SURGE = 46 V . . . 23 WVDC @ + 125C, SURGE = 28 V 1 A 591D105X_035A2T 0.5 4 5.000 0.11 1 B 591D105X_035B2T 0.5 4 4.400 0.13 2.2 B 591D225X_035B2T 0.8 6 4.000 0.14 2.2 C 591D225X_035C2T 0.8 6 2.000 0.22 3.3 B 591D335X_035B2T 1.2 6 3.500 0.15 3.3 C 591D335X_035C2T 1.2 6 1.900 0.23 3.3 D 591D335X_035D2T 1.2 6 1.500 0.32 4.7 R 591 D475X_035R2T 1.6 6 0.750 0.47 6.8 D 591D685X_035D2T 2.4 6 0.950 0.40 6.8 R 591D685X_035R2T 2.4 6 0.750 0.47 10 R 591D106X_035R2T 3.5 6 0.600 0.52 * Preliminary values contact factory for availability. For 10% tolerance, specify "9"; for 20% tolerance, change to "0". Extended ratings are in bold print. ** XYH indicates maximum height in (mm) ie. 2.0mm max. (H) = 20Hmm
TYPICAL CURVES OF ESR - AS A FUNCTION OF FREQUENCY
591D 150 - 10V U CASE ESR/IMPEDANCE VS FREQUENCY 10.00 IMPEDANCE 1.00 ESR 1.00 10.00 IMPEDANCE ESR 591D 330 - 6.3V V CASE ESR/IMPEDANCE VS FREQUENCY
OHMS
0.10
OHMS
1kHz 10kHz 100kHz FREQUENCY IN HERTZ 10.00 1MHz 10MHz
0.10
0.01
0.01
0.00 100
0.00 100
1kHz
10kHz 100kHz 1MHz FREQUENCY IN HERTZ
10MHz
591D 470 - 6.3V W CASE ESR/IMPEDANCE VS FREQUENCY IMPEDANCE ESR
1.00
OHMS
0.10
0.01 100
1kHz
10kHz 100kHz FREQUENCY IN HERTZ
1MHz
10MHz
www.vishay.com 92
For technical questions, contact tantalum@vishay.com
Document Number 40012 Revision 22-Nov-04
591D
Vishay Sprague
TYPICAL CURVES @ + 25C, IMPEDANCE AND ESR VS FREQUENCY
"A" Case "B" Case
1000
IMPEDANCE ESR
1000
IMPEDANCE ESR
OHMS
1F, 35 VDC 10 15F, 6.3 VDC 1 0.1 100 1K 10K 100K 1M 10M
OHMS
100
100 4.7F, 20 V 10
1 10F, 10 V 0.1 100 1K 10K 100K 1M 10M
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
"C" Case
1000 100 IMPEDANCE 100 ESR 10
"D" Case
IMPEDANCE ESR
OHMS
10 4.7F, 25 V 1 33F, 6.3 V 0.1 100 1K 10K 100K 1M 10M
OHMS
1
6.8F, 25 V
0.1 47F, 6.3 V 0.01 100 1K 10K 100K 1M 10M
FREQUENCY IN HERTZ
FREQUENCY IN HERTZ
"R" Case
100 IMPEDANCE 10 ESR
OHMS
1 10F, 25 V 0.1 100F, 6.3 V 0.01 100 1K 10K 100K 1M 10M FREQUENCY IN HERTZ
Document Number 40012 Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 93
591D
Vishay Sprague
PERFORMANCE CHARACTERISTICS
1. 1.1 Operating Temperature: Capacitors are designed to operate over the temperature range - 55C to + 85C. Capacitors may be operated to + 125C with voltage derating to two-thirds the + 85C rating.
+ 85C Rating Working Voltage (V) 4 6.3 10 16 20 25 Surge Voltage (V) 5.2 8 13 20 26 32 + 125C Rating Working Voltage (V) 2.7 4 7 10 13 17 Surge Voltage (V) 3.4 5 8 12 16 20 - 55C - 10% + 85C + 10% + 125C + 12%
6.
Dissipatior Factor: The dissipatior factor, determined from the expression 2RC, shall not exceed values listed in the Standard Ratings Table. Measurements shall be made by the bridge method at, or referred to, a frequency of 120Hz and a temperature of + 25C. Leakage Current: Capacitors shall be stabilized at the rated temperature for 30 minutes. Rated voltage shall be be applied to capacitors for 5 minutes using a steady source of power (such as a regulated power supply) with 1000 ohm resistor connected in series with the capacitor under test to limit the charging current. Leakage current shall not then be measured. Note that the leakage current varies with temperature and applied voltage. See graph below for the appropriate adjustment factor
6.1
7.
2.
DC Working Voltage: The DC working voltage is the maximum operating voltage for continuous duty at the rated temperature. Surge Voltage: The surge DC rating is the maximum voltage to which the capacitors may be subjected under any conditions, including transients and peak ripple at the highest line voltage. Surge Voltage Test: Capacitors shall withstand the surge voltage applied in series with a 33 ohm 5% resistor at the rate of one-half minute on, one-half minute off, at + 85C, for 1000 successive test cycles. Following the surge voltage test, the dissipation factor and the leakage current shall meet the initial requirements; the capacitance shall not have changed more than 10%. Capacitance Tolerance: The capacitance of all capacitors shall be within the specified tolerance limits of the normal rating. Capacitance measurements shall be made by means of polarized capacitance bridge. The polarizing voltage shall be of such magnitude that there shall be no reversal of polarity due to the AC component. The maximum voltage applied to capacitors during measurement shall be 2 volts rms at 120 Hz at +25C. If the AC voltage applied is less than one-half volt rms, no DC bias is required. Accuracy of the bridge shall be within 2%. Capacitance Change With Temperature: The capacitance change with temperature shall not exceed the following percentage of the capacitance measured at + 25C:
3.
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
3.1
+ 125C + 85C 10 + 55C
3.2
+ 25C
Leakage Current Factor
1.0 0C
4.
4.1
0.1 - 55C
0.01
5.
0.001 0 10 20 30 40 50 60 70 80 90 100 Percent of Rated Voltage
www.vishay.com 94
For technical questions, contact tantalum@vishay.com
Document Number 40012 Revision 22-Nov-04
591D
Vishay Sprague
PERFORMANCE CHARACTERISTICS (Continued)
7.1 7.2 7.3 At + 25C, the leakage current shall not exceed the value listed in the Standard Ratings Table. At + 85C, the leakage current shall not exceed 10 times the value listed in the Standard Ratings Table. At + 125C, the leakage current shall not exceed 12 times the value listed in the Standard Ratings Table. Equivalent Series Resistance: Measurements shall be made by the bridge method at, or referred to, a frequency of 100 KHz and a temperature of + 25C. The Equivalent Series Resistance shall not exceed the value listed in the Standard Ratings Table. Life Test: Capacitors shall withstand rated DC voltage applied at + 85C for 2000 hours or derated DC voltage applied at + 125C for 1000 hours. Following the life test, the dissipation factor and leakage shall meet the initial requirement; the capacitance change shall not exceed 10% of the initial value. Humidity Test: Capacitors shall withstand 1000 hours at + 40C, 90% to 95% relative humidity, with no voltage applied Following the humidity test, capacitance change shall not exceed 10% of the initial value, dissipation factor shall not exceed 150% of the initial requirement; leakage currrent shall not exceed 200% of the initial requirement at + 25C Solderability: Capacitors will meet the solderability requirements of ANSI/J-STD-002, test B category 1. 12. 12.1 Resistance to Soldering Heat: Capacitors mounted on a substrate will withstand + 260C for 5 seconds. Following the resistance to soldering heat test, capacitance, dissipation factor and DC leakage current shall meet the initial requirement. Marking: The small body area of these capacitors does not allow elaborate marking schemes. All required information is present on the carton or package in which the parts are shipped; in addition, part number, quantity and data code are indicated on the reels. Terminal Strength: Per IEC-384-3, minimum of 5N shear force. Environmental: Mercury, CFC and ODS materials are not used in the manufacture of these capacitors. Flammability: Encapsulant materials meet UL94 V0 Capacitor Failure Mode: The predominant failure mode for solid tantalum capacitors is increased leakage current resulting in a shorted circuit. Capacitor failure may result from excess forward or reverse DC voltage, surge current, ripple current, thermal shock or excessive temperature. The increase in leakage is caused by a breakdown of the Ta2O5 dielectric. For additional information on leakage failure of solid tantalum chip capacitors, refer to Vishay Sprague Technical Paper, "Leakage Failure Mode in Solid Tantalum Chip Capacitors."
13.
8.
8.1 9.
14. 15. 16. 17.
9.1
10
10.1
11.
GUIDE TO APPLICATION
1.0 Recommended rated working voltage guidelines: (-55C to + 85C)
Application Voltage (V) 2.5 4 5 6 10 12 18 Recommended Capacitor Voltage Rating (V) 4 6.3 8 10 16 20 25
P = Power Dissipation in Watts @ + 25C as given in the table in Paragraph Number 6.0 (Power Dissipation) RESR = The capacitor Equivalent Series Resistance at the specified frequency. 3. A-C Ripple Voltage: The maximum allowable ripple voltage shall be determined from the formula: Vrms = Z or, from the formula: Vrms = Irms x Z P RESR
where, 2. A-C Ripple Current: The maximum allowable ripple current shall be determined from the formula: P RESR Irms = where,
P = Power Dissipation in Watts @ + 25C as given in the table in Paragraph Number 6.0 (Power Dissipation). RESR = The capacitor Equivalent Series Resistance at the specified frequency.
Document Number 40012 Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 95
591D
Vishay Sprague
GUIDE TO APPLICATION
4.0
TEMPERATURE DEG. CENTIGRADE
Reverse Voltage: These capacitors are capable of withstanding peak voltages in the reverse direction equal to 10% of the DC rating or 1 volt maximum at + 25C and 5% of the DC voltage rating or 0.5 volt maximum at + 85C. Temperature Derating: If these capacitors are to be operated at temperatures above + 25C, the permissible rms ripple current or voltage shall be calculated using the derating factors as shown:
Temperature + 25C + 85C + 125C Derating Factor 1.0 0.9 0.4
RECOMMENDED REFLOW SOLDERING PROFILE
250 200 150 100 50
5.0
0
50
100
150
200
250
300
350
TIME (SECONDS)
7.1
5.
Power Dissipation: Power dissipation will be affected by the heat sinking capability of the mounting surface. Non-sinusoidal ripple current may produce heating effects which differ from those shown. It is important that the equivalent Irms value be established when calculating permissible operating levels. (Power dissipation calculated using + 25C temperature rise.)
Case Code A B C D R U V W Maximum Permissible Power Dissipation @ + 25C (Watts) in free air 0.075 0.085 0.110 0.150 0.165 0.110 0.140 0.175
Recommended Mounting Pad Geometries: The nib must have sufficient clearance to avoid electrical contact with other components. The width dimension indicated is the same as the maximum width of the capacitor. This is to minimize lateral movement.
REFLOW SOLDER PADS* in inches [millimeters]
B
C
B
A
CASE CODE A B C D R U V W
6.
Printed Circuit Board Materials: The capacitors are compatible with most commonly used printed circuit board materials (alumina substrates, FR4, FR5, G10, PTFE-fluorocarbon and porcelanized steel). If your desired board material is not shown there please contact the Tantalum Marketing Department for assistance in determining compatibility. Attachment: Solder Paste: The recommended thickness of the solder paste after application is 0.007" 0.001" [0.178mm 0.025mm]. Care should be exercised in selecting the solder paste. The metal purity should be as high as practical. The flux (in the paste) must be active enough to remove the oxides formed on the metallization prior to the exposure to soldering heat. Soldering: Capacitors can be attached by conventional soldering techniques - convection, infrared reflow, wave soldering and hot plate methods. The Soldering Profile chart shows typical recomended time/temperature conditions for soldering. Attachment with a soldering iron is not recommended due to the difficulty of controlling temperature and time at temperature. The soldering iron must never come in contact with the capacitor. 8.
7. 7.1
WIDTH (A) 0.083 [2.1] 0.138 [3.5] 0.138 [3.5] 0.180 [4.6] 0.322 [8.1] 0.138 [3.5] 0.180 [4.6] 0.327 [8.3]
PAD METALIZATION 0.067 [1.7] 0.067 [1.7] 0.090 [2.3] 0.090 [2.3] 0.090 [2.3] 0.090 [2.3] 0.090 [2.3] 0.090 [2.3]
SEPARATION (C) 0.050 [1.3] 0 .067 [1.7] 0.127 [3.1] 0.145 [3.7] 0.145 [3.7] 0.122 [3.1] 0.145 [3.7] 0.145 [3.7]
* Pads for B, C and D case codes are otherwise pad compatible with * Type 293D, B, C and D case codes respectively.
7.2
Cleaning (Flux Removal) After Soldering: The capacitors are compatible with all commonly used solvents such as TES, TMS, Prelete, Chlorethane, Terpene and aqueous cleaning media. Solvents containing methylene chloride or other epoxy solvents should be avoided since these will attack the epoxy encapsulation material.
Document Number 40012 Revision 22-Nov-04
www.vishay.com 96
For technical questions, contact tantalum@vishay.com
591D
Vishay Sprague
TAPE AND REEL PACKAGING
Top Cover Tape Thickness
Carrier Standard orientation is with the cathode (-) nearest to the sprocket holes per EIA-481-1 and IEC 286-3. Embossment
R Min.
Bending Radius (Note 2)
Units Per Reel Case Code A B C D R U V W Tape Width 8mm 12mm 12mm 12mm 12mm 12mm 12mm 12mm Component Pitch 4mm 4mm 8mm 8mm 8mm 8mm 8mm 8mm 7" [178] Reel 2500 2000 1000 1000 1000 1000 1000 1000 13" [330] Reel 10,000 8000 4000 4000 4000 4000 4000 2500
Document Number 40012 Revision 22-Nov-04
For technical questions, contact tantalum@vishay.com
www.vishay.com 97
591D
Vishay Sprague
TAPE AND REEL PACKAGING in inches [millimeters]
Please Note: Metric dimensions will govern. Dimensions in inches are rounded and for reference only.
T2 Max. .024 [0.600] Max. .157 .004 [4.0 0.10] Deformation Between .059 + .004 - 0.0 Embossments [1.5 + 0.10 - 0.0] 10 Pitches Cumulative Tolerance on Tape
0.008 [0.200]
.079 .002 [2.0 0.05]
Embossment .069 .004 [1.75 0.10]
Top Cover Tape
A0
.030 [0.75] Min. (Note 3) B0
20 F W Maximum Component Rotation (Side or Front Sectional View)
B1 Max. (Note 6)
K0 Top Cover Tape
.030 [0.75] Min. (Note 4)
For Tape Feeder Reference only .004 [0.10] Max. including draft. Concentric around B0 (Note 5)
Center Lines of Cavity
P1 D1 Min. For Components .079 x .047 [2.0 x 1.2] and Larger. (Note 5) Maximum Cavity Size (Note 1)
USER DIRECTION OF FEED
Cathode (-)
Anode (+)
DIRECTION OF FEED
20 Maximum Component Rotation Typical Component Cavity Center Line Typical Component Center Line 3.937 [100.0] .039 [1.0] Max. Tape .039 [1.0] Max. 9.843 [250.0] Camber (Top View) Allowable Camber to be .039/3.937 [1/100] Non-Cumulative Over 9.843 [250.0]
B0
Tape and Reel Specifications: All case sizes are available on plastic embossed tape per EIA-481-1. Tape reeling per IEC 286-3 is also available. Standard reel diameter is 7" [178mm]. 13" [330mm] reels are available and recommended as the most cost effective packaging method. The most efficient packaging quantities are full reel increments on a given reel diameter. The quantities shown allow for the sealed empty pockets required to be in conformance with EIA-481-1. Reel size and packaging orientation must be specified in the Vishay Sprague part number. R (Min.) P1 0.157 0.004 [4.0 0.10] 0.157 0.004 [4.0 0.10] 0.315 0.004 [8.0 0.10] T2 W 0.315 + 0.012 - 0.004 [8.0 + 0.3 - 0.1] 0.472 0.012 [12.0 0.30] 0.945 0.012 [24.0 0.03] (Note 1) A0 B0 K0
A0 (Top View)
TAPE SIZE 8mm 12mm 12mm Double Pitch Notes:
B1 (Max.)
(Note 6)
D1 (Min.)
(Note 5)
F 0.138 0.002 [3.5 0.05] 0.217 0.002 [5.5 0.05] 0.453 0.004 [11.5 0.03]
(Note 2)
(Max.)
0.179 [4.55] 0.323 [8.2] 0.323 [8.2]
0.039 [1.0] 0.059 [1.5] 0.059 [1.5]
0.984 [25.0] 1.181 [30.0] 1.181 [30.0]
0.098 [2.5] 0.256 [6.5] 0.256 [6.5]
1. A0B0K0 are determined by the maximum dimensions to the ends of the terminals extending from the component body and/or the body dimensions of the component. The clearance between the ends of the terminals or body of the component to the sides and depth of the cavity (A0B0K0) must be within .002" [0.05mm] minimum and .020" [0.50mm] maximum. The clearance allowed must also prevent rotation of the component within the cavity of not more than 20 degrees. 2. Tape with components shall pass around radius "R" without damage. The minimum trailer length may require additional length to provide R minimum for 12mm embossed tape for reels with hub diameters approaching N minimum. 3. This dimension is the flat area from the edge of the sprocket hole to either the outward deformation of the carrier tape between the embossed cavities or to the edge of the cavity whichever is less. 4. This dimension is the flat area from the edge of the carrier tape opposite the sprocket holes to either the outward deformation of the carrier tape between the embossed cavity or to the edge of the cavity whichever is less. 5. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 6. B1 dimension is a reference dimension for tape feeder clearance only. www.vishay.com 98 For technical questions, contact tantalum@vishay.com Document Number 40012 Revision 22-Nov-04


▲Up To Search▲   

 
Price & Availability of 591D686X004C2T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X