Part Number Hot Search : 
BPC2510 PCF0805H SLE66 471M16 57X00 P3407 2N493 S1T8501
Product Description
Full Text Search
 

To Download 40L15CT-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20568 rev. E 09/01
40L15CT 40L15CTS 40L15CT-1
SCHOTTKY RECTIFIER 2 x 20 Amps
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 19 Apk, TJ=125C (per leg, Typical)
Description/Features Units
A V A V The center tap Schottky rectifier module has been optimized for ultra low forward voltage drop specifically for the OR-ing of parallel power supplies. The proprietary barrier technology allows for reliable operation up to 125 C junction temperature. Typical applications are in parallel switching power supplies, converters, reverse battery protection, and redundant power subsystems. 125C TJ operation (VR < 5V) Center tap module Optimized for OR-ing applications Ultra low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
Values
40 15 700 0.25
- 55 to 125
C
Case Styles
40L15CT
40L15CTS
40L15CT-1
Base Common Cathode
2
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
TO-220AB www.irf.com
D2PAK
TO-262 1
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) @ TJ = 100 C VRWM Max. Working Peak Reverse Voltage (V) @ TJ = 100 C
Values
15
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 (Per Leg) (Per Device)
Values
20 40 700 330 10 2
Units
A
Conditions
50% duty cycle @ TC = 85C, rectangular wave form Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied 5s Sine or 3s Rect. pulse TJ = 25 C, IAS = 2 Amps, L = 6 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
I FSM Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 E AS I AR Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
A mJ A
Electrical Specifications
Parameters
VFM Forward Voltage Drop (Per Leg) * See Fig. 1
Values
Typ. Max. (1) 0.25 0.37 (1) 7.6 8 2000 0.41 0.52 0.33 0.50 10 600
Units
V V V V mA mA V m pF nH V/ s @ 19A @ 40A @ 19A @ 40A TJ = 25 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
I RM
Reverse Leakage Current (Per Leg) * See Fig. 2
TJ = 100 C TJ = TJ max.
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
0.182
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
10,000
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 125 -55 to 150 1.5 0.50 40 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthCS Typical Thermal Resistance Case to Heatsink RthJA Max. Thermal Resistance Junction to Ambient wt T Approximate Weight Mounting Torque
C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased Only for TO-220 C/W DC operation For D2Pak and TO-262 g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
2
www.irf.com
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
1 00 0 10 0 0 T J = 100 C 100 75 C 50 C
Reverse C urren t - I R (m A)
10
25 C 1
Instan ta n eo us Forw ard C ur ren t - I F (A )
100
0 .1 0 3 6 9 12 15 Reverse V oltag e - V R (V )
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage
1 00 0 0 Jun ction C a pa cita n ce - C T (pF) T J = 12 5 C TJ = 7 5 C TJ = 2 5 C
10
T J = 25 C
1 0 00
1 0 0 .2 0 .4 0.6 0.8 1 1 .2 1.4 1 .6 Forw a rd V olta ge D rop - V FM (V )
100 0 5 10 15 20 Reverse V olta ge - VR (V )
Fig. 1 - Maximum Forward Voltage Drop Characteristics
10 Th erm a l Im pedance Z thJC ( C /W )
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
1
D D D D D
= = = = =
0 .75 0 .50 0 .33 0 .25 0 .2 0
PD M
0 .1 Sin gle Pu lse (Therm a l Resista n ce) Notes:
t1 t2
1. D uty factor D = t 1/ t 2 2. Peak T J = P D M x Z thJC+ T C 0 .1 1 10 100
0 .0 1 0.00 00 1
0 .00 0 1
0 .0 01
0.0 1
t 1 , Re ctan g ular Pu lse D ura tio n (Seco nd s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
www.irf.com
3
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
1 00 Allow a b le Ca se Te m pera t ure - ( C ) A vera ge Pow er Loss - (W a tts) 95 90 85 80 75
se e no te ( 2)
14 12 10 8 6 4 2 0 0 4 8 12 16 20 24 0 5 10 15 20 25 30 A vera ge Forw ard C urren t - I F(AV) (A) A vera ge Forw a rd C urren t - I F(AV) (A) D D D D D = = = = = 0.20 0.25 0.33 0.50 0.75
RM S Lim it DC
Squa re w ave (D = 0.50)
70
Fig. 5 - Maximum Allowable Case Temperature Vs. Average Forward Current
1000 Non-Repetitive Surge C urrent - I FSM (A)
Fig. 6 - Forward Power Loss Characteristics
At An y Rated Load C ond ition An d W ith Rated V RRM Ap plied Follow in g Surg e 100 10
100
1000
10000
Sq uare W ave Pulse D uration - t p (m icrosec)
Fig. 7 - Maximum Non-Repetitive Surge Current
L H IG H -SPE ED SW ITC H FREE-W HE EL D IO D E 40H FL40S02 V d = 25 V olt
D UT
IRFP460 Rg = 25 ohm
+
C UR RE N T M O N ITO R
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
4
www.irf.com
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
Outline Table
10.54 (0.41) MAX. 3.78 (0.15) 3.54 (0.14) 15.24 (0.60) 14.84 (0.58) 123 14.09 (0.55) 13.47 (0.53) 3.96 (0.16) 3.55 (0.14) 2.04 (0.080) MAX. 1.40 (0.05) 1.15 (0.04) 0.94 (0.04) 0.69 (0.03)
1 2 Common Cathode 3
1.32 (0.05) DIA. 6.48 (0.25) 6.23 (0.24) 2 1.22 (0.05)
2.92 (0.11) 2.54 (0.10) TERM 2
0.10 (0.004)
Base Common Cathode
2.89 (0.11) 2.64 (0.10)
2
Anode
Anode
123 4.57 (0.18) 4.32 (0.17)
0.61 (0.02) MAX.
5.08 (0.20) REF.
Conform to JEDEC outline TO-220AB Dimensions in millimeters and (inches)
10.16 (0.40) REF.
4.69 (0.18) 4.20 (0.16)
1.32 (0.05)
6.47 (0.25)
15.49 (0.61)
1.22 (0.05)
93
6.18 (0.24)
14.73 (0.58)
2.61 (0.10)
2.32 (0.09) 8.89 (0.35)
5.28 (0.21) 4.78 (0.19)
0.55 (0.02) 0.46 (0.02)
Base Common Cathode
2
3X
1.40 (0.055)
REF.
0.93 (0.37) 0.69 (0.27)
1.14 (0.045) 2X
MINIMUM RECOMMENDED FOOTPRINT
11.43 (0.45)
1
2 Common Cathode
3
4.57 (0.18)
4.32 (0.17)
3
8.89 (0.35)
1
2
17.78 (0.70) 3.81 (0.15)
2.08 (0.08) 2X
Anode
Anode
0.61 (0.02) MAX. 5.08 (0.20) REF.
2.54 (0.10) 2X
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
www.irf.com
5
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
Outline Table
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
Base Common Cathode
2
1
Anode
2 Common Cathode
3
Anode
Marking Information
EXAMPLE: THIS IS A 40L15CTS
INTERNATIONAL RECTIFIER LOGO
(K)
PART NUMBER
40L15CTS 9906 9G3A
ASSEMBLY LOT CODE DATE CODE (YYWW) YY = YEAR WW = WEEK
(A)
(A)
6
www.irf.com
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059) 4.10 (0.161) 3.90 (0.153) 1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
FEED DIR ECTION
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532)
12.80 (0.504) DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN .
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and TRR.
Dimensions in millimeters and (inches)
Ordering Information Table
Device Code
40
1
L
2
15
3
C
4
T
5
-1
6
1 2 3 4 5 6
-
Current Rating: 40 = 40A L = Schottky L Series Voltage Rating: 15 = 15V C = Common Cathode T = TO-220 -1 = TO-262 option
www.irf.com
7
40L15CT, 40L15CTS, 40L15CT-1
Bulletin PD-20568 rev. E 09/01
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of 40L15CT-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X