Part Number Hot Search : 
MCL5232 16X5R PA847C04 ZRA125 SFM16 MR141L H838702S STACK
Product Description
Full Text Search
 

To Download 2SK1305 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK1305
Silicon N-Channel MOS FET
Application
TO-220FM
High speed power switching
Features
Low on-resistance High speed switching Low drive current 4 V gate drive device - Can be driven from 5 V source * Suitable for motor drive, DC-DC converter, power switch and solenoid drive * * * *
2
12 3
1 1. Gate 2. Drain 3. Source 3
Table 1 Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID ID(pulse)* IDR Pch** Tch Tstg Ratings 100 20 10 40 10 25 150 -55 to +150 Unit V V A A A W C C
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- * PW 10 s, duty cycle 1 % ** Value at TC = 25 C
2SK1305
Table 2 Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Gate to source leak current Zero gate voltage drain current Gate to source cutoff voltage Static drain to source on state resistance Symbol V(BR)DSS V(BR)GSS IGSS IDSS VGS(off) RDS(on) Min 100 Typ -- Max -- Unit V Test conditions ID = 10 mA, VGS = 0 IG = 100 A, VDS = 0 VGS = 16 V, VDS = 0 VDS = 80 V, VGS = 0 ID = 1 mA, VDS = 10 V ID = 5 A, VGS = 10 V *
-------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
20 -- -- V
--------------------------------------------------------------------------------------
-- -- 1.0 -- -- Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time * Pulse Test See characteristic curves of 2SK1300. |yfs| Ciss Coss Crss td(on) tr td(off) tf VDF trr 4.5 -- -- -- -- -- -- -- -- -- -- -- 0.20 0.25 7.0 525 205 60 5 50 170 75 1.2 10 250 2.0 0.25 0.35 -- -- -- -- -- -- -- -- -- S pF pF pF ns ns ns ns V IF = 10 A, VGS = 0 IF = 10 A, VGS = 0, diF/dt = 50 A/s ID = 5 A, VGS = 10 V, RL = 6 A A V
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------- ---------------------
ID = 5 A, VGS = 4 V * ID = 5 A, VDS = 10 V * VDS = 10 V, VGS = 0, f = 1 MHz
-------------------------------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- ---------------------------------------------------------------- -------------------------------------------------------------------------------------- --------------------------------------------------------------------------------------
-- 220 -- ns
--------------------------------------------------------------------------------------
2SK1305
Power vs. Temperature Derating 30 Channel Dissipation Pch (W) 100 30 Drain Current ID (A) 20 10 3 1.0 0.3 0.1 1
Maximum Safe Operation Area
ea Ar ) his S (on t in R D ny tio b ra ited e Op Lim is
10 s
0 10
1
s
PW
pe
D
C
(1 s m ms 10
n
=
O ra
tio
o sh
10
(T
t)
25 C )
C
=
Ta = 25C
0
50 100 Case Temperature TC (C)
150
10 100 300 1,000 3 30 Drain to Source Voltage VDS (V)
Normalized Transient Thermal Impedance S (t)
Normalized Transient Thermal Impedance vs. Pulse Width 3 TC = 25C 1.0 D=1 0.5 0.3 0.1 0.2 0.1 0.05 0.02 0.01 ulse P hot 1S 100 1m 10 m Pulse Width PW (s) 100 m ch-c (t) = S (t) * ch-c ch-c = 5.0C/W, TC = 25C PDM PW T 1 10 D = PW T
0.03 0.01 10


▲Up To Search▲   

 
Price & Availability of 2SK1305

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X