Part Number Hot Search : 
02100 M6008 MCL12 10A12 LF101 M68757L 101001 M68757L
Product Description
Full Text Search
 

To Download 2SJ506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ506(L), 2SJ506(S)
Silicon P Channel MOS FET High Speed Power Switching
ADE-208-548 Target Specification 1st. Edition Features
* Low on-resistance R DS(on) = 0.065 typ. (at V GS = -10V, I D = -5A) * Low drive current * High speed switching * 4V gate drive devices.
Outline
2SJ506(L), 2SJ506(S)
Absolute Maximum Ratings (Ta = 25C)
Item Drain to source voltage Gate to source voltage Drain current Drain peak current Body to drain diode reverse drain current Channel dissipation Channel temperature Storage temperature Notes: 1. PW 10s, duty cycle 1 % 2. Value at Tc = 25C Symbol VDSS VGSS ID I D(pulse) I DR Pch Tch Tstg
Note2 Note1
Ratings -30 20 -10 -40 -10 20 150 -55 to +150
Unit V V A A A W C C
Electrical Characteristics (Ta = 25C)
Item Drain to source breakdown voltage Gate to source breakdown voltage Zero gate voltege drain current Gate to source leak current Symbol V(BR)DSS V(BR)GSS I DSS I GSS Min -30 20 -- -- -1.0 -- -- 10 -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- 65 110 16 660 440 140 12 65 85 65 -1.05 65 Max -- -- -10 10 -2.0 85 180 -- -- -- -- -- -- -- -- -- -- Unit V V A A V m m S pF pF pF ns ns ns ns V ns I F = -10A, VGS = 0 I F = -10A, VGS = 0 diF/ dt = 50A/s Test Conditions I D = -10mA, VGS = 0 I G = 100A, VDS = 0 VDS = -30 V, VGS = 0 VGS = 16V, VDS = 0 I D = -1mA, VDS = -10V I D = -5A, VGS = -10VNote3 I D = -5A, VGS = -4V Note3 I D = -5A, VDS = -10V Note3 VDS = -10V VGS = 0 f = 1MHz I D = -5A, RL = 2 VGS = -10V
Gate to source cutoff voltage VGS(off) Static drain to source on state RDS(on) resistance Forward transfer admittance Input capacitance Output capacitance RDS(on) |yfs| Ciss Coss
Reverse transfer capacitance Crss Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse recovery time Note: 3. Pulse test t d(on) tr t d(off) tf VDF t rr
2
2SJ506(L), 2SJ506(S)
Main Characteristics
3
2SJ506(L), 2SJ506(S)
4
2SJ506(L), 2SJ506(S)
5
2SJ506(L), 2SJ506(S)
6
2SJ506(L), 2SJ506(S)
7
2SJ506(L), 2SJ506(S)
Package Dimensions
Unit: mm
8
2SJ506(L), 2SJ506(S)
When using this document, keep the following in mind: 1. This document may, wholly or partially, be subject to change without notice. 2. All rights are reserved: No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without Hitachi's permission. 3. Hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the user's unit according to this document. 4. Circuitry and other examples described herein are meant merely to indicate the characteristics and performance of Hitachi's semiconductor products. Hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. No license is granted by implication or otherwise under any patents or other rights of any third party or Hitachi, Ltd. 6. MEDICAL APPLICATIONS: Hitachi's products are not authorized for use in MEDICAL APPLICATIONS without the written consent of the appropriate officer of Hitachi's sales company. Such use includes, but is not limited to, use in life support systems. Buyers of Hitachi's products are requested to notify the relevant Hitachi sales offices when planning to use the products in MEDICAL APPLICATIONS.
9


▲Up To Search▲   

 
Price & Availability of 2SJ506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X