Part Number Hot Search : 
BFR505T BA7107 P3482 A72910 120N0 SMPC14A SMPC14A 74AUP1G
Product Description
Full Text Search
 

To Download 2SC4853 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number:EN4578A
NPN Epitaxial Planar Silicon Transistor
2SC4853
Low-Voltage, Low-Current High-Frequency Amplifier Applications
Features
* Low-voltage, low-current operation : fT=5GHz typ. (VCE=1V, IC=1mA) : S21e2=7dB typ (f=1GHz). : NF=2.6dB typ (f=1GHz).
Package Dimensions
unit:mm 2059B
[2SC4853]
0.425
0.3 3 0~0.1
1.250
2.1
0.425
1 2 0.65 0.65 2.0
0.3 0.9
0.6
Specifications
Absolute Maximum Ratings at Ta = 25C
Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Conditions
1 : Base 2 : Emitter 3 : Collector SANYO : MCP
Ratings 12 6 1.5 15 80 150 -55 to +150
0.2
0.15
Unit V V V mA mW C C
Electrical Characteristics at Ta = 25C
Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Symbol ICBO IEBO hFE fT Cob VCB=5V, IE=0 VEB=1V, IC=0 VCE=1V, IC=1mA VCE=1V, IC=1mA VCB=1V, f=1MHz 60* 5 0.6 1.0 Conditions Ratings min typ max 1.0 10 270* GHz pF Unit A A
* : The 2SC4853 is classified by 1mA hFE as follows :
60 3 120 90 4 180 135 5 270
Marking : CN hFE rank : 3, 4, 5
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
12099HA (KT)/20696YK/41894HO (KOTO) AX-9520 No.4578-1/4
2SC4853
Parameter Forward Transfer Gain Noise Figure Symbol | S21e |2 1 | S21e |2 2 NF1 NF2 Conditions VCE=1V, IC=1mA, f=1GHz VCE=2V, IC=3mA, f=1GHz VCE=1V, IC=1mA, f=1GHz VCE=2V, IC=3mA, f=1GHz Ratings min 4.5 typ 7 10.5 2.6 1.9 4.5 max Unit dB dB dB dB
No.4578-2/4
2SC4853
S parameter
No.4578-3/4
2SC4853
S parameter (Common emitter)
VCE=1V, IC=1mA, ZO=50
Freq (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 | S11 | 0.940 0.863 0.778 0.698 0.608 0.546 0.470 0.418 0.388 0.354 S11 -17.9 -33.7 -48.0 -60.5 -73.5 -84.7 -96.2 -106.4 -117.3 -127.0 | S21 | 3.228 2.983 2.732 2.469 2.320 2.106 1.977 1.826 1.700 1.615 S21 159.6 143.7 129.9 117.7 106.2 96.3 87.1 78.8 72.2 65.9 | S12 | 0.058 0.107 0.145 0.173 0.195 0.210 0.129 0.224 0.230 0.234 S12 77.1 66.6 58.1 50.9 45.4 40.9 37.6 35.3 33.8 32.9 | S22 | 0.972 0.914 0.844 0.773 0.717 0.668 0.624 0.590 0.562 0.546 S22 -12.2 -22.7 -31.7 -39.6 -46.0 -51.7 -56.5 -60.6 -64.3 -67.5
VCE=2V, IC=3mA, ZO=50
Freq (MHz) 200 400 600 800 1000 1200 1400 1600 1800 2000 | S11 | 0.839 0.672 0.536 0.431 0.360 0.310 0.265 0.242 0.228 0.217 S11 -30.6 -53.7 -71.7 -85.7 -99.0 -111.4 -122.6 -134.7 -148.0 -157.2 | S21 | 7.428 6.016 4.908 4.073 3.494 3.033 2.694 2.422 2.205 2.061 S21 149.3 128.5 113.6 101.9 92.7 84.4 77.4 70.9 65.9 60.8 | S12 | 0.050 0.083 0.105 0.121 0.135 0.150 0.162 0.175 0.189 0.205 S12 71.4 60.6 55.1 52.5 51.4 50.9 50.9 51.0 51.1 51.0 | S22 | 0.916 0.778 0.672 0.597 0.548 0.514 0.492 0.475 0.461 0.456 S22 -18.3 -30.2 -37.1 -41.9 -45.7 -49.2 -52.3 -55.6 -59.0 -61.8
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of January, 1999. Specifications and information herein are subject to change without notice.
PS No.4578-4/4


▲Up To Search▲   

 
Price & Availability of 2SC4853

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X