|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number : ENN3019B 2SC4412 NPN Triple Diffused Planar Silicon Transistor 2SC4412 TV Camera Deflection High-Voltage Driver Applications Features * * Package Dimensions unit : mm 2018B [2SC4412] 0.5 * * High breakdown voltage(VCEO300V). Small reverse transfer capacitance and excellent high frequency characteristic(Cre : 1.0pF typ). Excellent DC current gain ratio(hFE ratio : 0.95 typ). Adoption of FBET process. 0.4 3 0.16 0 to 0.1 1 0.95 0.95 2 1.9 2.9 0.5 1.5 2.5 0.8 1.1 1 : Base 2 : Emitter 3 : Collector SANYO : CP Specifications Absolute Maximum Ratings at Ta=25C Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Conditions Ratings 300 300 5 50 100 250 150 --55 to +150 Unit V V V mA mA mW C C Electrical Characteristics at Ta=25C Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Symbol ICBO IEBO hFE1 hFE2 Conditions VCB=200V, IE=0 VCE=4V, IC=0 VCE=6V, IC=0.1mA VCE=6V, IC=1mA Ratings min typ max 0.1 0.1 100* 100 320* Unit A A Marking : QT * : The 2SC4412 is classsified by 0.1mA hFE as follows. Rank 4 5 hFE 100 to 200 160 to 320 Continued on next page. Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein. SANYO Electric Co.,Ltd. Semiconductor Company TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 11502 TS IM / D1598HA (KT) / 5189MO, TS No.3019-1/3 2SC4412 Continued from preceding page. Parameter Gain-Bandwidth Product Output Capacitance Reverse Transfer Capacitance DC Current Gain Ratio Collector-to-Emitter Saturation Voltage Base-to-Emitter Saturation Voltage Collector-to-Base Breakdown Voltage Collector-to-Emitter Breakdown Voltage Emitter-to-Base Breakdown Voltage Symbol fT Cob Cre hFE ratio VCE(sat) VBE(sat) V(BR)CBO V(BR)CEO V(BR)EBO Conditions VCE=30V, IC=10mA VCB=30V, f=1MHz VCB=30V, f=1MHz hFE1 / hFE2 IC=10mA, IB=1mA IC=10mA, IB=1mA IC=10A, IE=0 IC=1mA, RBE= IC=10A, IC=0 300 300 5 Ratings min typ 70 1.5 1.0 0.95 1.0 1.0 V V V V V max Unit MHz pF pF 60 IC -- VBE VCE=6V 1000 7 5 hFE -- IC VCE=6V 50 Collector Current, IC -- mA 3 DC Current Gain, hFE 2 100 7 5 3 2 10 Ta=75C 25C 40 --25C Ta=75 C 25C 30 20 10 --25C 7 5 0 0 0.2 0.4 0.6 0.8 1.0 ITR06793 3 5 0.1 2 3 5 1.0 2 3 5 10 2 3 Base-to-Emitter Voltage, VBE -- V 2 Collector Current, IC -- mA 3 2 5 100 ITR06794 f T -- IC Cob -- VCB VCE=30V Output Capacitance, Cob -- pF f=1MHz Gain-Bandwidth Product, f T -- MHz 100 7 5 10 7 5 3 2 3 2 1.0 7 5 3 10 7 7 1.0 2 3 5 7 10 2 3 5 7 7 1.0 2 3 5 7 10 2 3 5 Collector Current, IC -- mA 3 ITR06795 10 7 Cre -- VCB Collector-to-Base Voltage, VCB -- V 7 100 2 ITR06796 VCE(sat) -- IC f=1MHz Collector-to-Emitter Saturation Voltage, VCE(sat) -- V Reverse Transfer Capacitance, Cre -- pF 2 IC / IB=10 5 3 2 1.0 7 5 3 2 0.1 7 5 3 10 7 5 3 2 1.0 7 5 3 7 1.0 2 3 5 7 10 2 3 5 Ta=75C 25C --25C 7 1.0 2 3 5 7 10 2 3 5 7 Collector-to-Base Voltage, VCB -- 7 100 2 V ITR06797 Collector Current, IC -- mA ITR06798 No.3019-2/3 2SC4412 10 7 VBE(sat) -- IC IC / IB=10 280 250 240 PC -- Ta Base-to-Emitter Saturation Voltage, VBE(sat) -- V 5 Collector Dissipation, PC -- mW 2 3 5 7 200 3 2 160 120 1.0 7 5 Ta= --25C 25C 80 75C 40 0 3 7 1.0 2 3 5 7 10 0 20 40 60 80 100 120 140 160 Collector Current, IC -- mA ITR06799 Ambient Temperature, Ta -- C ITR06800 Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of January, 2002. Specifications and information herein are subject to change without notice. PS No.3019-3/3 |
Price & Availability of 2SC4412 |