Part Number Hot Search : 
CH040S Z5257B MSP10A MSP10A SF806 RTL8305 681JO0 M63807K
Product Description
Full Text Search
 

To Download 2SB1207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SB1207
Silicon PNP epitaxial planer type
For low-voltage output amplification
Unit: mm
4.00.2 2.00.2
q q
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
(Ta=25C)
Ratings -15 -10 -7 -1 - 0.5 300 150 -55 ~ +150 Unit V V V A A mW C C
1:Emitter 2:Collector 3:Base
1 2 3 0.45+0.20 -0.10 (2.5) (2.5) 0.45+0.20 -0.10 0.70.1
15.60.5
(0.8)
q
Low collector to emitter saturation voltage VCE(sat). Optimum for high-density mounting. Allowing supply with the radial taping.
0.75 max.
7.6
s Features
(0.8) 3.00.2
NS-B1 Package
s Electrical Characteristics
Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage Emitter to base voltage Forward current transfer ratio
(Ta=25C)
Symbol ICBO VCBO VCEO VEBO hFE
*1
Conditions VCB = -10V, IE = 0 IC = -10A, IE = 0 IC = -1mA, IB = 0 IE = -10A, IC = 0 VCE = -2V, IC = -0.5A*2 VCE = -2V, IC = -1A*2 IC = -0.4A, IB = -8mA IC = -0.4A, IB = -8mA VCB = -10V, IE = 50mA, f = 200MHz VCB = -10V, IE = 0, f = 1MHz
min
typ
max -100
Unit nA V V V
-15 -10 -7 130 60 - 0.16 - 0.8 130 22
*2
350
hFE2 Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance VCE(sat) VBE(sat) fT Cob
- 0.3 -1.2
V V MHz pF
Pulse measurement
*1h
FE1
Rank classification
R 130 ~ 220 S 180 ~ 350
Rank hFE1
228
Transistor
PC -- Ta
500 -1.2 Ta=25C 450 -1.0 IB=-10mA -9mA -8mA -7mA -6mA -5mA -4mA -3mA -2mA -1mA
2SB1207
IC -- VCE
-100
VBE(sat) -- IC
Base to emitter saturation voltage VBE(sat) (V)
IC/IB=50
Collector power dissipation PC (mW)
-30 -10 -3 25C -1 Ta=-25C 75C
350 300 250 200 150 100 50 0 0 20 40 60 80 100 120 140 160
Collector current IC (A)
400
- 0.8
- 0.6
- 0.4
- 0.3 - 0.1
- 0.2
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
0 0 -1 -2 -3 -4 -5 -6
-1
-3
-10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VCE(sat) -- IC
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C IC/IB=50 600
hFE -- IC
200 VCE=-2V 180 500
fT -- I E
VCB=-10V Ta=25C
Forward current transfer ratio hFE
Transition frequency fT (MHz)
-1 -3 -10
160 140 120 100 80 60 40 20
400
Ta=75C 25C
300
- 0.3 - 0.1
-25C 200
100
- 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
0 - 0.01 - 0.03 - 0.1 - 0.3
0 1 3 10 30 100
Collector current IC (A)
Collector current IC (A)
Emitter current IE (mA)
Cob -- VCB
80
Collector output capacitance Cob (pF)
70 60 50 40 30 20 10 0 -1
IE=0 f=1MHz Ta=25C
-3
-10
-30
-100
Collector to base voltage VCB (V)
229
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company.
Please read the following notes before using the datasheets
A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited.
2001 MAR


▲Up To Search▲   

 
Price & Availability of 2SB1207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X